Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC100LVEL39DW Datasheet(PDF) 1 Page - Motorola, Inc

No. de pieza MC100LVEL39DW
Descripción Electrónicos  첨2/4,첨4/6 Clock Generation Chip
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MOTOROLA [Motorola, Inc]
Página de inicio  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC100LVEL39DW Datasheet(HTML) 1 Page - Motorola, Inc

  MC100LVEL39DW Datasheet HTML 1Page - Motorola, Inc MC100LVEL39DW Datasheet HTML 2Page - Motorola, Inc MC100LVEL39DW Datasheet HTML 3Page - Motorola, Inc MC100LVEL39DW Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
4–1
REV 2
© Motorola, Inc. 1996
3/96
÷2/4, ÷4/6 Clock
Generation Chip
The MC100LVEL39 is a low skew
÷2/4, ÷4/6 clock generation chip
designed explicitly for low skew clock generation applications. The
MC100EL39 is pin and functionally equivalent to the MC100LVEL39 but
is specified for operation at the standard 100K ECL voltage supply. The
internal dividers are synchronous to each other, therefore, the common
output edges are all precisely aligned. The device can be driven by either
a differential or single-ended LVECL or, if positive power supplies are
used, LVPECL input signal. In addition, by using the VBB output, a
sinusoidal source can be AC coupled into the device (see Interfacing
section of the ECLinPS
™ Data Book DL140/D). If a single-ended input is
to be used, the VBB output should be connected to the CLK input and
bypassed to ground via a 0.01
µF capacitor. The VBB output is designed to
act as the switching reference for the input of the LVEL39 under
single-ended input conditions, as a result, this pin can only source/sink up
to 0.5mA of current.
The common enable (EN) is synchronous so that the internal dividers
will only be enabled/disabled when the internal clock is already in the
LOW state. This avoids any chance of generating a runt clock pulse on
the internal clock when the device is enabled/disabled as can happen
with an asynchronous control. An internal runt pulse could lead to losing
synchronization between the internal divider stages. The internal enable
flip-flop is clocked on the falling edge of the input clock, therefore, all
associated specification limits are referenced to the negative edge of the
clock input.
Upon startup, the internal flip-flops will attain a random state; therefore,
for systems which utilize multiple LVEL39s, the master reset (MR) input
must be asserted to ensure synchronization. For systems which only use
one LVEL39, the MR pin need not be exercised as the internal divider
design ensures synchronization between the
÷2/4 and the ÷4/6 outputs of
a single device.
50ps Output-to-Output Skew
Synchronous Enable/Disable
Master Reset for Synchronization
75kΩ Internal Input Pulldown Resistors
>2000V ESD Protection
Low Voltage VEE Range of –3.0 to –3.8V
CLK
Pinout: 20-Lead SOIC (Top View)
CLK
MR
VCC
17
18
16
15
14
13
12
4
3
5
6
7
8
9
Q0
11
10
Q1
Q1
Q2
Q2
Q3
Q3
VEE
EN
19
20
2
1
VCC
Q0
DIVSELb
VBB
VCC
NC DIVSELa
MC100LVEL39
MC100EL39
DW SUFFIX
PLASTIC SOIC PACKAGE
CASE 751D-04
1
20
PIN
FUNCTION
CLK
Diff Clock Inputs
EN
Sync Enable
MR
Master Reset
VBB
Reference Output
Q0, Q1
Diff
÷2/4 Outputs
Q2, Q3
Diff
÷4/6 Outputs
DIVSEL
Frequency Select Input
PIN DESCRIPTION
CLK
Z
ZZ
X
EN
L
H
X
MR
L
L
H
FUNCTION
Divide
Hold Q0–3
Reset Q0–3
FUNCTION TABLE
Z = Low-to-High Transition
ZZ = High-to-Low Transition
DIVSELa
Q0, Q1 OUTPUTS
0
Divide by 2
1
Divide by 4
DIVSELb
Q2, Q3 OUTPUTS
0
Divide by 4
1
Divide by 6


Número de pieza similar - MC100LVEL39DW

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC100LVEL39DW ONSEMI-MC100LVEL39DW Datasheet
120Kb / 6P
   3.3V ECL 첨2/4, 첨4/6 Clock Generation Chip
November, 2006 ??Rev. 9
MC100LVEL39DWG ONSEMI-MC100LVEL39DWG Datasheet
120Kb / 6P
   3.3V ECL 첨2/4, 첨4/6 Clock Generation Chip
November, 2006 ??Rev. 9
MC100LVEL39DWR2 ONSEMI-MC100LVEL39DWR2 Datasheet
120Kb / 6P
   3.3V ECL 첨2/4, 첨4/6 Clock Generation Chip
November, 2006 ??Rev. 9
MC100LVEL39DWR2G ONSEMI-MC100LVEL39DWR2G Datasheet
120Kb / 6P
   3.3V ECL 첨2/4, 첨4/6 Clock Generation Chip
November, 2006 ??Rev. 9
MC100LVEL39DWR2G ONSEMI-MC100LVEL39DWR2G Datasheet
160Kb / 6P
   3.3V ECL Clock Generation Chip
July, 2016 ??Rev. 11
More results

Descripción similar - MC100LVEL39DW

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Micrel Semiconductor
SY100S839V MICREL-SY100S839V Datasheet
68Kb / 5P
   첨2/4, 첨4/5/6 CLOCK GENERATION CHIP
logo
ON Semiconductor
MC100LVEL38 ONSEMI-MC100LVEL38 Datasheet
128Kb / 5P
   첨2, 첨4/6 Clock Generation Chip
1996 REV 1
logo
Micrel Semiconductor
SY100S839V MICREL-SY100S839V_06 Datasheet
64Kb / 6P
   첨2/4, 첨4/5/6 CLOCK GENERATION CHIP
logo
ON Semiconductor
MC100EP139 ONSEMI-MC100EP139 Datasheet
140Kb / 8P
   첨2/4, 첨4./5/6 Clock Generation Chip
December, 1999 ??Rev. 1
MC100EL39 ONSEMI-MC100EL39 Datasheet
120Kb / 7P
   5V ECL 첨2/4, 첨4/6 Clock Generation Chip
November, 2006 ??Rev. 6
logo
Micrel Semiconductor
SY100S838 MICREL-SY100S838_06 Datasheet
483Kb / 5P
   (첨1, 첨2/3) OR (첨2, 첨4/6) CLOCK GENERATION CHIP
logo
ON Semiconductor
MC100EL38 ONSEMI-MC100EL38_06 Datasheet
122Kb / 7P
   5V ECL 첨2, 첨4/6 Clock Generation Chip
October, 2006 ??Rev. 7
logo
Micrel Semiconductor
SY100S838 MICREL-SY100S838 Datasheet
73Kb / 4P
   (첨1, 첨2/3) OR (첨2, 첨4/6) CLOCK GENERATION CHIP
logo
ON Semiconductor
MC100LVEL39 ONSEMI-MC100LVEL39 Datasheet
120Kb / 6P
   3.3V ECL 첨2/4, 첨4/6 Clock Generation Chip
November, 2006 ??Rev. 9
MC100LVEL38 ONSEMI-MC100LVEL38_06 Datasheet
123Kb / 7P
   3.3V ECL 첨2, 첨4/6 Clock Generation Chip
November, 2006 ??Rev. 8
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com