Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MCH6124 Datasheet(PDF) 1 Page - Sanyo Semicon Device

No. de pieza MCH6124
Descripción Electrónicos  PNP Epitaxial Planar Silicon Transistor Load Switch Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SANYO [Sanyo Semicon Device]
Página de inicio  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

MCH6124 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  MCH6124 Datasheet HTML 1Page - Sanyo Semicon Device MCH6124 Datasheet HTML 2Page - Sanyo Semicon Device MCH6124 Datasheet HTML 3Page - Sanyo Semicon Device MCH6124 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MCH6124
No. A1605-1/4
Specifications of any and all SANYO Semiconductor Co.,Ltd. products described or contained herein stipulate
the performance, characteristics, and functions of the described products in the independent state, and are
not guarantees of the performance, characteristics, and functions of the described products as mounted in the
customer
's products or equipment. To verify symptoms and states that cannot be evaluated in an
independent device, the customer should always evaluate and test devices mounted in the customer
's
products or equipment.
Any and all SANYO Semiconductor Co.,Ltd. products described or contained herein are, with regard to
"standard application", intended for the use as general electronics equipment (home appliances, AV equipment,
communication device, office equipment, industrial equipment etc.). The products mentioned herein shall not
be intended for use for any "special application" (medical equipment whose purpose is to sustain life,
aerospace instrument, nuclear control device, burning appliances, transportation machine, traffic signal
system, safety equipment etc.) that shall require extremely high level of reliability and can directly threaten
human lives in case of failure or malfunction of the product or may cause harm to human bodies, nor shall they
grant any guarantee thereof. If you should intend to use our products for applications outside the standard
applications of our customer who is considering such use and/or outside the scope of our intended standard
applications, please consult with us prior to the intended use. If there is no consultation or inquiry before the
intended use, our customer shall be solely responsible for the use.
Applications
Load switch, DC-DC converter, motor drivers, charger.
Features
Adoption of MBIT process.
High current capacitance.
Low collector-to-emitter saturation voltage.
High speed switching.
Ultrasmall-sized package permitting applied sets to be made small and slim (0.85mm).
High allowable power dissipation.
IECO is guaranteed for preventing reverse flow from the collector to the emitter.
Specifications
Absolute Maximum Ratings at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
Collector-to-Base Voltage
VCBO
-20
V
Collector-to-Emitter Voltage
VCEO
-20
V
Emitter-to-Base Voltage
VEBO
-5
V
Collector Current
IC
-3
A
Collector Current (Pulse)
ICP
-5
A
Base Current
IB
-600
mA
Collector Dissipation
PC
When mounted on ceramic substrate (600mm2×0.8mm)
1W
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
-55 to +150
°C
Marking : BA
Ordering number : ENA1605
11310EA TK IM TC-00002231
SANYO Semiconductors
DATA SHEET
MCH6124 PNPEpitaxialPlanarSiliconTransistor
Load Switch Applications
www.semiconductor-sanyo.com/network


Número de pieza similar - MCH6124

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MCH6124 ONSEMI-MCH6124 Datasheet
520Kb / 6P
   Bipolar Transistor -20V, -3A, Low VCE(sat), PNP Single MCPH6
September, 2013
MCH6124-TL-E ONSEMI-MCH6124-TL-E Datasheet
520Kb / 6P
   Bipolar Transistor -20V, -3A, Low VCE(sat), PNP Single MCPH6
September, 2013
More results

Descripción similar - MCH6124

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
FP208 SANYO-FP208 Datasheet
98Kb / 3P
   PNP Epitaxial Planar Silicon Transistor Driver Applications
2SB1737 SANYO-2SB1737 Datasheet
35Kb / 3P
   PNP Epitaxial Planar Silicon Darlington Transistor Driver Applications
ECH8504 SANYO-ECH8504 Datasheet
298Kb / 4P
   PNP Epitaxial Planar Silicon Transistor Motor Drive Applications
ECH8505 SANYO-ECH8505 Datasheet
297Kb / 4P
   PNP Epitaxial Planar Silicon Transistor Motor Drive Applications
FP213 SANYO-FP213 Datasheet
88Kb / 3P
   PNP Epitaxial Planar Silicon Transistor Motor Driver Applications
2SB1664 SANYO-2SB1664 Datasheet
43Kb / 4P
   PNP Epitaxial Planar Silicon Darlington Transistor Driver Applications
FC105 SANYO-FC105 Datasheet
43Kb / 2P
   PNP Epitaxial Planar Silicon Composite Transistor (Switching Applications)
FC113 SANYO-FC113 Datasheet
53Kb / 2P
   PNP Epitaxial Planar Silicon Composite Transistor Switching Applications
ECH8503 SANYO-ECH8503 Datasheet
329Kb / 4P
   PNP Epitaxial Planar Silicon Transistor Motor Drive Applications
FC115 SANYO-FC115 Datasheet
53Kb / 2P
   PNP Epitaxial Planar Silicon Composite Transistor Switching Applications
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com