Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

0603E050330NRR Datasheet(PDF) 9 Page - Ceramate Technical

No. de pieza 0603E050330NRR
Descripción Electrónicos  Zinc Oxide
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CERAMATE [Ceramate Technical]
Página de inicio  http://www.ceramate.com.tw
Logo CERAMATE - Ceramate Technical

0603E050330NRR Datasheet(HTML) 9 Page - Ceramate Technical

  0603E050330NRR Datasheet HTML 1Page - Ceramate Technical 0603E050330NRR Datasheet HTML 2Page - Ceramate Technical 0603E050330NRR Datasheet HTML 3Page - Ceramate Technical 0603E050330NRR Datasheet HTML 4Page - Ceramate Technical 0603E050330NRR Datasheet HTML 5Page - Ceramate Technical 0603E050330NRR Datasheet HTML 6Page - Ceramate Technical 0603E050330NRR Datasheet HTML 7Page - Ceramate Technical 0603E050330NRR Datasheet HTML 8Page - Ceramate Technical 0603E050330NRR Datasheet HTML 9Page - Ceramate Technical  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
TYPE
SMV0603E
□□□□□□□□RR MODEL
PAGE
9/9
CITATION
DATE
Feb. 06, 2009
SUBJECT
Reel Dimension
REV.
C01
7. REEL DIMENSION
E
C
B
D
W1
A
W
Symbol
A
B
C
D
E
W
W1
Unit(mm)
178±1
60±0.5
13±0.2
21±0.2
2.0±0.5
9±0.5
1.5±0.15
Standard packaging:1000 pcs/Reel.


Número de pieza similar - 0603E050330NRR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cooper Bussmann, Inc.
0603ESDA COOPER-0603ESDA Datasheet
348Kb / 2P
   0603ESDA-TR1 ESD Suppressor PolySurg??TR Series
logo
Shanghai Leiditech Elec...
0603ESDA-24 LEIDITECH-0603ESDA-24 Datasheet
193Kb / 5P
   Rated peak single pulse transient current Capacitance
logo
Eaton All Rights Reserv...
0603ESDA-MLP EATON-0603ESDA-MLP Datasheet
302Kb / 4P
   ESD suppressor
logo
Cooper Bussmann, Inc.
0603ESDA-MLP7 COOPER-0603ESDA-MLP7 Datasheet
134Kb / 2P
   MLP Series ESD Suppressor
logo
List of Unclassifed Man...
0603ESDA-TR ETC1-0603ESDA-TR Datasheet
135Kb / 3P
   PolySURG TR Series ESD Suppressor
More results

Descripción similar - 0603E050330NRR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Ceramate Technical
SMV0402E CERAMATE-SMV0402E Datasheet
252Kb / 9P
   Zinc Oxide
SMV0402M CERAMATE-SMV0402M Datasheet
251Kb / 9P
   Zinc Oxide
SMV1210A CERAMATE-SMV1210A Datasheet
250Kb / 9P
   Zinc Oxide
SMV0402A CERAMATE-SMV0402A Datasheet
250Kb / 9P
   Zinc Oxide
SMV0805M CERAMATE-SMV0805M Datasheet
251Kb / 9P
   Zinc Oxide
SMV1206A CERAMATE-SMV1206A Datasheet
250Kb / 9P
   Zinc Oxide
SMV1812A CERAMATE-SMV1812A Datasheet
250Kb / 9P
   Zinc Oxide
SMV2220A CERAMATE-SMV2220A Datasheet
250Kb / 9P
   Zinc Oxide
SMV1206M CERAMATE-SMV1206M Datasheet
251Kb / 9P
   Zinc Oxide
SMV0603M CERAMATE-SMV0603M Datasheet
251Kb / 9P
   Zinc Oxide
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com