Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

SMV1206M Datasheet(PDF) 4 Page - Ceramate Technical

No. de Pieza. SMV1206M
Descripción  Zinc Oxide
Descarga  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  CERAMATE [Ceramate Technical]
Página de inicio  http://www.ceramate.com.tw
Logo 

SMV1206M Datasheet(HTML) 4 Page - Ceramate Technical

   
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
TYPE
SMV1206M
□□□KRR MODEL
PAGE
4/9
CITATION
DATE
Feb. 03, 2009
SUBJECT
Reliability
REV.
C01
3. ENVIRONMENTAL CHARACTERISTICS
No. Characteristic
Test method and description
3.1
High Temperature
Storage
The specimen shall be subjected to 150 ± 2℃ for 1000 ± 12 hours in a thermostatic bath
without load and then stored at room temperature and humidity for 1 to 2 hours.
The change of varistor voltage shall be within 10﹪.
Step
Temperature
Period
1
-40±3℃
30Min±3
2
Room Temperature
1~2 hours
3
125±2℃
30Min±3
3.2 Temperature Cycle
The temperature cycle of specified
temperature shall be repeated five times
and then stored at room temperature and
humidity for one or two hours. The
change of varistor voltage shall be within
10﹪and mechanical damage shall be
4
Room Temperature
1~2 hours
3.3
High Temperature
Load
After being continuously applied the maximum allowable voltage at 85 ± 2℃ For 1000± 2
hours, the specimen shall be stored at room temperature and humidity for one or two
hours, the change of varistor voltage shall be within 10﹪.
3.4
Damp Heat Load/
Humidity Load
The specimen should be subjected to 40 ± 2℃, 90 to 95%RH environment, and the
maximum allowable voltage applied for 1000 hours, then stored at room temperature
and humidity for one or two hours. The change of varistor voltage shall be within 10%.
3.5
Low Temperature
Storage
The specimen should be subjected to -40 ± 2℃, without load for 500 hours and then
stored at room temperature for one or two hours. The change of varistor voltage shall be
within 10﹪
4. TECHNICAL TERM
No.
Item
Specifications
Description
4.1
Operating Temperature
Range
-40℃ to +85℃
Operating temperature range without derating.
4.2
Storage Temperature
Range
-40℃ to +125℃
Storage temperature range without voltage applied.
4.3
Transient Response
Time
< 50 ns
Time lag between application of surge and varistor's
"turn-on" conduction action.


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn