Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

SMV1206M Datasheet(PDF) 1 Page - Ceramate Technical

No. de Pieza. SMV1206M
Descripción  Zinc Oxide
Descarga  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  CERAMATE [Ceramate Technical]
Página de inicio  http://www.ceramate.com.tw
Logo 

SMV1206M Datasheet(HTML) 1 Page - Ceramate Technical

   
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
TYPE
SMV1206M
□□□KRR MODEL
PAGE
1/9
CITATION
DATE
Feb. 03, 2009
SUBJECT
Structure
REV.
C01
1. STRUCTURE
NO.
ITEM
DESCRIPTION
1.1
Main Material
Zinc Oxide
1.2
End termination
Ag/Ni/Sn
1.3
Packaging
Reel
1.4
Complies with
Standard
IEC61000-4-5
1.5 Complies with RoHS
Standard
Yes
1.6
Lead content
< 1000ppm
1.7
Reflow solder profile
temperature
(Recommend)
250 ℃
L
3.20 ± 0.20
W
1.60 ± 0.15
T(max.)
1.50
a
0.5 ± 0.2
1.8
Dimensions


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn