Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SMV1812M Datasheet(PDF) 2 Page - Ceramate Technical

No. de pieza SMV1812M
Descripción Electrónicos  Zinc Oxide
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CERAMATE [Ceramate Technical]
Página de inicio  http://www.ceramate.com.tw
Logo CERAMATE - Ceramate Technical

SMV1812M Datasheet(HTML) 2 Page - Ceramate Technical

  SMV1812M Datasheet HTML 1Page - Ceramate Technical SMV1812M Datasheet HTML 2Page - Ceramate Technical SMV1812M Datasheet HTML 3Page - Ceramate Technical SMV1812M Datasheet HTML 4Page - Ceramate Technical SMV1812M Datasheet HTML 5Page - Ceramate Technical SMV1812M Datasheet HTML 6Page - Ceramate Technical SMV1812M Datasheet HTML 7Page - Ceramate Technical SMV1812M Datasheet HTML 8Page - Ceramate Technical SMV1812M Datasheet HTML 9Page - Ceramate Technical  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
TYPE
SMV1812M
□□□KRR MODEL
PAGE
2/9
CITATION
DATE
Feb. 03, 2009
SUBJECT
Electrical Characteristics
REV.
C01
2. ELECTRICAL CHARACTERISTICS
N0.
ITEM
PERFORMANCE
TEST METHODS
2.0
Standard
Conditions
Unless otherwise specified, all tests are made
under environmental conditions as given below:
Temperature:
5~35°C
Relative humidity:
45~85 % RH
2.1
Maximum
Allowable Voltage
AC : *(1) Vrms
DC : *(1) V
Maximum continuous sine wave(RMS) or DC
voltage which may be applied.
2.2
Varistor Voltage
V0.1mA : *(1) V Voltage across the varistor measured at CmA DC.
2.3
Varistor Voltage
Temperature
Coefficient
0 ~
−0.05 %/°C
2.4
Max. Clamping
Voltage
*(1) V at 1 A
Peak voltage across the varistor with a specified
peak impulse current of 8x20
μs waveform.
2.5
Withstanding Surge
Current
*(1) A
The max. current within the varistor voltage
change of less than
±10% when one impulse
current (8x20
μs) applied.
2.6
Energy
*(1) Joule
The max. energy absorbed with a varistor voltage
change of less than
±10% when one impulse
(10x1000
μs) is applied.
2.7
Response time
Trise
< 1 nS
I V v
<50
μΑ
at V1mA×80%
2.8
Leakage current
I V v
<200
μA
at V1mA×80% (After Reliability Test)
2.9
Capacitance
*(1) pF.
Capacitance shall be measured at 1 kHz±10%,1
Vrms max.(1 MHz below 100 pF) 0V bias and
20±2℃
*(1) See table 2.1 Electrical Characteristics


Número de pieza similar - SMV1812M

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Ceramate Technical
SMV1812A CERAMATE-SMV1812A Datasheet
250Kb / 9P
   Zinc Oxide
More results

Descripción similar - SMV1812M

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Ceramate Technical
SMV0402E CERAMATE-SMV0402E Datasheet
252Kb / 9P
   Zinc Oxide
SMV0402M CERAMATE-SMV0402M Datasheet
251Kb / 9P
   Zinc Oxide
SMV1210A CERAMATE-SMV1210A Datasheet
250Kb / 9P
   Zinc Oxide
SMV0402A CERAMATE-SMV0402A Datasheet
250Kb / 9P
   Zinc Oxide
SMV0603E CERAMATE-SMV0603E Datasheet
251Kb / 9P
   Zinc Oxide
SMV0805M CERAMATE-SMV0805M Datasheet
251Kb / 9P
   Zinc Oxide
SMV1206A CERAMATE-SMV1206A Datasheet
250Kb / 9P
   Zinc Oxide
SMV1812A CERAMATE-SMV1812A Datasheet
250Kb / 9P
   Zinc Oxide
SMV2220A CERAMATE-SMV2220A Datasheet
250Kb / 9P
   Zinc Oxide
SMV1206M CERAMATE-SMV1206M Datasheet
251Kb / 9P
   Zinc Oxide
SMV0603M CERAMATE-SMV0603M Datasheet
251Kb / 9P
   Zinc Oxide
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com