Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

0603E120820NRR Datasheet(PDF) 2 Page - Ceramate Technical

No. de Pieza. 0603E120820NRR
Descripción  Zinc Oxide
Descarga  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  CERAMATE [Ceramate Technical]
Página de inicio  http://www.ceramate.com.tw
Logo 

0603E120820NRR Datasheet(HTML) 2 Page - Ceramate Technical

   
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
TYPE
SMV0603E
□□□□□□□□RR MODEL
PAGE
2/9
CITATION
DATE
Feb. 06, 2009
SUBJECT
Electrical Characteristics
REV.
C01
2. ELECTRICAL CHARACTERISTICS
N0.
ITEM
PERFORMANCE
TEST METHODS
2.0
Standard
Conditions
Unless otherwise specified, all tests are made
under environmental conditions as given below:
Temperature:
5~35°C
Relative humidity:
45~85 % RH
2.1
Maximum
Allowable Voltage
AC : *(1) Vrms
DC : *(1) V
Maximum continuous sine wave(RMS) or DC
voltage which may be applied.
2.2
Varistor Voltage
V0.1mA : *(1) V Voltage across the varistor measured at CmA DC.
2.3
Varistor Voltage
Temperature
Coefficient
0 ~
−0.05 %/°C
2.4
Max. Clamping
Voltage
*(1) V at 1 A
Peak voltage across the varistor with a specified
peak impulse current of 8x20
μs waveform.
2.5
ESD Trigger
Voltage (VT)
<
*(1)V
2.6
Response time
Trise
< 1 nS
ILDC
<*(1)
μΑ
at V1mA×80%
2.7
Leakage current
I
LDCA <*(1)μA
at V1mA×80% (After ESD Test)
2.8
Capacitance
*(1) pF.
Capacitance shall be measured at 1 MHz,1 Vrms
max. 0V bias and 20±2℃
*(1) See table 2.1 Electrical Characteristics


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn