Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

0603E240130NRR Datasheet(PDF) 5 Page - Ceramate Technical

No. de Pieza. 0603E240130NRR
Descripción  Zinc Oxide
Descarga  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  CERAMATE [Ceramate Technical]
Página de inicio  http://www.ceramate.com.tw
Logo 

0603E240130NRR Datasheet(HTML) 5 Page - Ceramate Technical

   
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
TYPE
SMV0603E
□□□□□□□□RR MODEL
PAGE
5/9
CITATION
DATE
Feb. 06, 2009
SUBJECT
Soldering
REV.
C01
5. SOLDERING RECOMMENDATIONS
5.1 Recommended solder pad layout
A
B
C
D
0.9~1.2
2.7~3.2
0.7~1.0
0.9~1.2
Unit:mm)
5.2 The SIR test of the solder paste shall be done(Based on JIS-Z-3284)
5.3 Steel plate and foot distance printing
Foot distance printing (mm)
Steel Plate thickness (mm)
> 0.65mm
0.18mm
0.65mm~0.5mm
0.15mm
0.50mm~0.40mm
0.12mm
<=0.40 mm
0.10mm
5.4 IR Soldering
Rapid heating, partial heating or rapid cooling will easily cause defect of the component. So preheating and
gradual cooling process is suggested. IR soldering has the highest yields due to controlled heating rates and
solder liquids times. Make sure that the element is not 2.4 The IR reflow and temperature of Soldering for Pb
Free subjected to a thermal gradient steeper than 4 degrees per second. 2 degrees per second is the ideal
gradient. During the soldering process, pre- heating to within 100 degrees of the solders peak temperature is
essential to minimize thermal shock.


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn