Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BC-0512D2 Datasheet(PDF) 3 Page - Bothhand USA, LP.

No. de pieza BC-0512D2
Descripción Electrónicos  1.5 to 3 W att Isolated DC-DC Converter Single / Dual Regulated Output
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  BOTHHAND [Bothhand USA, LP.]
Página de inicio  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

BC-0512D2 Datasheet(HTML) 3 Page - Bothhand USA, LP.

  BC-0512D2 Datasheet HTML 1Page - Bothhand USA, LP. BC-0512D2 Datasheet HTML 2Page - Bothhand USA, LP. BC-0512D2 Datasheet HTML 3Page - Bothhand USA, LP. BC-0512D2 Datasheet HTML 4Page - Bothhand USA, LP. BC-0512D2 Datasheet HTML 5Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Bothhand USA
www.bothhand.com
sales@bothhandusa.com
BC Series 1.5 to 3 Watt Isolated DC-DC Converter
Single / Dual Regulated Output
462 Boston St - Topsfield, MA 01983 - Phone: 978-887-8050 - Fax: 978-887-5434
Page
Mechanical Dimension: ( Single O/P )
(1). Plastic Case:
(2). Nickel Coated Metal Case:
Pin
Single Output
Pin
1
N.C.
N.C.
24
2
+Vin
-Vin
23
3
22
4
21
5
20
6
19
7
18
8
17
9
16
10
15
11
---
---
14
12
Vo (-)
Vo (+)
13
Note:” --- “ means Omitted
Units : mm ( inch )
Tolerance : .xx ± 0.25
( ± 0.01 )
3


Número de pieza similar - BC-0512D2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Bothhand USA, LP.
BC-0512D2 BOTHHAND-BC-0512D2 Datasheet
466Kb / 5P
   1.5 to 3 Watt Isolated DC-DC Converter Single / Dual Regulated Output
BC-0512D2(H)LF BOTHHAND-BC-0512D2(H)LF Datasheet
220Kb / 2P
   1.5~3W Isolated DC/DC Converter
More results

Descripción similar - BC-0512D2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Bothhand USA, LP.
BC-053R6S1 BOTHHAND-BC-053R6S1_1 Datasheet
466Kb / 5P
   1.5 to 3 Watt Isolated DC-DC Converter Single / Dual Regulated Output
B5-053R6S1 BOTHHAND-B5-053R6S1 Datasheet
860Kb / 5P
   1.5 to 3 Watt Isolated DC-DC Converter Single / Dual Regulated Output
B4-0503SS BOTHHAND-B4-0503SS Datasheet
227Kb / 3P
   0.6 to 1.5 Watt Isolated DC-DC Converter Single Regulated Output
B4-0503DS BOTHHAND-B4-0503DS Datasheet
218Kb / 3P
   0.6 to 1.5 Watt Isolated DC-DC Converter Single Regulated Output
logo
Power Systems GmbH+Co.K...
CERS-0505M POWER-SYSTEMS-CERS-0505M Datasheet
246Kb / 5P
   DC-DC Converter UNIT 1.5 W REGULATED DC-DC CONVERTER
logo
MORNSUN Science& Techno...
URA2405LD-20WR2 MORNSUN-URA2405LD-20WR2 Datasheet
1Mb / 10P
   REGULATED SINGLE/DUAL OUTPUT DC-DC CONVERTER
logo
GAPTEC Electronic GmbH ...
1S8W-2RP GAPTEC-1S8W-2RP Datasheet
958Kb / 3P
   1W - Dual/Single Output - Wide Input - Isolated & Regulated DC-DC Converter
1S8W-3RP GAPTEC-1S8W-3RP Datasheet
841Kb / 4P
   1W - Dual/Single Output - Wide Input - Isolated & Regulated DC-DC Converter
logo
Microdc power Technolog...
WRA-YD-2W MICRODC-WRA-YD-2W Datasheet
484Kb / 3P
   2W, WIDE INPUT, ISOLATED & REGULATED DUAL/SINGLE OUTPUT DC-DC CONVERTER
logo
GAPTEC Electronic GmbH ...
2TC12W4 GAPTEC-2TC12W4 Datasheet
854Kb / 3P
   2W - Single/Dual Output DC-DC Converter - Wide Input - Isolated & Regulated
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com