Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LSBK3333-S135 Datasheet(PDF) 3 Page - LIGITEK electronics co., ltd.

No. de pieza LSBK3333-S135
Descripción Electrónicos  ROUND TYPE LED LAMPS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LIGITEK [LIGITEK electronics co., ltd.]
Página de inicio  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LSBK3333-S135 Datasheet(HTML) 3 Page - LIGITEK electronics co., ltd.

  LSBK3333-S135 Datasheet HTML 1Page - LIGITEK electronics co., ltd. LSBK3333-S135 Datasheet HTML 2Page - LIGITEK electronics co., ltd. LSBK3333-S135 Datasheet HTML 3Page - LIGITEK electronics co., ltd. LSBK3333-S135 Datasheet HTML 4Page - LIGITEK electronics co., ltd. LSBK3333-S135 Datasheet HTML 5Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Water Clear
Lens
COLOR
Note : 1.The forward voltage data did not including
±0.1V testing tolerance.
2. The luminous intensity data did not including
±15% testing tolerance.
Absolute Maximum Ratings at Ta=25
IFP
PD
IF
Ir
Tstg
Topr
Tsol
ESD
Symbol
Typical Electrical & Optical Characteristics (Ta=25
)
Operating Temperature
MATERIAL
PART NO
InGaN/SiC
LSBK3333/S135
Blue
Emitted
Soldering Temperature
Storage Temperature
Forward Current
Reverse Current @5V
Electrostatic Discharge
Power Dissipation
Peak Forward Current
Duty 1/10@10KHz
Parameter
-20 ~ +80
Luminous
intensity
@
mA(mcd)
Viewing
angle
2
θ 1/2
(deg)
Dominant
wave
length
λDnm
Peak
wave
length
λPnm
Forward
voltage
@20mA(V)
Typ.
470
468
4.2
3.5
300
160
Max.
Typ.
Min.
30
Max 260
for 5 sec Max
(2mm from body)
-30 ~ +100
30
mA
150
50
120
100
V
μA
mA
mW
Absolute Maximum Ratings
SBK
UNIT
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
PART NO.
Page 2/4
20
LSBK3333/S135
Spectral
halfwidth
△λnm
26


Número de pieza similar - LSBK3333-S135

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
LIGITEK electronics co....
LSBK3333-H0 LIGITEK-LSBK3333-H0 Datasheet
107Kb / 6P
   ROUND TYPE LED LAMPS
More results

Descripción similar - LSBK3333-S135

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
LIGITEK electronics co....
L8I2041-PF LIGITEK-L8I2041-PF Datasheet
116Kb / 6P
   ROUND TYPE LED LAMPS
L8SEF3330-PF LIGITEK-L8SEF3330-PF Datasheet
131Kb / 6P
   ROUND TYPE LED LAMPS
L8G2040-PF LIGITEK-L8G2040-PF Datasheet
111Kb / 6P
   ROUND TYPE LED LAMPS
LUY2040 LIGITEK-LUY2040 Datasheet
103Kb / 5P
   ROUND TYPE LED LAMPS
LDBK12740 LIGITEK-LDBK12740 Datasheet
70Kb / 5P
   ROUND TYPE LED LAMPS
LDBK13733-OD LIGITEK-LDBK13733-OD Datasheet
112Kb / 6P
   ROUND TYPE LED LAMPS
LDBK13740 LIGITEK-LDBK13740 Datasheet
111Kb / 6P
   ROUND TYPE LED LAMPS
LDBK13742-OD LIGITEK-LDBK13742-OD Datasheet
115Kb / 6P
   ROUND TYPE LED LAMPS
LDBK32243 LIGITEK-LDBK32243 Datasheet
111Kb / 6P
   ROUND TYPE LED LAMPS
LDBK42443Z-S10 LIGITEK-LDBK42443Z-S10 Datasheet
114Kb / 6P
   ROUND TYPE LED LAMPS
LDBK63233-P1 LIGITEK-LDBK63233-P1 Datasheet
99Kb / 5P
   ROUND TYPE LED LAMPS
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com