Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LSD1505-62-PF Datasheet(PDF) 8 Page - LIGITEK electronics co., ltd.

No. de pieza LSD1505-62-PF
Descripción Electrónicos  SINGLE DIGIT LED DISPLAY (1.5 Inch)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LIGITEK [LIGITEK electronics co., ltd.]
Página de inicio  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LSD1505-62-PF Datasheet(HTML) 8 Page - LIGITEK electronics co., ltd.

  LSD1505-62-PF Datasheet HTML 1Page - LIGITEK electronics co., ltd. LSD1505-62-PF Datasheet HTML 2Page - LIGITEK electronics co., ltd. LSD1505-62-PF Datasheet HTML 3Page - LIGITEK electronics co., ltd. LSD1505-62-PF Datasheet HTML 4Page - LIGITEK electronics co., ltd. LSD1505-62-PF Datasheet HTML 5Page - LIGITEK electronics co., ltd. LSD1505-62-PF Datasheet HTML 6Page - LIGITEK electronics co., ltd. LSD1505-62-PF Datasheet HTML 7Page - LIGITEK electronics co., ltd. LSD1505-62-PF Datasheet HTML 8Page - LIGITEK electronics co., ltd. LSD1505-62-PF Datasheet HTML 9Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Page 7/8
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Time(sec)
150
260
°C3sec Max
5
°/sec
max
100
2
°/sec
max
Preheat
50
260°
Temp(
°C)
120°
0
25°
60 Seconds Max
Soldering Condition(Pb-Free)
1.Iron:
Soldering Iron:30W Max
Temperature 350
°C Max
Soldering Time:3 Seconds Max(One time only)
Distance:Solder Temperature 1/16 Inch Below Seating
Plane For 3 Seconds At 260
°C
2.Wave Soldering Profile
Dip Soldering
Preheat: 120
°C Max
Preheat time: 60seconds Max
Ramp-up
2
°C/sec(max)
Ramp-Down:-5
°C/sec(max)
Solder Bath:260
°C Max
Dipping Time:3 seconds Max
Distance:Solder Temperature 1/16 Inch Below Seating
Plane For 3 Seconds At 260
°C
Note: 1.Wave solder should not be made more than one time.
2.You can just only select one of the soldering conditions as above.
LSD1505/62-PF
PART NO.


Número de pieza similar - LSD1505-62-PF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
LIGITEK electronics co....
LSD1505-65F-XX-PF LIGITEK-LSD1505-65F-XX-PF Datasheet
136Kb / 9P
   SINGLE DIGIT LED DISPLAY (1.5 Inch)
More results

Descripción similar - LSD1505-62-PF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
LIGITEK electronics co....
LSD1505-65F-XX-PF LIGITEK-LSD1505-65F-XX-PF Datasheet
136Kb / 9P
   SINGLE DIGIT LED DISPLAY (1.5 Inch)
logo
PARA LIGHT ELECTRONICS ...
A-1505G PARALIGHT-A-1505G Datasheet
195Kb / 10P
   1.5 INCH SINGLE DIGIT DISPLAY
logo
China Semiconductor Cor...
CSS-15104M9 CHINASEMI-CSS-15104M9 Datasheet
187Kb / 6P
   1.5 Inch Single Digit Display
CSS-15104T9 CHINASEMI-CSS-15104T9 Datasheet
188Kb / 6P
   1.5 Inch Single Digit Display
CSS-15104V9 CHINASEMI-CSS-15104V9 Datasheet
183Kb / 6P
   1.5 Inch Single Digit Display
logo
PARA LIGHT ELECTRONICS ...
A-1505Y PARALIGHT-A-1505Y Datasheet
205Kb / 10P
   1.5 INCH SINGLE DIGIT DISPLAY
C-1505Y PARALIGHT-C-1505Y Datasheet
193Kb / 10P
   1.5 INCH SINGLE DIGIT DISPLAY
A-1505E PARALIGHT-A-1505E Datasheet
197Kb / 10P
   1.5 INCH SINGLE DIGIT DISPLAY
logo
China Semiconductor Cor...
CSS-15104B7 CHINASEMI-CSS-15104B7 Datasheet
181Kb / 6P
   1.5 Inch Single Digit Display
CSS-15104G CHINASEMI-CSS-15104G Datasheet
184Kb / 6P
   1.5 Inch Single Digit Display
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com