Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LSR2040-T Datasheet(PDF) 3 Page - LIGITEK electronics co., ltd.

No. de pieza LSR2040-T
Descripción Electrónicos  LOW CURRENT ROUND TYPE LED LAMPS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LIGITEK [LIGITEK electronics co., ltd.]
Página de inicio  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LSR2040-T Datasheet(HTML) 3 Page - LIGITEK electronics co., ltd.

  LSR2040-T Datasheet HTML 1Page - LIGITEK electronics co., ltd. LSR2040-T Datasheet HTML 2Page - LIGITEK electronics co., ltd. LSR2040-T Datasheet HTML 3Page - LIGITEK electronics co., ltd. LSR2040-T Datasheet HTML 4Page - LIGITEK electronics co., ltd. LSR2040-T Datasheet HTML 5Page - LIGITEK electronics co., ltd. LSR2040-T Datasheet HTML 6Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Storage Temperature
Tstg
-40 ~ +100
Red
Soldering Temperature
Note : 1.The forward voltage data did not including ±0.1V testing tolerance.
2. The luminous intensity data did not including ±15% testing tolerance.
Typical Electrical & Optical Characteristics (Ta=25 )
Emitted
MATERIAL
PART NO
LSR2040/T
GaAlAs
Spectral
halfwidth
△λ
nm
Peak
wave
length
λPnm
Viewing
angle
2θ 1/2
(deg)
Red Diffused
Lens
660
20
2.0
Max.
1.5
Min.
6.5
Min.
36
12
Typ.
Max 260for 5 sec Max
(2mm from body)
COLOR
Tsol
Luminous
intensity
@2mA(mcd)
Forward
voltage
@2mA(V)
Absolute Maximum Ratings at Ta=25
PART NO. LSR2040/T
Forward Current
Peak Forward Current
Duty 1/10@10KHz
Power Dissipation
Reverse Current @5V
Operating Temperature
Parameter
Page 2/4
100
SR
10
-40 ~ +85
Ratings
100
IF
Topr
Ir
PD
IFP
Symbol
mA
30
μA
mA
mW
UNIT
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only


Número de pieza similar - LSR2040-T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
LIGITEK electronics co....
LSR2040-1-T-PF-TBS-X LIGITEK-LSR2040-1-T-PF-TBS-X Datasheet
126Kb / 7P
   ROUND TYPE LED LAMPS
LSR2040-1/T-PF/TBS-X LIGITEK-LSR2040-1/T-PF/TBS-X Datasheet
126Kb / 7P
   ROUND TYPE LED LAMPS
LSR2040-P1-PF LIGITEK-LSR2040-P1-PF Datasheet
80Kb / 6P
   SUPER BRIGHT ROUND TYPE LED LAMPS
LSR2040-PF LIGITEK-LSR2040-PF Datasheet
111Kb / 6P
   SUPER BRIGHT ROUND TYPE LED LAMPS
More results

Descripción similar - LSR2040-T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
LIGITEK electronics co....
LSR2640-T-PF LIGITEK-LSR2640-T-PF Datasheet
111Kb / 6P
   LOW CURRENT ROUND TYPE LED LAMPS
LVY3331-T-PF LIGITEK-LVY3331-T-PF Datasheet
106Kb / 6P
   LOW CURRENT ROUND TYPE LED LAMPS
LSR2640-1-T1-PF LIGITEK-LSR2640-1-T1-PF Datasheet
208Kb / 7P
   LOW CURRENT ROUND TYPE LED LAMPS
LSRF2640-1-T-PF LIGITEK-LSRF2640-1-T-PF Datasheet
111Kb / 6P
   LOW CURRENT ROUND TYPE LED LAMPS
LUR3331-T-PF LIGITEK-LUR3331-T-PF Datasheet
106Kb / 6P
   LOW CURRENT ROUND TYPE LED LAMPS
LVY3330-T LIGITEK-LVY3330-T Datasheet
92Kb / 5P
   LOW CURRENT ROUND TYPE LED LAMPS
LVG2040-T LIGITEK-LVG2040-T Datasheet
115Kb / 6P
   LOW CURRENT ROUND TYPE LED LAMPS
LHR25230-T-PF LIGITEK-LHR25230-T-PF Datasheet
111Kb / 6P
   LOW CURRENT ROUND TYPE LED LAMPS
LY3330-T-PF LIGITEK-LY3330-T-PF Datasheet
129Kb / 6P
   LOW CURRENT ROUND TYPE LED LAMPS
LDBK3331-T LIGITEK-LDBK3331-T Datasheet
111Kb / 6P
   LOW CURRENT ROUND TYPE LED LAMPS
LVG3330-T LIGITEK-LVG3330-T Datasheet
92Kb / 5P
   LOW CURRENT ROUND TYPE LED LAMPS
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com