Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LSR11243-PF Datasheet(PDF) 2 Page - LIGITEK electronics co., ltd.

No. de pieza LSR11243-PF
Descripción Electrónicos  SUPER BRIGHT TOWER TYPE LED LAMPS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LIGITEK [LIGITEK electronics co., ltd.]
Página de inicio  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LSR11243-PF Datasheet(HTML) 2 Page - LIGITEK electronics co., ltd.

  LSR11243-PF Datasheet HTML 1Page - LIGITEK electronics co., ltd. LSR11243-PF Datasheet HTML 2Page - LIGITEK electronics co., ltd. LSR11243-PF Datasheet HTML 3Page - LIGITEK electronics co., ltd. LSR11243-PF Datasheet HTML 4Page - LIGITEK electronics co., ltd. LSR11243-PF Datasheet HTML 5Page - LIGITEK electronics co., ltd. LSR11243-PF Datasheet HTML 6Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
25.0MIN
Directivity Radiation
Note : 1.All dimension are in millimeter tolerance is
±0.25mm unless otherwise noted.
2.Specifications are subject to change without notice.
100%
-60
°
60
°
100%
50%
75%
25%
0
50%
25%
75%
-30
°
30
°
0
°
+
-
2.54TYP
1.0MIN
PART NO. LSR11243-PF
Package Dimensions
Page 1/5
3.0
3.3
1.8
0.5
TYP
1.5MAX
1.6
2.4
R1.7
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only


Número de pieza similar - LSR11243-PF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
LIGITEK electronics co....
LSR11243 LIGITEK-LSR11243 Datasheet
70Kb / 5P
   TOWER TYPE LED LAMPS
More results

Descripción similar - LSR11243-PF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
LIGITEK electronics co....
LSR1130-PF LIGITEK-LSR1130-PF Datasheet
111Kb / 6P
   SUPER BRIGHT TOWER TYPE LED LAMPS
LURF42741-PF LIGITEK-LURF42741-PF Datasheet
110Kb / 6P
   SUPER BRIGHT TOWER TYPE LED LAMPS
LVG42741 LIGITEK-LVG42741 Datasheet
102Kb / 5P
   SUPER BRIGHT TOWER TYPE LED LAMPS
LHRF11240-PF LIGITEK-LHRF11240-PF Datasheet
111Kb / 6P
   SUPER BRIGHT TOWER TYPE LED LAMPS
LSR3333 LIGITEK-LSR3333 Datasheet
544Kb / 6P
   SUPER BRIGHT TOWER TYPE LED LAMPS
LSE11241 LIGITEK-LSE11241 Datasheet
70Kb / 5P
   SUPER BRIGHT TOWER TYPE LED LAMPS
LVG1340 LIGITEK-LVG1340 Datasheet
73Kb / 5P
   SUPER BRIGHT TOWER TYPE LED LAMPS
LUE21233 LIGITEK-LUE21233 Datasheet
93Kb / 5P
   SUPER BRIGHT TOWER TYPE LED LAMPS
LVY42741-PF LIGITEK-LVY42741-PF Datasheet
108Kb / 6P
   SUPER BRIGHT TOWER TYPE LED LAMPS
LUR11240H-S4-PF LIGITEK-LUR11240H-S4-PF Datasheet
112Kb / 6P
   SUPER BRIGHT TOWER TYPE LED LAMPS
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com