Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LSRF4730-PF Datasheet(PDF) 3 Page - LIGITEK electronics co., ltd.

No. de pieza LSRF4730-PF
Descripción Electrónicos  SUPER BRIGHT ROUND TYPE LED LAMPS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LIGITEK [LIGITEK electronics co., ltd.]
Página de inicio  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LSRF4730-PF Datasheet(HTML) 3 Page - LIGITEK electronics co., ltd.

  LSRF4730-PF Datasheet HTML 1Page - LIGITEK electronics co., ltd. LSRF4730-PF Datasheet HTML 2Page - LIGITEK electronics co., ltd. LSRF4730-PF Datasheet HTML 3Page - LIGITEK electronics co., ltd. LSRF4730-PF Datasheet HTML 4Page - LIGITEK electronics co., ltd. LSRF4730-PF Datasheet HTML 5Page - LIGITEK electronics co., ltd. LSRF4730-PF Datasheet HTML 6Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
PART NO. LSRF4730-PF
*Static Electricity or power surge will damage the LED. Use of a conductive wrist band or anti-electrosatic
glove is recommended when handing these LED. All devices, equipment and machinery must be properly
grounded.
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
UNIT
Red
mW
mA
V
μA
75
65
10
25
mA
Symbol
IFP
PD
Ir
ESD
IF
Ratings
2000
Page 2/5
Parameter
Power Dissipation
Peak Forward Current
Duty 1/10@10KHz
Reverse Current @5V
Forward Current
Electrostatic Discharge( * )
Absolute Maximum Ratings at Ta=25
Tstg
COLOR
-40 ~ +100
Typ.
38
176
Min.
21
Min.
1.5
Max.
2.4
20
630
Lens
Emitted
Red Diffused
Dominant
wave
length
λDnm
Luminous
intensity
@20mA(mcd)
Viewing
angle
2
θ 1/2
(deg)
Forward
voltage
@20mA(V)
Spectral
halfwidth
△λnm
Storage Temperature
AlGaInP
LSRF4730-PF
PART NO
MATERIAL
Red
Typical Electrical & Optical Characteristics (Ta=25
)
Note : 1.The forward voltage data did not including
±0.1V testing tolerance.
2. The luminous intensity data did not including
±15% testing tolerance.
-40 ~ +85
Operating Temperature
Topr


Número de pieza similar - LSRF4730-PF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
LIGITEK electronics co....
LSRF42241-TRF-X LIGITEK-LSRF42241-TRF-X Datasheet
122Kb / 7P
   TAPE AND REEL TYPE LED LAMPS
LSRF42241/TRF-X LIGITEK-LSRF42241/TRF-X Datasheet
122Kb / 7P
   TAPE AND REEL TYPE LED LAMPS
LSRF42940-PF LIGITEK-LSRF42940-PF Datasheet
110Kb / 6P
   SUPER BRIGHT ROUND TYPE LED LAMPS
LSRF42941-PF-TBF-X LIGITEK-LSRF42941-PF-TBF-X Datasheet
126Kb / 7P
   TAPE AND BOX TYPE LED LAMPS
LSRF42941-PF-TRF-X LIGITEK-LSRF42941-PF-TRF-X Datasheet
138Kb / 8P
   TAPE AND REEL TYPE LED LAMPS
More results

Descripción similar - LSRF4730-PF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
LIGITEK electronics co....
L8SRF3330-PF LIGITEK-L8SRF3330-PF Datasheet
141Kb / 6P
   SUPER BRIGHT ROUND TYPE LED LAMPS
L9SEF2040-PF LIGITEK-L9SEF2040-PF Datasheet
111Kb / 6P
   SUPER BRIGHT ROUND TYPE LED LAMPS
L9SEF2043-W74 LIGITEK-L9SEF2043-W74 Datasheet
119Kb / 6P
   SUPER BRIGHT ROUND TYPE LED LAMPS
L9UG3833-PF LIGITEK-L9UG3833-PF Datasheet
111Kb / 6P
   SUPER BRIGHT ROUND TYPE LED LAMPS
L9UG42241-PF LIGITEK-L9UG42241-PF Datasheet
111Kb / 6P
   SUPER BRIGHT ROUND TYPE LED LAMPS
L10URF3333S LIGITEK-L10URF3333S Datasheet
224Kb / 5P
   SUPER BRIGHT ROUND TYPE LED LAMPS
LURF2043-PF LIGITEK-LURF2043-PF Datasheet
110Kb / 6P
   SUPER BRIGHT ROUND TYPE LED LAMPS
LURF13440S-PF LIGITEK-LURF13440S-PF Datasheet
118Kb / 6P
   SUPER BRIGHT ROUND TYPE LED LAMPS
LURF3333S LIGITEK-LURF3333S Datasheet
67Kb / 5P
   SUPER BRIGHT ROUND TYPE LED LAMPS
LVG13741-PF LIGITEK-LVG13741-PF Datasheet
122Kb / 6P
   SUPER BRIGHT ROUND TYPE LED LAMPS
LVG13743-PF LIGITEK-LVG13743-PF Datasheet
122Kb / 6P
   SUPER BRIGHT ROUND TYPE LED LAMPS
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com