Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LSRFUG42292-PF Datasheet(PDF) 3 Page - LIGITEK electronics co., ltd.

No. de pieza LSRFUG42292-PF
Descripción Electrónicos  DUAL COLOR LED LAMPS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LIGITEK [LIGITEK electronics co., ltd.]
Página de inicio  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LSRFUG42292-PF Datasheet(HTML) 3 Page - LIGITEK electronics co., ltd.

  LSRFUG42292-PF Datasheet HTML 1Page - LIGITEK electronics co., ltd. LSRFUG42292-PF Datasheet HTML 2Page - LIGITEK electronics co., ltd. LSRFUG42292-PF Datasheet HTML 3Page - LIGITEK electronics co., ltd. LSRFUG42292-PF Datasheet HTML 4Page - LIGITEK electronics co., ltd. LSRFUG42292-PF Datasheet HTML 5Page - LIGITEK electronics co., ltd. LSRFUG42292-PF Datasheet HTML 6Page - LIGITEK electronics co., ltd. LSRFUG42292-PF Datasheet HTML 7Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
PART NO. LSRFUG42292-PF
630
Dominant
wave
length
λDnm
Tstg
Storage Temperature
-40 ~ +100
Forward
voltage
@20mA(V)
1.5
1.7
Min.
Note : 1.The forward voltage data did not including
±0.1V testing tolerance.
2. The luminous intensity data did not including
±15% testing tolerance.
Typical Electrical & Optical Characteristics (Ta=25
)
Spectral
halfwidth
△λnm
MATERIAL
PART NO
Red
Green
Emitted
LSRFUG42292-PF
AlGaInP
White Diffused
Lens
30
20
COLOR
Viewing
angle
2
θ 1/2
(deg)
Luminous
intensity
@20mA(mcd)
120
120
Typ.
2.6
65
2.4
Typ.
65
Min.
60
60
-40 ~ +85
Ratings
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Absolute Maximum Ratings at Ta=25
Forward Current
Operating Temperature
Reverse Current @5V
Power Dissipation
Peak Forward Current
Duty 1/10@10KHz
Parameter
25
IF
Topr
Ir
PD
IFP
10
75
65
Symbol
Red
Page 2/6
mA
25
10
65
75
μA
mA
mW
Green
UNIT
AlGaInP
574


Número de pieza similar - LSRFUG42292-PF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
LIGITEK electronics co....
LSRFUG42292-S1-PF LIGITEK-LSRFUG42292-S1-PF Datasheet
126Kb / 7P
   DUAL COLOR LED LAMPS
More results

Descripción similar - LSRFUG42292-PF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
LIGITEK electronics co....
LHRF9UG2692-R12-PF LIGITEK-LHRF9UG2692-R12-PF Datasheet
149Kb / 7P
   DUAL COLOR LED LAMPS
LHRF9UG23092-P1 LIGITEK-LHRF9UG23092-P1 Datasheet
88Kb / 6P
   DUAL COLOR LED LAMPS
LHRF9UG42292-R1-PF LIGITEK-LHRF9UG42292-R1-PF Datasheet
125Kb / 7P
   DUAL COLOR LED LAMPS
LHRF9UG42293-S14-PF LIGITEK-LHRF9UG42293-S14-PF Datasheet
113Kb / 7P
   DUAL COLOR LED LAMPS
LHY9UG34063-R1-PF LIGITEK-LHY9UG34063-R1-PF Datasheet
129Kb / 7P
   DUAL COLOR LED LAMPS
LSBKS9UG2093 LIGITEK-LSBKS9UG2093 Datasheet
125Kb / 7P
   DUAL COLOR LED LAMPS
LSRF9UG42292-R1-PF LIGITEK-LSRF9UG42292-R1-PF Datasheet
125Kb / 7P
   DUAL COLOR LED LAMPS
LSRFSBK2093-R1-PF LIGITEK-LSRFSBK2093-R1-PF Datasheet
161Kb / 7P
   DUAL COLOR LED LAMPS
LSRFSBKS3393-R1 LIGITEK-LSRFSBKS3393-R1 Datasheet
122Kb / 7P
   DUAL COLOR LED LAMPS
LSRFVG2092-R1 LIGITEK-LSRFVG2092-R1 Datasheet
110Kb / 6P
   DUAL COLOR LED LAMPS
LSRFVY3392-R1-PF LIGITEK-LSRFVY3392-R1-PF Datasheet
126Kb / 7P
   DUAL COLOR LED LAMPS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com