Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LSRFVG9553-TR1 Datasheet(PDF) 3 Page - LIGITEK electronics co., ltd.

No. de pieza LSRFVG9553-TR1
Descripción Electrónicos  SURFACE MOUNT LED TAPE AND REEL
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LIGITEK [LIGITEK electronics co., ltd.]
Página de inicio  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LSRFVG9553-TR1 Datasheet(HTML) 3 Page - LIGITEK electronics co., ltd.

  LSRFVG9553-TR1 Datasheet HTML 1Page - LIGITEK electronics co., ltd. LSRFVG9553-TR1 Datasheet HTML 2Page - LIGITEK electronics co., ltd. LSRFVG9553-TR1 Datasheet HTML 3Page - LIGITEK electronics co., ltd. LSRFVG9553-TR1 Datasheet HTML 4Page - LIGITEK electronics co., ltd. LSRFVG9553-TR1 Datasheet HTML 5Page - LIGITEK electronics co., ltd. LSRFVG9553-TR1 Datasheet HTML 6Page - LIGITEK electronics co., ltd. LSRFVG9553-TR1 Datasheet HTML 7Page - LIGITEK electronics co., ltd. LSRFVG9553-TR1 Datasheet HTML 8Page - LIGITEK electronics co., ltd. LSRFVG9553-TR1 Datasheet HTML 9Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
ψ178±2.0
74.0
±1.5
LSRFVG9553/TR1
Part No.
Description
12.0mm tape,7"reel
Quantity/Reel
1500 devices
Reel Dimensions
14.2
±1.0
16.0
±1.0
PART NO. LSRFVG9553/TR1
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
2/8
Page


Número de pieza similar - LSRFVG9553-TR1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
LIGITEK electronics co....
LSRFVG2062 LIGITEK-LSRFVG2062 Datasheet
118Kb / 6P
   BIPOLAR TYPE LED LAMPS
LSRFVG2092 LIGITEK-LSRFVG2092 Datasheet
109Kb / 6P
   DUAL COLOR LED LAMPS
LSRFVG2092-PF LIGITEK-LSRFVG2092-PF Datasheet
125Kb / 7P
   DUAL COLOR LED LAMPS
LSRFVG2092-R1 LIGITEK-LSRFVG2092-R1 Datasheet
110Kb / 6P
   DUAL COLOR LED LAMPS
LSRFVG2092/R1 LIGITEK-LSRFVG2092/R1 Datasheet
110Kb / 6P
   DUAL COLOR LED LAMPS
More results

Descripción similar - LSRFVG9553-TR1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
LIGITEK electronics co....
L3WK9Q53-T150-TR1-WW-A02 LIGITEK-L3WK9Q53-T150-TR1-WW-A02 Datasheet
400Kb / 14P
   SURFACE MOUNT LED TAPE AND REEL
LDGM9553-TR1-A01 LIGITEK-LDGM9553-TR1-A01 Datasheet
342Kb / 12P
   SURFACE MOUNT LED TAPE AND REEL
LDUV9553Z-TR1 LIGITEK-LDUV9553Z-TR1 Datasheet
402Kb / 12P
   SURFACE MOUNT LED TAPE AND REEL
L3DGM5050-TR1 LIGITEK-L3DGM5050-TR1 Datasheet
258Kb / 11P
   SURFACE MOUNT LED TAPE AND REEL
L3WK9Q53-T150-TR1-CW-A01 LIGITEK-L3WK9Q53-T150-TR1-CW-A01 Datasheet
285Kb / 13P
   SURFACE MOUNT LED TAPE AND REEL
L3WK9Q53-T150-TR1-NW-A01 LIGITEK-L3WK9Q53-T150-TR1-NW-A01 Datasheet
417Kb / 14P
   SURFACE MOUNT LED TAPE AND REEL
L3WK9Q53-TR1-P-WW LIGITEK-L3WK9Q53-TR1-P-WW Datasheet
234Kb / 14P
   SURFACE MOUNT LED TAPE AND REEL
L3WK9Q53-TR1-P-WW-A01 LIGITEK-L3WK9Q53-TR1-P-WW-A01 Datasheet
232Kb / 14P
   SURFACE MOUNT LED TAPE AND REEL
L3WK9Q53-TR1-WW LIGITEK-L3WK9Q53-TR1-WW Datasheet
406Kb / 14P
   SURFACE MOUNT LED TAPE AND REEL
L9SEFWK9553 LIGITEK-L9SEFWK9553 Datasheet
352Kb / 15P
   SURFACE MOUNT LED TAPE AND REEL
LDBK9UG9553-R9-B01 LIGITEK-LDBK9UG9553-R9-B01 Datasheet
314Kb / 13P
   SURFACE MOUNT LED TAPE AND REEL
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com