Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LSSD205-66F-XX Datasheet(PDF) 7 Page - LIGITEK electronics co., ltd.

No. de pieza LSSD205-66F-XX
Descripción Electrónicos  SINGLE DIGIT SMD DISPLAY
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LIGITEK [LIGITEK electronics co., ltd.]
Página de inicio  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LSSD205-66F-XX Datasheet(HTML) 7 Page - LIGITEK electronics co., ltd.

Back Button LSSD205-66F-XX Datasheet HTML 2Page - LIGITEK electronics co., ltd. LSSD205-66F-XX Datasheet HTML 3Page - LIGITEK electronics co., ltd. LSSD205-66F-XX Datasheet HTML 4Page - LIGITEK electronics co., ltd. LSSD205-66F-XX Datasheet HTML 5Page - LIGITEK electronics co., ltd. LSSD205-66F-XX Datasheet HTML 6Page - LIGITEK electronics co., ltd. LSSD205-66F-XX Datasheet HTML 7Page - LIGITEK electronics co., ltd. LSSD205-66F-XX Datasheet HTML 8Page - LIGITEK electronics co., ltd. LSSD205-66F-XX Datasheet HTML 9Page - LIGITEK electronics co., ltd. LSSD205-66F-XX Datasheet HTML 10Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
600
Wavelength (nm)
550
0
700
650
0.5
0.5
20
Ambient Temperature(
)
Fig.5 Relative Intensity vs. Wavelength
1.0
Ambient Temperature(
)
0.8
-0
-20
-40
60
40
20
80
100
0
-40
-20
-0
60
40
80
100
Fig.4 Relative Intensity vs. Temperature
2.5
1.0
0.9
1.1
1.5
1.0
2.0
Fig.3 Forward Voltage vs. Temperature
1.2
3.0
100
Forward Current(mA)
Forward Voltage(V)
1.5
1.0
0.1
2.5
2.0
3.0
1.0
10
0
1.0
10
0.5
1.0
1.5
2.0
100
1000
Fig.2 Relative Intensity vs. Forward Current
Fig.1 Forward current vs. Forward Voltage
1000
3.5
2.5
Typical Electro-Optical Characteristics Curve
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
3.0
HRF CHIP
Page6/9
PART NO. LSSD205/66F-XX


Número de pieza similar - LSSD205-66F-XX

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
LIGITEK electronics co....
LSSD205-63H-XX LIGITEK-LSSD205-63H-XX Datasheet
143Kb / 10P
   SINGLE DIGIT SMD DISPLAY
LSSD205-69-XX LIGITEK-LSSD205-69-XX Datasheet
144Kb / 10P
   SINGLE DIGIT SMD DISPLAY
LSSD205-6A-XX LIGITEK-LSSD205-6A-XX Datasheet
144Kb / 10P
   SINGLE DIGIT SMD DISPLAY
LSSD205-6DBK-XX LIGITEK-LSSD205-6DBK-XX Datasheet
144Kb / 10P
   SINGLE DIGIT SMD DISPLAY
LSSD205-6DGL-XX LIGITEK-LSSD205-6DGL-XX Datasheet
143Kb / 10P
   SINGLE DIGIT SMD DISPLAY
More results

Descripción similar - LSSD205-66F-XX

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
LIGITEK electronics co....
LSSD205-6DBK-XX LIGITEK-LSSD205-6DBK-XX Datasheet
144Kb / 10P
   SINGLE DIGIT SMD DISPLAY
LSSD515-66F-XX LIGITEK-LSSD515-66F-XX Datasheet
407Kb / 8P
   Single DIGIT SMD DISPLAY
LSSD305-66F-XX LIGITEK-LSSD305-66F-XX Datasheet
337Kb / 8P
   SINGLE DIGIT SMD DISPLAY
LSSD315-6DBK-XX LIGITEK-LSSD315-6DBK-XX Datasheet
318Kb / 8P
   SINGLE DIGIT SMD DISPLAY
LSSD215-6DBK-XX LIGITEK-LSSD215-6DBK-XX Datasheet
360Kb / 8P
   SINGLE DIGIT SMD DISPLAY
LSSD205-6DGL-XX LIGITEK-LSSD205-6DGL-XX Datasheet
143Kb / 10P
   SINGLE DIGIT SMD DISPLAY
LSSD205-63H-XX LIGITEK-LSSD205-63H-XX Datasheet
143Kb / 10P
   SINGLE DIGIT SMD DISPLAY
LSSD205-6A-XX LIGITEK-LSSD205-6A-XX Datasheet
144Kb / 10P
   SINGLE DIGIT SMD DISPLAY
LSSD215-66F-XX LIGITEK-LSSD215-66F-XX Datasheet
434Kb / 8P
   SINGLE DIGIT SMD DISPLAY
LSSD205-6DGM-XX LIGITEK-LSSD205-6DGM-XX Datasheet
144Kb / 10P
   SINGLE DIGIT SMD DISPLAY
LSSD515-63V-XX LIGITEK-LSSD515-63V-XX Datasheet
259Kb / 6P
   Single DIGIT SMD DISPLAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com