Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TLP112A Datasheet(PDF) 4 Page - Toshiba Semiconductor

No. de pieza TLP112A
Descripción Electrónicos  Digital Logic Isolation Line Receiver Power Supply Control Feedback Control Switching Power Supply Transistor Invertor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP112A Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TLP112A Datasheet HTML 1Page - Toshiba Semiconductor TLP112A Datasheet HTML 2Page - Toshiba Semiconductor TLP112A Datasheet HTML 3Page - Toshiba Semiconductor TLP112A Datasheet HTML 4Page - Toshiba Semiconductor TLP112A Datasheet HTML 5Page - Toshiba Semiconductor TLP112A Datasheet HTML 6Page - Toshiba Semiconductor TLP112A Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
TLP112A
2002-09-25
4
Test Circuit 1: Switching Time Test Circuit
Test Circuit 2: Common Mode Transient Immunity Test Circuit
)
(
)
(
=
)
(
)
(
=
µs
f
t
V
160
L
CM
,
µs
r
t
V
160
H
CM
PW = 100μs
Duty ratio = 1 / 10
VO
IF
5V
1.5V
0
VOL
tpLH
tpHL
IF Monitor
Pulse input
Output
Monitor
VO
VCC = 5V
1
3
4
5
6
RL
1.5V
IF
VO
VCM
Pulse gen
ZO = 50Ω
200V
0V
90%
5V
2V
0.8V
VOL
tr
tf
VCM
10%
VO
(IF = 16mA)
(IF = 0mA)
Output
Monitor
VO
VCC = 5V
1
3
4
5
6
RL


Número de pieza similar - TLP112A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TLP112A TOSHIBA-TLP112A Datasheet
188Kb / 7P
   Photo−IC Digital Logic Isolation
TLP112A TOSHIBA-TLP112A Datasheet
161Kb / 7P
   Digital Logic Isolation Line Receiver Power Supply Control Feedback Control Switching Power Supply Transistor Inverter
TLP112ATPLF TOSHIBA-TLP112ATPLF Datasheet
161Kb / 7P
   Digital Logic Isolation Line Receiver Power Supply Control Feedback Control Switching Power Supply Transistor Inverter
TLP112A TOSHIBA-TLP112A_07 Datasheet
188Kb / 7P
   Photo−IC Digital Logic Isolation
More results

Descripción similar - TLP112A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TLP114A TOSHIBA-TLP114A Datasheet
159Kb / 7P
   Digital Logic Isolation. Line Receiver. Power Supply Control Feedback Control. Switching Power Supply. Transistor Invertor.
TLP112 TOSHIBA-TLP112 Datasheet
159Kb / 7P
   Digital Logic Isolation Line Receiver Switching Power Supply Feedback Control Transistor Invertor
TLP112ATPLF TOSHIBA-TLP112ATPLF Datasheet
161Kb / 7P
   Digital Logic Isolation Line Receiver Power Supply Control Feedback Control Switching Power Supply Transistor Inverter
TLP559 TOSHIBA-TLP559 Datasheet
254Kb / 5P
   Digital Logic Ground Isolation Line Receiver Microprocessor System Interfaces Switching Power Supply Feedback Control Transistor Invertor
TLP759F TOSHIBA-TLP759F Datasheet
113Kb / 2P
   Digital Logic Ground Isolation Line Receiver Microprocessor System Interfaces Switching Power Supply Feedback Control Transistor Invertor
TLP2531F TOSHIBA-TLP2531F Datasheet
188Kb / 8P
   Digital Logic Isolation Line Receiver Power Supply Control Switching Power Supply Transistor Inverter
TLP512 TOSHIBA-TLP512 Datasheet
174Kb / 7P
   Digital Logic Ground Isolation Line Receiver Microprocessor System Interfaces Switching Power Supply Feedback Control Transistor Inverter
TLP751 TOSHIBA-TLP751 Datasheet
548Kb / 7P
   Digital Logic Ground Isolation Line Receiver Microprocessor System Interfaces Switching Power Supply Feedback Control Analog Signal Isolation
TLP559 TOSHIBA-TLP559_07 Datasheet
190Kb / 7P
   Switching Power Supply Feedback Control
TLP719 TOSHIBA-TLP719_15 Datasheet
423Kb / 7P
   Digital logic ground isolation Line receivers Microprocessor system interfaces Switching power supply feedback control Industrial invertors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com