Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TLP3051 Datasheet(PDF) 1 Page - Toshiba Semiconductor

No. de pieza TLP3051
Descripción Electrónicos  Office Machine Household Use Equipment Triac Driver Solid State Relay
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP3051 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TLP3051 Datasheet HTML 1Page - Toshiba Semiconductor TLP3051 Datasheet HTML 2Page - Toshiba Semiconductor TLP3051 Datasheet HTML 3Page - Toshiba Semiconductor TLP3051 Datasheet HTML 4Page - Toshiba Semiconductor TLP3051 Datasheet HTML 5Page - Toshiba Semiconductor TLP3051 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TLP3051,TLP3052
2002-09-25
1
TOSHIBA Photocoupler GaAs Ired & Photo−Triac
TLP3051,TLP3052
Office Machine
Household Use Equipment
Triac Driver
Solid State Relay
The TOSHIBA TLP3051 and TLP3052 consist of a photo−triac optically
coupled to a gallium arsenide infrared emitting diode in a six lead plastic
DIP package.
· Peak off−state voltage: 600 V (min.)
· Trigger LED current: 15 mA (max.) (TLP3051)
10 mA (max.) (TLP3052)
· On−state current: 100 mA (max.)
· UL recognized: UL1577, file no. E67349
Isolation voltage: 5000 Vrms (min.)
· Option (D4) type
VDE approved: DIN VDE0884 / 08.87,
Certificate no. 68329
Maximum operating insulation voltage: 630 VPK
Highest permissible over voltage: 6000 VPK
(Note)
When a VDE0884 approved type is needed,
please designate the “option (D4)“
7.62 mm pich
10.16 mm pich
standard type
(LF2) type
· Creepage distance: 7.0 mm (min.)
8.0 mm (min.)
Clearance: 7.0 mm (min.)
8.0 mm (min.)
Insulation thickness: 0.5 mm (min.)
0.5 mm (min.)
Unit in mm
TOSHIBA
11−9A2
Weight: 0.44 g
Pin Configuration(top
view)
1 : Anode
2 : Cathode
3 : Nc
4 : Terminal 1
6 : Terminal 2
4
6
1
2
3


Número de pieza similar - TLP3051

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TLP3051 TOSHIBA-TLP3051 Datasheet
224Kb / 6P
   OFFICE MACHINE HOUSEHOLD USE EQUIPMENT TRIAC DRIVERSOLID STATE RELAY
TLP3051F TOSHIBA-TLP3051F Datasheet
28Kb / 2P
   OFFICE MACHINE HOUSEHOLD USE EQUIPMENT TRIAC DRIVERSOLID STATE RELAY
TLP3051FS TOSHIBA-TLP3051FS Datasheet
28Kb / 2P
   OFFICE MACHINE HOUSEHOLD USE EQUIPMENT TRIAC DRIVERSOLID STATE RELAY
TLP3051S TOSHIBA-TLP3051S Datasheet
224Kb / 6P
   OFFICE MACHINE HOUSEHOLD USE EQUIPMENT TRIAC DRIVERSOLID STATE RELAY
TLP3051 TOSHIBA-TLP3051_07 Datasheet
224Kb / 6P
   OFFICE MACHINE HOUSEHOLD USE EQUIPMENT TRIAC DRIVERSOLID STATE RELAY
More results

Descripción similar - TLP3051

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TLP3061 TOSHIBA-TLP3061_07 Datasheet
156Kb / 6P
   OFFICE MACHINE HOUSEHOLD USE EQUIPMENT TRIAC DRIVER SOLID STATE RELAY
TLP3041 TOSHIBA-TLP3041_07 Datasheet
551Kb / 6P
   OFFICE MACHINE HOUSEHOLD USE EQUIPMENT TRIAC DRIVER SOLID STATE RELAY
TLP762JF TOSHIBA-TLP762JF Datasheet
120Kb / 2P
   OFFICE MACHINE HOUSEHOLD USE EQUIPMENT TRIAC DRIVER SOLID STATE RELAY
TLP3041F TOSHIBA-TLP3041F Datasheet
102Kb / 2P
   OFFICE MACHINE HOUSEHOLD USE EQUIPMENT TRIAC DRIVER SOLID STATE RELAY
TLP3061F TOSHIBA-TLP3061F_07 Datasheet
97Kb / 2P
   OFFICE MACHINE HOUSEHOLD USE EQUIPMENT TRIAC DRIVER SOLID STATE RELAY
TLP3021F TOSHIBA-TLP3021F Datasheet
101Kb / 2P
   OFFICE MACHINE HOUSEHOLD USE EQUIPMENT TRIAC DRIVER SOLID STATE RELAY
TLP3021 TOSHIBA-TLP3021_07 Datasheet
347Kb / 6P
   OFFICE MACHINE HOUSEHOLD USE EQUIPMENT TRIAC DRIVER SOLID STATE RELAY
TLP665G TOSHIBA-TLP665G Datasheet
144Kb / 6P
   Office Machine Household Use Equipment Triac Driver Solid State Relay
TLP762J TOSHIBA-TLP762J Datasheet
231Kb / 5P
   OFFICE MACHINE HOUSEHOLD USE EQUPMINT TRIAC DRIVER SOLID STATE RELAY
TLP3051 TOSHIBA-TLP3051_07 Datasheet
224Kb / 6P
   OFFICE MACHINE HOUSEHOLD USE EQUIPMENT TRIAC DRIVERSOLID STATE RELAY
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com