Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TLP531 Datasheet(PDF) 4 Page - Toshiba Semiconductor

No. de pieza TLP531
Descripción Electrónicos  Programmable Controllers AC / DC-Input Module Solid State Relay
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP531 Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TLP531 Datasheet HTML 1Page - Toshiba Semiconductor TLP531 Datasheet HTML 2Page - Toshiba Semiconductor TLP531 Datasheet HTML 3Page - Toshiba Semiconductor TLP531 Datasheet HTML 4Page - Toshiba Semiconductor TLP531 Datasheet HTML 5Page - Toshiba Semiconductor TLP531 Datasheet HTML 6Page - Toshiba Semiconductor TLP531 Datasheet HTML 7Page - Toshiba Semiconductor TLP531 Datasheet HTML 8Page - Toshiba Semiconductor TLP531 Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
TLP531,TLP532
2002-09-25
4
Isolation Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Capacitance
(input to output)
CS
VS = 0, f = 1MHz
0.8
pF
Isolation resistance
RS
VS = 500V, R.H.≤ 60%
5
´ 10
10
10
14
Isolation voltage
BVS
AC, 1 minute
2500
Vrms
Switching Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Rise time
tr
2
Fall time
tf
3
Turn
-on time
tON
3
Turn
-off time
tOFF
VCC = 10V
IC = 2mA
RL = 100Ω
3
µs
Turn
-on time
tON
2
Storage time
ts
15
Turn
-off time
tOFF
RL = 1.9kΩ
(Fig.1)
RBE = open
VCC = 5V, IF = 16mA
25
µs
Turn
-on time
tON
2
Storage time
ts
12
Turn
-off time
tOFF
RL = 1.9Ω
(Fig.1)
RBE = 220kΩ (TLP531)
VCC = 5V, IF = 16mA
20
µs
Fig. 1
Switching time test circui


Número de pieza similar - TLP531

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TLP531 TOSHIBA-TLP531 Datasheet
713Kb / 9P
   Programmable Controllers
TLP531 TOSHIBA-TLP531_07 Datasheet
713Kb / 9P
   Programmable Controllers
More results

Descripción similar - TLP531

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TLP521-1 TOSHIBA-TLP521-1 Datasheet
372Kb / 8P
   programmable controllers ac/dc-input module solid state relay
TLP504A TOSHIBA-TLP504A Datasheet
357Kb / 8P
   programmable controllers ac/dc-input module solid state relay
logo
Guangdong Youtai Semico...
TLP521GB-S UMW-TLP521GB-S Datasheet
792Kb / 8P
   PROGRAMMABLE CONTROLLERS AC/DC-INPUT MODULE SOLID STATE RELAY
TLP521GB UMW-TLP521GB Datasheet
792Kb / 8P
   PROGRAMMABLE CONTROLLERS AC/DC-INPUT MODULE SOLID STATE RELAY
logo
Toshiba Semiconductor
TLP521-1 TOSHIBA-TLP521-1_07 Datasheet
249Kb / 9P
   Programmable Controllers AC/DC−Input Module Solid State Relay
TLP521-1GBF TOSHIBA-TLP521-1GBF Datasheet
193Kb / 9P
   Programmable Controllers AC/DC?묲nput Module Solid State Relay
TLP521-1GBFT TOSHIBA-TLP521-1GBFT Datasheet
193Kb / 9P
   Programmable Controllers AC/DC?묲nput Module Solid State Relay
TLP631 TOSHIBA-TLP631 Datasheet
373Kb / 8P
   PROGAMMABLE CONTROLLERS AC/DC-INPUT MODULE SOLID STATE RELAY
TLP570 TOSHIBA-TLP570 Datasheet
707Kb / 8P
   Programmable Controllers AC / DC.Input Module Solid State Relay
TLP621 TOSHIBA-TLP621 Datasheet
425Kb / 10P
   PROGRAMMABLE CONTROLLER AC/DC-INPUT MODULE SOLID STATE RELAY
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com