Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TLP560J Datasheet(PDF) 1 Page - Toshiba Semiconductor |
|
TLP560J Datasheet(HTML) 1 Page - Toshiba Semiconductor |
1 / 6 page TLP560J 2002-09-25 1 TOSHIBA Photocoupler GaAs Ired & Photo−Triac TLP560J Triac Driver Programmable Controllers AC−Output Module Solid State Relay The TOSHIBA TLP560J consists of a photo−triac optically coupled to a gallium arsenide infrared emitting diode in a six lead plastic DIP package. · Peak off−state voltage: 600V(min.) · On−state current: 100mA(max.) · Isolation voltage: 2500Vrms (min.) · UL recognized: UL1577, file no. E67349 · Isolation operating voltage: 2500Vac or 300Vdc for isolation Groupe C*1 · Trigger LED current *Ex. (IFT7); TLP560J(IFT7) (Note) Application type name for certification test, please use standard product type name, i.e. TLP560J(IFT7): TLP560J *1: According to VDE0110, table 4. Pin Configuration (top view) 1: Anode 2: Cathode 3: N.C. 4: Terminal 1 6: Terminal 2 1 2 4 6 3 Unit in mm TOSHIBA 11 −7A9 Weight: 0.39 g Trigger LED Current (mA) VT=6V, Ta=25°C Classi - fication* Min. Max. Marking Of Classification (IFT7) ― 7 T7 Standard ― 10 T7, blank |
Número de pieza similar - TLP560J |
|
Descripción similar - TLP560J |