Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

1N5408 Datasheet(PDF) 1 Page - Jinan Jingheng (Group) Co.,Ltd

No. de pieza 1N5408
Descripción Electrónicos  GENERAL PURPOSE PLASTIC RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  JINANJINGHENG [Jinan Jingheng (Group) Co.,Ltd]
Página de inicio  http://www.jinghenggroup.com
Logo JINANJINGHENG - Jinan Jingheng (Group) Co.,Ltd

1N5408 Datasheet(HTML) 1 Page - Jinan Jingheng (Group) Co.,Ltd

  1N5408 Datasheet HTML 1Page - Jinan Jingheng (Group) Co.,Ltd 1N5408 Datasheet HTML 2Page - Jinan Jingheng (Group) Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1N5400 THRU 1N5408
GENERAL PURPOSE PLASTIC RECTIFIER
Reverse Voltage - 50 to 1000 Volts
Forward Current -3.0Amperes
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(Ratings at 25 C ambient temperature unless otherwise specified ,Single phase ,half wave 60Hz,,resistive or inductive
load. For capacitive load, derate by 20%.)
FEATURES
MECHANICAL DATA
Case: JEDEC DO-201AD molded plastic body
Terminals: Lead solderable per MIL-STD-750,method 2026
Polarity: Color band denotes cathode end
Mounting Position: Any
Weight: 0.042ounce, 1.19 grams
The plastic package has Underwrites Laboratory
Flammability Classification 94V-0
Construction utilizes void-free molded plastic technique
High surge current capability
3.0A operation at TL=75 C with no thermal runaway
Typical IR less than 0.1 A
High temperature soldering guaranteed: 250 C/10 seconds,0.375"(9.5mm)
lead length,5lbs.(2.3kg)tension
Maximum Recurrent Peak Reverse Voltage
VRRM
Volts
Volts
Volts
Volts
A
Amps
Amps
VRMS
VDC
I(AV)
IFSM
VF
IR
R JA
Maximum RMS Voltage
Maximum DC Blocking Voltage to TA=105 C
Maximum average Forward Rectified Current
0.5"(12.5mm)lead length at TL=105 C
Maximum Instantaneous Forward Voltage
at 3.0 A
T =25 C
T =150 C
A
A
Typical Thermal Resistance (Note 2)
Typical Junction Capacitance (Note 1)
Maximum Reverse
current at rated DC Blocking
Voltage
Peak Forward Surge Current (8.3ms half sine-
wave superimposed on rated load
(JEDEC method)
3.0
200.0
300.0
35.0
20.0
10.0
1.1
P
F
C/W
CJ
Note: 1.Measured at 1MHz and applied reverse voltage of 4.0V DC.
2.Thermal resistance from junction to ambient and from junction to lead at 0.375"(9.5mm)lead length ,
P.C.B. mounted
DO-201AD
Dimensions in inches and (millimeters)
0.375(9.50)
0.210(5.3)
0.052(1.32)
1.0(25.4)
MIN
1.0(25.4)
MIN
0.285(7.20)
0.190(4.8)
DIA
0.048(1.22)
DIA
50
35
50
100
70
100
200
140
200
400
300
280
210
400
300
500
600
350
420
500
600
800
560
800
1000
700
1000
TSTG
Maximum DC Blocking Voltage temperature
Operating and Storage temperature Range
+150.0
C
C
TJ
TA
-50 to+175
SEMICONDUCTOR
JINAN JINGHENG CO., LTD.
NO.51 HEPING ROAD PR CHINA
TEL:86-531-6943657
FAX:86-531-6947096
WWW.JIFUSEMICON.COM
Symbols
Units
1N
5400
1N
5401
1N
5402
1N
5403
1N
5404
1N
5405
1N
5406
1N
5407
1N
5408
7-34


Número de pieza similar - 1N5408

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Taiwan Semiconductor Co...
1N5408 TSC-1N5408 Datasheet
242Kb / 2P
   3.0 AMPS. Silicon Rectifiers
logo
DONGGUAN YOU FENG WEI E...
1N5408 YFWDIODE-1N5408 Datasheet
432Kb / 3P
   3 Amp Rectifier 50 - 1000 Volts
logo
Motorola, Inc
1N5408 MOTOROLA-1N5408 Datasheet
44Kb / 2P
   STANDARD RECOVERY RECTIFIERS 50-1000 VOLTS 3.0 AMPERE
logo
Naina Semiconductor ltd...
1N5408 NAINA-1N5408 Datasheet
103Kb / 2P
   General Purpose Rectifier, 3.0A
logo
Edal Industries, Inc.
1N5408 EDAL-1N5408 Datasheet
1Mb / 2P
   SILICON GENERAL PURPOSE 3.0 AMP DIODES
More results

Descripción similar - 1N5408

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Shanghai Lunsure Electr...
BY127 CHENYI-BY127 Datasheet
126Kb / 2P
   GENERAL PURPOSE PLASTIC RECTIFIER
logo
GOOD-ARK Electronics
1N5400 GOOD-ARK-1N5400 Datasheet
198Kb / 2P
   GENERAL PURPOSE PLASTIC RECTIFIER
RL201 GOOD-ARK-RL201 Datasheet
227Kb / 3P
   GENERAL PURPOSE PLASTIC RECTIFIER
logo
Wing Shing Computer Com...
1N4001 WINGS-1N4001 Datasheet
29Kb / 1P
   General Purpose Plastic Rectifier
logo
General Semiconductor
1N4001 GE-1N4001 Datasheet
45Kb / 2P
   GENERAL PURPOSE PLASTIC RECTIFIER
1N5391 GE-1N5391 Datasheet
45Kb / 2P
   GENERAL PURPOSE PLASTIC RECTIFIER
logo
Shenzhen Taychipst Elec...
GI500 TAYCHIPST-GI500 Datasheet
4Mb / 2P
   GENERAL PURPOSE PLASTIC RECTIFIER
logo
Rugao Dachang Electroni...
RL201 DACHANG-RL201_15 Datasheet
118Kb / 2P
   General Purpose Plastic Rectifier
10A05 DACHANG-10A05_15 Datasheet
117Kb / 2P
   General Purpose Plastic Rectifier
logo
Vishay Siliconix
1N4001 VISHAY-1N4001 Datasheet
82Kb / 5P
   General Purpose Plastic Rectifier
Revision: 23-Feb-11
logo
Jinan Jingheng (Group) ...
1N4001G JINANJINGHENG-1N4001G Datasheet
85Kb / 2P
   GENERAL PURPOSE PLASTIC RECTIFIER
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com