Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

O0.5-JO53-B-2.8-2 Datasheet(PDF) 2 Page - Jauch Quartz Gmbh

No. de pieza O0.5-JO53-B-2.8-2
Descripción Electrónicos  Oscillator
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  JAUCH [Jauch Quartz Gmbh]
Página de inicio  http://www.jauchusa.com
Logo JAUCH - Jauch Quartz Gmbh

O0.5-JO53-B-2.8-2 Datasheet(HTML) 2 Page - Jauch Quartz Gmbh

  O0.5-JO53-B-2.8-2 Datasheet HTML 1Page - Jauch Quartz Gmbh O0.5-JO53-B-2.8-2 Datasheet HTML 2Page - Jauch Quartz Gmbh  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Jauch Quartz GmbH e-mail: info@jauch.de
full data can be found under: www.jauch.de / www.jauch.fr / www.jauchusa.com
All specifications are subject to change without notice
Oscillator · JO53 · 3.3 V · Stop Function
Direction of feed
8.0±0.1
ø 1.5±0.1
4.0
2.0
0.3±0.05
1.7±0.1
3.5±0.1
ø 1.5±0.1
Taping Specification
500 pcs per reel
in mm
2.0
ø21
120°
13.4
temperature (°C)
time (s)
150
260
200
50
100
60 ~180 s
60 s max.
10 s max.
260 °C max.
180 ±5 °C
220 ±5 °C
Reflow Soldering Profile
note: parts are also suitable for soldering systems with lead (Pb) content
Marking
frequency
type / date code
date code:
A ~ M: Jan.- Dec.
5: 2005
6: 2006
7: 2007
Jan.
Febr.
Mar.
Apr.
May
June
AB
C
D
E
F
July
Aug.
Sept.
Oct.
Nov.
Dec.
GH
J
K
L
M
Enable / Disable Function
pin #1 (e/d control)
pin #3 (output)
open
active
high ”1” (VIH ≥ 0.8 VDC)
active
low ”0” (VIL ≤ 0.2 VDC)
high impedance
stop function:
• oscillator stops
• output high impedance
standard packing units are 500 pieces per reel
non-multiple packing units are only supplied taped / bulk
Packing Note


Número de pieza similar - O0.5-JO53-B-2.8-2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
Jauch Quartz Gmbh
Jauch Quartz Gmbh
O0.5-JO53-B-2.5-1 JAUCH-O0.5-JO53-B-2.5-1 Datasheet
155Kb / 2P
   SMD Oscillator with Stop Function
O0.5-JO53-B-2.5-1-T1 JAUCH-O0.5-JO53-B-2.5-1-T1 Datasheet
155Kb / 2P
   SMD Oscillator with Stop Function
O0.5-JO53-B-2.5-2 JAUCH-O0.5-JO53-B-2.5-2 Datasheet
155Kb / 2P
   SMD Oscillator with Stop Function
O0.5-JO53-B-2.5-2-T1 JAUCH-O0.5-JO53-B-2.5-2-T1 Datasheet
155Kb / 2P
   SMD Oscillator with Stop Function
More results

Descripción similar - O0.5-JO53-B-2.8-2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
Connor-Winfield Corporation
Connor-Winfield Corpora...
RTC523 CONNOR-WINFIELD-RTC523 Datasheet
61Kb / 1P
   OSCILLATOR
RTC623 CONNOR-WINFIELD-RTC623 Datasheet
61Kb / 1P
   OSCILLATOR
Ecliptek Corporation
Ecliptek Corporation
EMK43 ECLIPTEK-EMK43 Datasheet
173Kb / 2P
   OSCILLATOR
EMK41 ECLIPTEK-EMK41 Datasheet
169Kb / 2P
   OSCILLATOR
EMK33 ECLIPTEK-EMK33 Datasheet
172Kb / 2P
   OSCILLATOR
EMK32 ECLIPTEK-EMK32 Datasheet
172Kb / 2P
   OSCILLATOR
EMK21 ECLIPTEK-EMK21 Datasheet
168Kb / 2P
   OSCILLATOR
EMK12 ECLIPTEK-EMK12 Datasheet
172Kb / 2P
   OSCILLATOR
EC11 ECLIPTEK-EC11 Datasheet
218Kb / 4P
   OSCILLATOR
EC28 ECLIPTEK-EC28 Datasheet
251Kb / 4P
   OSCILLATOR
EC16 ECLIPTEK-EC16 Datasheet
222Kb / 3P
   OSCILLATOR
More results


Html Pages

1  2 


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com