Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BZX55/C3V3 Datasheet(PDF) 2 Page - Jinan Jingheng (Group) Co.,Ltd

No. de pieza BZX55/C3V3
Descripción Electrónicos  SILICON PLANAR ZENER DIODES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  JINANJINGHENG [Jinan Jingheng (Group) Co.,Ltd]
Página de inicio  http://www.jinghenggroup.com
Logo JINANJINGHENG - Jinan Jingheng (Group) Co.,Ltd

BZX55/C3V3 Datasheet(HTML) 2 Page - Jinan Jingheng (Group) Co.,Ltd

  BZX55/C3V3 Datasheet HTML 1Page - Jinan Jingheng (Group) Co.,Ltd BZX55/C3V3 Datasheet HTML 2Page - Jinan Jingheng (Group) Co.,Ltd BZX55/C3V3 Datasheet HTML 3Page - Jinan Jingheng (Group) Co.,Ltd BZX55/C3V3 Datasheet HTML 4Page - Jinan Jingheng (Group) Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Iand I at V
R
RR
2)
Zener Voltage range 1)
3)
2)
BZX 55/C 0 V 8
0.73...0.83
-0.26...-0.23
0.8
<8
BZX 55/C 2 V 0
1.9...2.1
-0.09...-0.06
2.0
<85
BZX 55/C 2 V 4
2.28...2.56
2.4
BZX 55/C 2 V 7
2.5...2.9
2.7
BZX 55/C 3 V 0
2.8...3.2
-0.08...-0.05
3.0
BZX 55/C 3 V 3
3.1...3.5
3.3
BZX 55/C 3 V 6
3.4...3.8
3.6
BZX 55/C 3 V 9
3.7...4.1
3.9
BZX 55/C 4 V 3
4.0...4.6
-0.06...-0.03
4.3
<75
--
--
--
BZX 55/C 4 V 7
4.4...5.0
-0.05...+0.02
4.7
<60
<100
<200
<600
BZX 55/C 5 V 1
4.8...5.4
-0.02...+0.02
5.1
<35
<50
<100
<550
BZX 55/C 5 V 6
5.2...6.0
-0.05...+0.05
5.6
<25
<10
<50
<40
<450
BZX 55/C 6 V 2
5.8...6.6
0.03...0.06
6.2
<10
<4
<200
2
BZX 55/C 6 V 8
6.4...7.2
0.03...0.07
6.8
<8
<150
3
51
1
BZX 55/C 7 V 5
7.0...7.9
0.03...0.07
7.5
<7
5
BZX 55/C 8 V 2
7.7...8.7
0.03...0.08
8.2
<7
<2
6.2
BZX 55/C 9 V 1
8.5...9.6
0.03...0.09
9.1
<10
<1
<20
<50
6.8
BZX 55/C 10
9.4...10.6
0.03...0.1
10
<15
<0.5
<10
<2
<0.1
<70
7.5
BZX 55/C 11
10.4...11.6
0.03...0.11
11
<20
<70
8.2
BZX 55/C 12
11.4...12.7
12
<20
<90
9.1
BZX 55/C 13
12.4...14.1
13
<26
<110
<50
10
BZX 55/C 15
13.8...15.6
15
<30
<110
11
BZX 55/C 16
15.3...17.1
16
<40
<170
12
BZX 55/C 18
16.8...19.1
18
<50
<170
13
BZX 55/C 20
18.8...21.2
20
<55
15
BZX 55/C 22
20.8...23.3
0.04...0.12
22
<55
16
BZX 55/C 24
22.8...25.6
24
<80
18
BZX 55/C 27
25.1...28.9
27
<80
<220
20
VZNOM
Ifor V
ZT
ZT
VV
V
mA
A
A
mA
%/K
TKVZ


Número de pieza similar - BZX55/C3V3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Semtech Corporation
BZX55/C3V3 SEMTECH-BZX55/C3V3 Datasheet
320Kb / 3P
   SILICON PLANAR ZENER DIODES??????
logo
List of Unclassifed Man...
BZX55/C3V3 ETC-BZX55/C3V3 Datasheet
119Kb / 4P
   0.5W SILICON PLANAR ZENER DIODES
More results

Descripción similar - BZX55/C3V3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Semtech Corporation
1N5221 SEMTECH-1N5221 Datasheet
296Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
General Semiconductor
ZMM1 GE-ZMM1 Datasheet
351Kb / 8P
   Silicon Planar Zener Diodes
logo
GOOD-ARK Electronics
1N746 GOOD-ARK-1N746 Datasheet
33Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
Surge Components
MM3Z5221B SURGE-MM3Z5221B Datasheet
665Kb / 4P
   Silicon Planar Zener Diodes
logo
DONGGUAN YOU FENG WEI E...
1SMA4728A-330V-SMAF YFWDIODE-1SMA4728A-330V-SMAF_17 Datasheet
413Kb / 3P
   Silicon Planar Zener Diodes
logo
Nanjing International G...
1N5221 DGNJDZ-1N5221 Datasheet
88Kb / 3P
   Silicon Planar Zener Diodes
ZMM5221 DGNJDZ-ZMM5221 Datasheet
148Kb / 3P
   Silicon Planar Zener Diodes
logo
Vishay Siliconix
MMBZ4681-G VISHAY-MMBZ4681-G Datasheet
89Kb / 4P
   Silicon planar Zener diodes
Rev. 1.0, 01-Mar-13
logo
Chongqing Pingwei Enter...
BZV85C2V7 CHONGQING-BZV85C2V7 Datasheet
61Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
SEMTECH ELECTRONICS LTD...
BZX84B2V4 SEMTECH_ELEC-BZX84B2V4 Datasheet
228Kb / 3P
   SILICON PLANAR ZENER DIODES
1N5220 SEMTECH_ELEC-1N5220 Datasheet
218Kb / 3P
   SILICON PLANAR ZENER DIODES
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com