Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ES2G Datasheet(PDF) 1 Page - Jinan Jingheng (Group) Co.,Ltd |
|
ES2G Datasheet(HTML) 1 Page - Jinan Jingheng (Group) Co.,Ltd |
1 / 2 page ES2A THRU ES2G SUPER FAST RECTIFIER Reverse Voltage: 50 to 400 Volts Forward Current:2.0Amperes FEATURES MECHANICAL DATA MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (Rating at 25 C ambient temperature unless otherwise specified ,Single phase ,half wave ,60HZ,resistive or inductive load. For capacitive load,derate current by 20%.) Note: 1.Test conditions: IF=0.5A,IR=1.0A,IRR=0.25A. 2.Measured at 1MHZ and applied reverse voltage of 4.0 Volts. Maximum Recurrent Peak Reverse Voltage VRRM Volts Volts Volts Volts A P F Amps Amps VRMS VDC I(AV) IFSM TSTG VF IR CJ Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current 0.375"(9.5mm)lead length at TA=55 C Maximum Instantaneous Forward Voltage at 2.0 A Operating Junction And Storage Temperature Range Maximum reverse recovery time(Note1) Typical Junction Capacitance(note2) Maximum DC Reverse Current at rated DC Blocking Voltage Peak Forward Surge Current 8.3ms single half sine-wave superimposed on rated load (JEDEC method) -65 to+125 -65 to+150 50 35 60 30 5.0 C TJ 50 50 35 100 100 70 200 150 200 150 140 105 400 300 400 300 280 210 50.0 0.95 1.25 ns Trr 2.0 TA=25 C TA=100 C R SEMICONDUCTOR Symbols Units For Surface Mount Applications Easy to pick and place Low forward voltage drop, High current capability , High reliability High surge current capability Super fast recovery time Good for use in switching mode circuits Plastic package has Underwriters Laboratory Flammability Classification 94V-0 Case: JEDEC SMB(DO-214AA) molded plastic body Terminals: solder plated ,solderable per MIL-STD-750,method 2026 Polarity: color band denotes cathode end Weight: 0.003ounce,0.093 gram Dimensions in inches and (millimeters) SMB(DO-214AA) 0.086(2.20) 0.096(2.44) 0.180(4.57) 0.220(5.59) 0.060(1.52) 0.012(0.305) 0.008(0.203) MAX 0.155(3.94) 0.077(1.95) 0.084(2.13) 0.160(4.06) 0.205(5.21) 0.030(0.76) 0.006(0.152) 0.130(3.30) ES2A ES2B ES2C ES2D ES2E ES2G JINAN JINGHENG CO., LTD. NO.51 HEPING ROAD PR CHINA TEL:86-531-6943657 FAX:86-531-6947096 WWW.JIFUSEMICON.COM 8-14 |
Número de pieza similar - ES2G |
|
Descripción similar - ES2G |