Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LA1S109-XXLF Datasheet(PDF) 2 Page - Bothhand USA, LP.

No. de pieza LA1S109-XXLF
Descripción Electrónicos  SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED 1000 BASE-T MAGNETICS AND LEDS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  BOTHHAND [Bothhand USA, LP.]
Página de inicio  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

LA1S109-XXLF Datasheet(HTML) 2 Page - Bothhand USA, LP.

  LA1S109-XXLF Datasheet HTML 1Page - Bothhand USA, LP. LA1S109-XXLF Datasheet HTML 2Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
“LAN-MATE” SERIES
SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED 1000 BASE-T MAGNETICS AND LEDS
P/N:LA1S109-XX LF
Page : 2/2
Mechanical
1. Plastic Material
:
Thermoplastic (UL 94V-0), Black Housing
2. Metal Shield
:
Brass, 20u" inches thick Nickel
3. Spring Wire
:
Phosphor bronze with selective gold plating
4. Solder Pin
:
0.4x0.4mm, Phosphor bronze with solder Plated
5. Durability
:
750 Mating cycles Min.
PCB Layout Mounting Hole(Top View)
Bothhandusa.com
LA1S109-XX LF


Número de pieza similar - LA1S109-XXLF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Bothhand USA, LP.
LA1S109-XXLF BOTHHAND-LA1S109-XXLF Datasheet
183Kb / 2P
   SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED 1000 BASE-T MAGNETICS AND LEDS
LA1S109-XXLF BOTHHAND-LA1S109-XXLF_1 Datasheet
183Kb / 2P
   SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED 1000 BASE-T MAGNETICS AND LEDS
More results

Descripción similar - LA1S109-XXLF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Bothhand USA, LP.
LA1S109-4D1PLF BOTHHAND-LA1S109-4D1PLF Datasheet
186Kb / 2P
   SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED 1000 BASE-T MAGNETICS AND LEDS
LA1S109-D4D3LF BOTHHAND-LA1S109-D4D3LF Datasheet
191Kb / 2P
   SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED 1000 BASE-T MAGNETICS AND LEDS
LA1E109D-4D4LF BOTHHAND-LA1E109D-4D4LF Datasheet
190Kb / 2P
   SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED 1000 BASE-T MAGNETICS AND LEDS
LA1E109D-D43LF BOTHHAND-LA1E109D-D43LF Datasheet
194Kb / 2P
   SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED 1000 BASE-T MAGNETICS AND LEDS
LA1E109D-D44LF BOTHHAND-LA1E109D-D44LF Datasheet
190Kb / 2P
   SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED 1000 BASE-T MAGNETICS AND LEDS
LA1E109R-4D4LF BOTHHAND-LA1E109R-4D4LF Datasheet
187Kb / 2P
   SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED 1000 BASE-T MAGNETICS AND LEDS
LA1S109-43L BOTHHAND-LA1S109-43L Datasheet
106Kb / 2P
   SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED 1000 BASE-T MAGNETICS AND LEDS
LA1E109D-1-4D2 BOTHHAND-LA1E109D-1-4D2 Datasheet
290Kb / 2P
   SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED 1000 BASE-T MAGNETICS AND LEDS
LA1E109-3-4D2LF BOTHHAND-LA1E109-3-4D2LF Datasheet
183Kb / 2P
   SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED 1000 BASE-T MAGNETICS AND LEDS
LA1S109-D3D3LF BOTHHAND-LA1S109-D3D3LF Datasheet
183Kb / 2P
   SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED 1000 BASE-T MAGNETICS AND LEDS
LA1E109D-3D4LF BOTHHAND-LA1E109D-3D4LF Datasheet
195Kb / 2P
   SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED 1000 BASE-T MAGNETICS AND LEDS
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com