Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ST7093 Datasheet(PDF) 4 Page - Sitronix Technology Co., Ltd.

No. de pieza ST7093
Descripción Electrónicos  26 COM / 80 SEG LCD CONTROLLER/DRIVER
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SITRONIX [Sitronix Technology Co., Ltd.]
Página de inicio  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7093 Datasheet(HTML) 4 Page - Sitronix Technology Co., Ltd.

  ST7093 Datasheet HTML 1Page - Sitronix Technology Co., Ltd. ST7093 Datasheet HTML 2Page - Sitronix Technology Co., Ltd. ST7093 Datasheet HTML 3Page - Sitronix Technology Co., Ltd. ST7093 Datasheet HTML 4Page - Sitronix Technology Co., Ltd. ST7093 Datasheet HTML 5Page - Sitronix Technology Co., Ltd. ST7093 Datasheet HTML 6Page - Sitronix Technology Co., Ltd. ST7093 Datasheet HTML 7Page - Sitronix Technology Co., Ltd. ST7093 Datasheet HTML 8Page - Sitronix Technology Co., Ltd. ST7093 Datasheet HTML 9Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 43 page
background image
ST7093
Ver 2.1
4/43
2003/09/23
........................
................................
(0,0)
1
73
74
86
87
166
167
179
P
PA
AD
D D
DIIM
ME
EN
NS
SIIO
ON
NS
S ((C
CO
OG
G))
Chip Size
: 6775 X 1872 μm
Min Pitch
: 72 μm (Seg.)
Bump Size
: PAD No.
1~73
68.4μm x 52.2μm
: PAD No. 74~86
52.2μm x 68.4μm
: PAD No. 87~166
50.4μm x 72μm
: PAD No. 167~179
52.2μm x 68.4μm
Bump Height
: 18 μm (Typ.)
COG Align Key Coordinate
(-2917,-731.5)
30um
30um
30um
10um
50um
(-3270.5,819.3)
(2672,-547)
30um
30um
30um
10um
50um
(3270.5,819.3)


Número de pieza similar - ST7093

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Shindengen Electric Mfg...
ST70-27F SHINDENGEN-ST70-27F Datasheet
385Kb / 11P
   Trankiller
ST70-27FZ SHINDENGEN-ST70-27FZ Datasheet
1Mb / 5P
   TVS 180A, 7000W
ST70-27F SHINDENGEN-ST70-27F_10 Datasheet
906Kb / 1P
   Power zener Diode
ST70-27F SHINDENGEN-ST70-27F_17 Datasheet
233Kb / 4P
   Power Zener Diode
ST70-27MF SHINDENGEN-ST70-27MF Datasheet
951Kb / 1P
   Power zener Diode
More results

Descripción similar - ST7093

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Samsung semiconductor
S6A0092 SAMSUNG-S6A0092 Datasheet
466Kb / 54P
   80 SEG / 26 COM DRIVER & CONTROLLER FOR STN LCD
S6A0093 SAMSUNG-S6A0093 Datasheet
594Kb / 54P
   80 SEG / 26 COM DRIVER & CONTROLLER FOR STN LCD
KS0093 SAMSUNG-KS0093 Datasheet
590Kb / 55P
   26 COM / 80 SEG DRIVER & CONTROLLER FOR STN LCD
logo
ELAN Microelectronics C...
EM65168 EMC-EM65168 Datasheet
192Kb / 30P
   80 COM/SEG LCD DRIVER
logo
Samsung semiconductor
S6A0094 SAMSUNG-S6A0094 Datasheet
734Kb / 62P
   80 SEG / 34 COM DRIVER & CONTROLLER FOR STN LCD
S6A0090 SAMSUNG-S6A0090 Datasheet
549Kb / 54P
   64 SEG / 26 COM DRIVER & CONTROLLER FOR STN LCD
S6A0032 SAMSUNG-S6A0032 Datasheet
361Kb / 39P
   16 COM / 80 SEG DRIVER & CONTROLLER FOR STN LCD
S6A0031 SAMSUNG-S6A0031 Datasheet
339Kb / 37P
   8 COM / 80 SEG DRIVER & CONTROLLER FOR STN LCD
KS0094 SAMSUNG-KS0094 Datasheet
920Kb / 62P
   34 COM / 80 SEG DRIVER & CONTROLLER FOR STN LCD
logo
Generalplus Technology ...
GPLD1080A GENERALPLUS-GPLD1080A Datasheet
545Kb / 20P
   80 CHANNEL SEG/COM STN LCD DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com