Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ST7689 Datasheet(PDF) 9 Page - Sitronix Technology Co., Ltd.

No. de pieza ST7689
Descripción Electrónicos  128RGB x 160 dot 65K Color with Frame Memory Single-Chip CSTN Controller/Driver
Download  195 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SITRONIX [Sitronix Technology Co., Ltd.]
Página de inicio  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7689 Datasheet(HTML) 9 Page - Sitronix Technology Co., Ltd.

Back Button ST7689 Datasheet HTML 5Page - Sitronix Technology Co., Ltd. ST7689 Datasheet HTML 6Page - Sitronix Technology Co., Ltd. ST7689 Datasheet HTML 7Page - Sitronix Technology Co., Ltd. ST7689 Datasheet HTML 8Page - Sitronix Technology Co., Ltd. ST7689 Datasheet HTML 9Page - Sitronix Technology Co., Ltd. ST7689 Datasheet HTML 10Page - Sitronix Technology Co., Ltd. ST7689 Datasheet HTML 11Page - Sitronix Technology Co., Ltd. ST7689 Datasheet HTML 12Page - Sitronix Technology Co., Ltd. ST7689 Datasheet HTML 13Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 195 page
background image
ST7689
Version 1.0
Page 9 of 195
2009/10
2. FEATURES
Driver Output Circuits
♦ 384 segment outputs / 160 common outputs
Applicable Duty Ratios
♦ Various partial display
♦ Partial window moving & data scrolling
Gray-Scale Display
♦ 4FRC & 31 PWM function circuit to display 64 gray-scale display
♦ Support 8 color mode (Idle mode)
On-chip Display Data RAM
♦ Capacity: 128 x 160 x 16 = 327,680 bits
Color support by Interface
♦ 256 color mode(RGB)=(332) mode
♦ 4k colors (RGB)=(444) mode
♦ 65K colors (RGB)=(565) mode
♦ 262K colors (RGB)=(666) mode (truncate)
Microprocessor Interface
♦ 8/16-bit parallel bi-directional interface with 6800-series or 8080-series
♦ 3-line (9-bits) , 4-line(8-bits) serial interface
On-chip Low Power Analog Circuit
♦ On-chip oscillator circuit and voltage regulator
♦ Voltage converter (x5, x6, x7, x8) with internal booster capacitors.
♦ Extremely few outsider components. (Required outsider components: 4 Capacitors)
♦ On-chip electronic contrast control function
♦ Voltage follower
(LCD bias: 1/9, 1/10, 1/11, 1/12, 1/13, 1/14)
Operating Voltage Range
♦ Supply Digital Voltage VDDI (VDD) = 1.65~3.3V
♦ Supply Analog Voltage
VDDA (VDD1, VDD2, VDD3, VDD4, VDD5) = 2.4~3.3V
♦ LCD driving voltage (VOP = V0 - VSS): Max: 18V
LCD Driving Voltage (PROM)
♦ Contrast Adjustment Value is stored in the built-in PROM (Programmable ROM) for better display quality
LCD Driving Setting Suggestion
♦ Vop=15~16V. Bias=1/9~1/11
Package Type
♦ Application for COG


Número de pieza similar - ST7689

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sitronix Technology Co....
ST7687A SITRONIX-ST7687A Datasheet
2Mb / 191P
   128RGB x 128 dot 65K Color with Frame Memory Single-Chip CSTN Controller/Driver
ST7687S SITRONIX-ST7687S Datasheet
2Mb / 195P
   128RGB x 128 dot 65K Color with Frame Memory Single-Chip CSTN Controller/Driver
More results

Descripción similar - ST7689

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sitronix Technology Co....
ST7687S SITRONIX-ST7687S Datasheet
2Mb / 195P
   128RGB x 128 dot 65K Color with Frame Memory Single-Chip CSTN Controller/Driver
ST7687A SITRONIX-ST7687A Datasheet
2Mb / 191P
   128RGB x 128 dot 65K Color with Frame Memory Single-Chip CSTN Controller/Driver
ST7796S SITRONIX-ST7796S Datasheet
3Mb / 279P
   320RGB x 480 dot 262K Color with Frame Memory Single-Chip TFT Controller/Driver
Version V1.0 2014/11
ST7626 SITRONIX-ST7626 Datasheet
1Mb / 94P
   65K Color Dot Matrix LCD Controller/Driver
ST7625 SITRONIX-ST7625 Datasheet
1Mb / 160P
   65K Color Dot Matrix LCD Controller/Driver
ST7636 SITRONIX-ST7636 Datasheet
1Mb / 99P
   65K Color Dot Matrix LCD Controller/Driver
ST7636R SITRONIX-ST7636R Datasheet
1Mb / 109P
   65K Color Dot Matrix LCD Controller/Driver
ST7530 SITRONIX-ST7530 Datasheet
1Mb / 100P
   65K Color Dot Matrix LCD Controller/Driver
ST7624 SITRONIX-ST7624 Datasheet
1,003Kb / 98P
   65K Color Dot Matrix LCD Controller/Driver
ST7628 SITRONIX-ST7628 Datasheet
2Mb / 213P
   65K Color Dot Matrix LCD Controller/Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com