Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

0603HC-3N6XJL Datasheet(PDF) 1 Page - Coilcraft lnc.

No. de pieza 0603HC-3N6XJL
Descripción Electrónicos  Chip Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  COILCRAFT [Coilcraft lnc.]
Página de inicio  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

0603HC-3N6XJL Datasheet(HTML) 1 Page - Coilcraft lnc.

  0603HC-3N6XJL Datasheet HTML 1Page - Coilcraft lnc. 0603HC-3N6XJL Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© Coilcraft, Inc. 2009
Specifications subject to change without notice.
Please check our website for latest information.
1. When ordering, specify tolerance, termination and packaging codes:
0603HC-24NX
JLW
Tolerance:
G =2%
J = 5% (Table shows stock tolerances in bold.)
Termination: L = RoHS compliant silver-palladium-platinum-glass frit.
Special order: T = RoHS tin-silver-copper (95.5/4/0.5) or
S = non-RoHS tin-lead (63/37).
Packaging:
W =7
″ machine-ready reel. EIA-481 punched paper tape
(2000 parts per full reel).
U = Less than full reel. In tape, but not machine ready.
To have a leader and trailer added ($25 charge), use
code letter W instead.
2. Inductance measured at 250 MHz using Coilcraft SMD-A fixture in
Agilent/HP 4286 impedance analyzer with Coilcraft-provided correlation
pieces.
3. Tolerances in bold are stocked for immediate shipment.
4. Q measured at 250 MHz using Agilent/HP 4291A with Agilent/HP 16193
test fixture.
5. SRF measured using Agilent/HP 8720D network analyzer and Coilcraft
SMD-D test fixture.
6. DCR measured on micro-ohmmeter and Coilcraft CCF858 test fixture.
7. Current that causes a 20°C temperature rise from 25°C ambient.
8. Electrical specifications at 25°C.
Refer to Doc 362 “Soldering Surface Mount Components” before soldering.
Document 218-1
Revised 10/03/08
ChipInductors-0603HCSeries(1608)
Document 218-1
With their high current ratings and ultra-small size, these
chip inductors are ideal for today’s high frequency, low
voltage applications like mobile phones. They feature
continuous current ratings up to 2.4 Amps DC and will
handle transient currents up to 50% higher. At low
inductance values, their Q factors are also higher than
our standard 0603CS Series.
SRF
DCR
Inductance2
Percent
Q
900 MHz
1.7 GHz
min5
max6
Irms7
Color
Part number1
(nH)
tolerance3
min4
L typ
Q typ
L typ
Q typ
(MHz)
(Ohms)
(A)
code
0603HC-1N6XJL_
1.6
5
24
1.67
49
1.65
63
12500
0.030
2.4
Black
0603HC-3N6XJL_
3.6
5
24
3.65
70
3.75
90
5900
0.048
2.3
Brown
0603HC-3N9XJL_
3.9
5
25
3.74
70
3.90
90
5900
0.054
2.2
Red
0603HC-6N8XJL_
6.8
5
35
6.72
70
7.10
75
5800
0.054
2.1
Orange
0603HC-7N5XJL_
7.5
5
38
7.33
70
7.90
68
3700
0.059
2.1
Yellow
0603HC-10NX_L_
10
5,2
38
9.70
73
10.5
57
3700
0.071
2.0
Green
0603HC-12NX_L_
12
5,2
38
12.3
68
14.5
41
3000
0.075
2.0
Blue
0603HC-15NX_L_
15
5,2
38
15.5
65
17.6
40
2800
0.080
1.9
Violet
0603HC-18NX_L_
18
5,2
40
19.5
62
25.0
40
2800
0.099
1.9
Gray
0603HC-22NX_L_
22
5,2
42
24.0
61
31.5
26
2400
0.099
1.8
White
0603HC-24NX_L_
24
5,2
42
25.8
55
35.0
21
2400
0.105
1.8
Black
HIGHCURRENT
Designer’s Kit C339 contains 10 of each of all 5% parts
Core material Ceramic
Terminations RoHS compliant matte tin over nickel over silver
platinum-glass frit.
Weight 3.3 – 3.7 mg
Ambient temperature –40°C to +125°C with
Irms current, +125°C
to +145°C with derated current
Storage temperature Component: –40°C to +155°C.
Packaging: –40°C to +80°C
Resistance to soldering heat Max three 40 second reflows at
+260°C, parts cooled to room temperature between cycles
Temperature Coefficient of Inductance (TCL) +25 to +125 ppm/°C
Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30°C /
85% relative humidity)
Failures in Time (FIT) / Mean Time Between Failures (MTBF)
One per billion hours / one billion hours, calculated per Telcordia SR-332
Packaging 2000 per 7
″ reel. Paper tape: 8 mm wide, 1.0 mm thick,
4 mm pocket spacing
PCB washing Only pure water or alcohol recommended


Número de pieza similar - 0603HC-3N6XJL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Coilcraft lnc.
0603HC-3N6XJLU COILCRAFT-0603HC-3N6XJLU Datasheet
104Kb / 2P
   Chip Inductors - 0603HC (1608)
0603HC-3N6XJLW COILCRAFT-0603HC-3N6XJLW Datasheet
104Kb / 2P
   Chip Inductors - 0603HC (1608)
More results

Descripción similar - 0603HC-3N6XJL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Murata Manufacturing Co...
DFE32CAHR47MR0L MURATA1-DFE32CAHR47MR0L Datasheet
511Kb / 9P
   CHIP COIL(CHIP INDUCTORS) Inductors
logo
Panasonic Semiconductor
ELJ-NA4R7JF PANASONIC-ELJ-NA4R7JF Datasheet
478Kb / 18P
   Inductors Chip Inductors
ELJ-ND1R0JF PANASONIC-ELJ-ND1R0JF Datasheet
478Kb / 18P
   Inductors Chip Inductors
ELJ-NA2R2JF PANASONIC-ELJ-NA2R2JF Datasheet
478Kb / 18P
   Inductors Chip Inductors
ELJSA100KF PANASONIC-ELJSA100KF Datasheet
112Kb / 3P
   Fixed Inductors (Chip Inductors)
ELJ-RE3N9ZFA PANASONIC-ELJ-RE3N9ZFA Datasheet
162Kb / 8P
   Fixed Inductors (Chip Inductors)
ELJFCR22F PANASONIC-ELJFCR22F Datasheet
96Kb / 4P
   Fixed Inductors Chip Inductors
ELJPF2N2DFB PANASONIC-ELJPF2N2DFB_13 Datasheet
134Kb / 7P
   Fixed Inductors Chip Inductors
ELJ-FA151JF PANASONIC-ELJ-FA151JF Datasheet
240Kb / 9P
   Fixed Inductors (Chip Inductors)
ELJFQF1N0JF PANASONIC-ELJFQF1N0JF Datasheet
83Kb / 3P
   Fixed Inductors (Chip Inductors)
logo
Panasonic Battery Group
ELJ-RE39NJFA PANASONICBATTERY-ELJ-RE39NJFA Datasheet
203Kb / 8P
   Fixed Inductors (Chip Inductors)
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com