Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

90-36 Datasheet(PDF) 2 Page - Coilcraft lnc.

No. de pieza 90-36
Descripción Electrónicos  Axial Lead Chokes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  COILCRAFT [Coilcraft lnc.]
Página de inicio  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

90-36 Datasheet(HTML) 2 Page - Coilcraft lnc.

  90-36 Datasheet HTML 1Page - Coilcraft lnc. 90-36 Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
© Coilcraft, Inc. 2009
Axial Lead Chokes – 90 Series
Specifications subject to change without notice.
Please check our website for latest information.
Specifications subject to change without notice.
Please check our website for latest information.
Document 115-2
Document 115-2
Revised 12/31/06
Part
Inductance2
Q3
Test freq
DCR max
SRF min
Irms4
Core
number1
±10% (µH)
min
(MHz)
(Ohms)
(MHz)
(mA)
material
90-01
0.10
38
25
0.08
680
1380
Phenolic
90-02
0.12
38
25
0.09
640
1300
Phenolic
90-03
0.15
38
25
0.11
600
1230
Phenolic
90-04
0.18
35
25
0.12
550
1120
Phenolic
90-05
0.22
33
25
0.14
510
1040
Phenolic
90-06
0.27
33
25
0.16
460
975
Phenolic
90-07
0.33
30
25
0.22
410
830
Phenolic
90-08
0.39
30
25
0.30
365
710
Phenolic
90-09
0.47
30
25
0.35
330
660
Phenolic
90-10
0.56
30
25
0.50
310
550
Phenolic
90-11
0.68
28
25
0.60
280
500
Phenolic
90-12
0.82
28
25
0.85
260
420
Phenolic
90-13
1.0
25
25
1.00
240
390
Phenolic
90-14
1.2
60
7.9
0.15
150
620
Ferrite
90-15
1.5
60
7.9
0.16
140
560
Ferrite
90-16
1.8
60
7.9
0.20
125
480
Ferrite
90-17
2.2
60
7.9
0.29
115
415
Ferrite
90-18
2.7
50
7.9
0.40
100
355
Ferrite
90-19
3.3
50
7.9
0.42
90
285
Ferrite
90-20
3.9
50
7.9
0.60
80
263
Ferrite
90-21
4.7
40
7.9
0.66
60
239
Ferrite
90-22
5.6
40
7.9
0.70
45
195
Ferrite
90-23
6.8
40
7.9
0.90
40
185
Ferrite
90-24
8.2
40
7.9
1.00
28
160
Ferrite
90-25
10
35
7.9
1.10
24
144
Ferrite
90-26
12
60
2.5
1.62
20
160
Ferrite
90-27
15
60
2.5
1.75
17
157
Ferrite
90-28
18
60
2.5
1.85
16
149
Ferrite
90-29
22
50
2.5
2.0
14
144
Ferrite
90-30
27
50
2.5
2.1
12
140
Ferrite
90-31
33
50
2.5
2.2
10
130
Ferrite
90-32
39
50
2.5
2.3
9.5
125
Ferrite
90-33
47
50
2.5
2.4
9.0
110
Ferrite
90-34
56
50
2.5
3.0
7.8
100
Ferrite
90-35
68
50
2.5
3.4
7.0
92
Ferrite
90-36
82
50
2.5
3.8
6.7
88
Ferrite
90-37
100
50
2.5
4.1
6.1
84
Ferrite
90-38
120
60
0.79
6.5
4.8
66
Ferrite
90-39
150
60
0.79
8.3
4.1
61
Ferrite
90-40
180
60
0.79
8.9
4.0
57
Ferrite
90-41
220
60
0.79
10.1
3.6
52
Ferrite
90-42
270
60
0.79
11.0
3.3
47
Ferrite
90-43
330
60
0.79
12.4
3.1
45
Ferrite
90-44
390
60
0.79
13.6
2.9
40
Ferrite
90-45
470
60
0.79
18.4
2.4
36
Ferrite
90-46
560
60
0.79
20.3
2.2
35
Ferrite
90-47
680
60
0.79
22.3
2.0
30
Ferrite
90-48
820
60
0.79
25.0
1.9
29
Ferrite
90-49
1000
60
0.79
27.4
1.8
28
Ferrite
1. 5% tolerance part available as special order. Add –5 to end of the part
number: e.g. 90-49-5.
2. Inductance measured with a Coilcraft AXL-A test fixture and Agilent/HP
4192/4286 Impedance Analyzers.
3. Q measured on Agilent/HP 4192/4286 with AXL-A, direct-connected to
Agilent/HP 4342 Q-Meter.
4. Temperature rise at rated current and 90°C ambient
0.10 – 1.0 µH: 35°C
1.2 – 1000 µH: 15°C
5. Operating temperature range
0.10 – 1.0 µH:
−40°C to +125°C
1.2 – 1000 µH:
−40°C to +105°C
6. Electrical specifications at 25°C.
7. Color coding per MIL-C-15305C
8. Epoxy coating: flame resistant 94 VO
9. Designed to meet requirements of Military Specifications MS75083,
MS75084 and MS75085.


Número de pieza similar - 90-36

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
90-360 ETC2-90-360 Datasheet
228Kb / 2P
   HEAVY-DUTY ENCLOSED FAN RELAYS
90-362 ETC2-90-362 Datasheet
228Kb / 2P
   HEAVY-DUTY ENCLOSED FAN RELAYS
90-364 ETC2-90-364 Datasheet
228Kb / 2P
   HEAVY-DUTY ENCLOSED FAN RELAYS
More results

Descripción similar - 90-36

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Coilcraft lnc.
PCH-27-392L COILCRAFT-PCH-27-392L Datasheet
207Kb / 3P
   Axial Lead Power Chokes
PCH-45-124L COILCRAFT-PCH-45-124L Datasheet
258Kb / 3P
   Axial Lead Power Chokes - PCH-27, 45
logo
Allied Components Inter...
APC30-3R9K-RC ALLIED-APC30-3R9K-RC_10 Datasheet
744Kb / 1P
   Axial Power Chokes
APC20-3R9K-RC ALLIED-APC20-3R9K-RC_10 Datasheet
822Kb / 1P
   Axial Power Chokes
APC20 ALLIED-APC20 Datasheet
820Kb / 1P
   Axial Power Chokes
APC30 ALLIED-APC30 Datasheet
742Kb / 1P
   Axial Power Chokes
APC40 ALLIED-APC40 Datasheet
384Kb / 1P
   Axial Power Chokes
APC30-3R9K-RC ALLIED-APC30-3R9K-RC Datasheet
738Kb / 1P
   Axial Power Chokes
APC20-3R9K-RC ALLIED-APC20-3R9K-RC Datasheet
817Kb / 1P
   Axial Power Chokes
AVC40I ALLIED-AVC40I Datasheet
849Kb / 1P
   Axial Varnished Chokes
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com