Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
CS2012C0G104C6R3NBE Datasheet(PDF) 2 Page - SAMWHA ELECTRIC |
|
CS2012C0G104C6R3NBE Datasheet(HTML) 2 Page - SAMWHA ELECTRIC |
2 / 14 page Multi Layer Ceramic Capacitors 7 SAMWHA CAPACITOR Co., Ltd. 6 Capacitance Tolerance Code Code Tolerance Code Tolerance B ±0.1pF M ±20% C ±0.25pF P +100, -0% D ±0.5pF Z +80, -20% F ±1.0% H +0.25/-0pF G ±2.0% I +0/-0.25pF J ±5% U +5/-0% K ±10% V +0/-5% Voltage Code Code 6R3 100 160 250 500 101 201 251 631 302 Vol. DC 6.3V DC 10V DC 16V DC 25V DC 50V DC 100V DC 200V DC 250V DC 630V DC 3000V Capacitance Code(Pico Farads) The nominal capacitance value in pF is expressed by three digit numbers. The first two digits represents significant figures and the last digit denotes the number of zero Ex.) 104 = 100000pF R denotes decimal 8R2 = 8.2pF Termination Code Ex.) N : Ni-Sn (Nickel-Tin Plate) Packing Code Ex.) R : Reel Type B : Bulk Type Thickness Option Typical Performance Characteristics COG Application Suited for precision circuits, requiring stable dielectric characteristics, negligible dependence of capacitance and dissipation factor on time, voltage and frequency. Dielectric Characteristics Temperature Characteristic 0±30ppm/℃ Operating Temperature -55~125℃ Capacitance Tolerance 10pF : ±5%, ±10%, (±1%, ±2%, ±20%) ≤10pF : ±0.1pF, ±0.25pF, ±0.5pF Dissipation Factor & Q ≥30pF : DF≤0.1%, Q≥1000 30pF : Q≥400+20×C Insulation Resistance More than 10,000MΩor 500ΩF (Whichever is smaller) Dielectric Strength 3×RVDC Test Voltage 0.5 to 5Vrms(≤1000pF), 1±0.2Vrms(>1000pF) Test Frequency 1±0.1M㎐(≤1000pF), 1±0.1k㎐(>1000pF) Application Stable class Ⅱdielectric properties, suited for by-pass and coupling purposes, filtering, frequency discrimination, DC blockage, and as voltage transient suppression elements. Dielectric Characteristics Temperature Characteristic ±15% Operating Temperature -55~125℃ Capacitance Tolerance ±10%, ±20%, (±5%, +80~-20%) Dissipation Factor & Q 50V Min. : 2.5% Max. 25V Min. : 3.0% Max. 16V Min. : 3.5% Max. 10V Min. : 5.0% Max. 6.3V Min. : 5.0% Max.(<3.3㎌), 10% Max.(≥3.3㎌) Thin layer lange capacitors type 10% Max. Insulation Resistance More than 10,000MΩor 500ΩF(Whichever is smaller) Thin layer lange capacitors type 50ΩF Min. Dielectric Strength >2.5×RVDC Test Voltage 1±0.2Vrms(≤10㎌, 10V Min.) 0.5±0.1Vrms(≤10㎌, 6.3V Max.) 0.5±0.1Vrms(>10㎌) Test Frequency 1±0.1k㎐(≤10㎌, 10V Min.) 1±0.1k㎐(≤10㎌, 6.3V Max.) 120±24㎐(>10㎌) X7R SMD Type Code Thickness(mm) Dimensions Code Thickness(mm) Dimensions L Tol(±) W Tol(±) Blank 0.30 0.03 E 1.30 0.20 Blank 0.50 0.05 H 1.35 0.20 A 0.60 0.10 I 1.60 0.20 B 0.80 0.10 J 1.80 0.20 B 0.85 0.15 K 2.00 0.25 E 1.00 0.15 L 2.50 0.25 E 1.10 0.15 M 2.80 0.30 E 1.15 0.15 N 3.20 0.30 E 1.25 0.15 O 5.00 0.40 (Unit : mm) |
Número de pieza similar - CS2012C0G104C6R3NBE |
|
Descripción similar - CS2012C0G104C6R3NBE |