Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SA1005C0G104D100NBA Datasheet(PDF) 10 Page - SAMWHA ELECTRIC

No. de pieza SA1005C0G104D100NBA
Descripción Electrónicos  Multi Layer Ceramic Capacitors
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SAMWHA [SAMWHA ELECTRIC]
Página de inicio  http://www.samwha.com
Logo SAMWHA - SAMWHA ELECTRIC

SA1005C0G104D100NBA Datasheet(HTML) 10 Page - SAMWHA ELECTRIC

Back Button SA1005C0G104D100NBA Datasheet HTML 6Page - SAMWHA ELECTRIC SA1005C0G104D100NBA Datasheet HTML 7Page - SAMWHA ELECTRIC SA1005C0G104D100NBA Datasheet HTML 8Page - SAMWHA ELECTRIC SA1005C0G104D100NBA Datasheet HTML 9Page - SAMWHA ELECTRIC SA1005C0G104D100NBA Datasheet HTML 10Page - SAMWHA ELECTRIC SA1005C0G104D100NBA Datasheet HTML 11Page - SAMWHA ELECTRIC SA1005C0G104D100NBA Datasheet HTML 12Page - SAMWHA ELECTRIC SA1005C0G104D100NBA Datasheet HTML 13Page - SAMWHA ELECTRIC SA1005C0G104D100NBA Datasheet HTML 14Page - SAMWHA ELECTRIC  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Multi Layer Ceramic Capacitors
23
SMD Type
SAMWHA CAPACITOR Co., Ltd.
22
30㎊ Min. :
Q≥1,000 (DF≤0.1%)
30㎊ Max. :
Q≥400+20C
(DF≤1/(400+20C))
No.
Item
Characteristic
Temperature
Compensating Type
High Dielectric Constant Type
Test Methods
and Conditions
8
Temperature Appearance
No marking defects
Cycle
Capacitance Within ±2.5% or ±0.25㎊
X7R, X5R : Within ±7.5%
Change
(whichever is larger)
Y5V
: Within ±20%
Dissipation
Factor
(or Q)
I.R.
More than 10,000
MΩor 500Ω.F(Whichever is smaller)
9
Humidity
Appearance
No marking defects
Load
Capacitance Within ±7.5% or ±0.75㎊
X7R, X5R : Within ±12.5%
Change
(whichever is larger)
Y5V
: Within +30%, -40%
(Y5V/1.0㎌, 2.2㎌, 4.7㎌/10V)
Within ±30% (others)
I.R.
More than 500
MΩor 25Ω.F(Whichever is smaller)
10
Appearance
No marking defects
Capacitance
Within ±3% or ±0.3㎊
X7R, X5R : Within ±12.5%
Change
(whichever is larger)
Y5V
: Within ±30%(Cap. < 1.0㎌)
Within +30%, -40%
(Cap. ≥ 1.0㎌)
Dissipation
Factor
(or Q)
I.R.
More than 10,000
MΩ or 50Ω.F(Whichever & Smaller)
30㎊ Min. :
Q≥200 (DF≤0.5%)
30㎊ Max. :
Q≥100 +10/3C
(DF≤1/(100+10/3C))
30㎊ Min. :
Q≥350 (DF≤0.3%)
10㎊≤Cp ≤30㎊:
Q≥275 +5/2C
(DF≤1/(275+5/2C))
10㎊ Max. :
Q≥200+10C
(DF≤1/(200+10C))
High
Temperature
Load
Char. 50V Min. 25V
16V
10V
6.3V
X7R
≤5%/
≤5%/
≤5%/ ≤7.5%/ ≤7.5%/
X5R
≤7.5% ≤10%
≤10% ≤12.5% ≤12.5%
Y5V
≤7.5%/ ≤10%/ ≤12.5% ≤15%/
≤20%
≤12.5% ≤12.5%
≤15%
≤20%
Char. 50V Min. 25V
16V
10V
6.3V
X7R
≤5%/
≤5%/
≤5%/ ≤7.5%/ ≤7.5%/
X5R
≤7.5% ≤10%
≤10% ≤12.5% ≤12.5%
Y5V
≤7.5%/ ≤10%/ ≤12.5% ≤15%/
≤20%
≤12.5% ≤12.5%
≤15%
≤20%
Char. 50V Min. 25V
16V
10V
6.3V
X7R ≤5%/ ≤5%/ ≤5%/ ≤7.5%/ ≤7.5%/
X5R
≤7.5% ≤10%
≤10% ≤12.5% ≤12.5%
Y5V
≤7.5%/ ≤10%/ ≤12.5% ≤15%/
≤20%
≤12.5% ≤12.5%
≤15%
≤20%
- Temperature : 40±2℃
- Humidity : 90~95%
- Hour : 500±12hrs
- Test Voltage : The rated voltage
- Take it out and set it for 24±2 hours
(temperature compensating) or
48±4 hours(high dielectric constant
type) at room temperature, then
measure.
The charge/discharge current is
less than 50mA
- Testing time : 1000±12hrs
- Applied voltage :
Rated voltage < DC250V : ×200%
- Temperature :
C0G, X7R → 125±3℃
X5R , Y5V → 85±3℃
- Measurement after test
Take it out and set it for 24±2
hours(temperature compensating
type)or 48±4 hours (high dielectric
constant type) at room temperature,
then measure.
The charge/discharge current is
less than 50mA.
Perform the five cycless according
to the four heat treatments listed in
the following table.
Step
1
2
3
4
Min.
Max.
Temp. Operating Room Operating Room
(℃)
Temp.
Temp.
Temp.
Temp.
+0, -3
+3, -0
Time
30±3
2 to 3
30±3
2 to 3
(Min)
- Initial measurement
Perform a heat treatment at 150+0,
-10℃ for one hour and then let sit
for 48±4 hours at room temperature.
- Measurement after test
Take it out and set it for 24±2 hours
(temperature compensating) or
48±4 hours(high dielectric constant
type) at room temperature, then
measure.
No.
Item
Characteristic
Temperature
Compensating Type
High Dielectric Constant Type
Test Methods
and Conditions
11 Bending
Strength
Capacitance Within ±5% or ±0.5㎊
X7R, X5R : Within ±12.5%
Change
(whichever is larger)
Y5V
: Within ±30%
12
Appearance No defects or abnormalities
Capacitance Whin the specified tolerance
- Substrate Material :
Glass EPOXY Board
- Board Thickness :
1.6mm
0.8mm(0603/1005size)
※ Test Condition
- Bending Limit : 1mm
- Pressurizing Speed : 1mm/sec
Shown in Fig. After soldering and
then let sit for 24+4hr(temperature
compensating type), 48±4hr (high
dielectric constant type) at room
temperature.
The capacitor should be subjected
to a simple harmonic motion having
a total amplitude of 1.5mm, the
frequency being varied uniformly
between the approximate limits of
10 and 55Hz, shall be traversed(from
10Hz to 55Hz then 10Hz again) in
approximately 1 minute.
This motion shall be applied for a
period of 2 hours in each 3mutually
perpendicular directions(total is
6hours).
- Temperature : 40±2℃
- Humidity : 90~95%
- Hour : 500±12hours
- Measurement after test
Take it out and set it for 24±2 hours
(temperature compensating type) or
48±4 hours(high dielectric constant
type) at room temperature, then
measure.
No cracking or marking defects shall occur
Vibration
Resistance
Char. 50V Min. 25V
16V
10V
6.3V
X7R ≤2.5%/ ≤3%/ ≤3.5%/ ≤5%/ ≤5%/
X5R
≤5%
≤7%
≤7%
≤10% ≤10%
Y5V
≤5%/
≤7%/
≤9% ≤12.5%/
≤15%
≤9%
≤9%
≤12.5%
≤15%
Char. 50V Min. 25V
16V
10V
6.3V
X7R
≤5%/
≤5%/
≤5%/ ≤7.5%/ ≤7.5%/
X5R
≤7.5% ≤10%
≤10% ≤12.5% ≤12.5%
Y5V
≤7.5%/ ≤10%/ ≤12.5% ≤15%/
≤20%
≤12.5% ≤12.5%
≤15%
≤20%
30㎊ Min. :
Q 1,000 (DF 0.1%)
30㎊ Max. :
Q 400+20C
(DF 1/ (400+20C))
30㎊ Min. :
Q≥350 (DF≤0.3%)
10㎊≤Cp ≤30㎊:
Q≥275 +5/2C
(DF≤1/(275+5/2C))
10㎊ Max. :
Q≥200+10C
(DF≤1/(200+10C))
13 Humidity
Steady
State
Appearance No marking defects
Capacitance Within ±5% or ±0.5㎊
X7R, X5R : Within ±12.5%
Change
(whichever is larger)
Y5V
: Within ±30%
Dissipation
(or Q)
I.R
More than 1,000
MΩor 50Ω.F (Whichever is Smaller)
Q/DF
Dissipation
Factor
(or Q)


Número de pieza similar - SA1005C0G104D100NBA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Pan Jit International I...
SA100 PANJIT-SA100 Datasheet
169Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 TO 170 Volts 500 Watt Peak Pulse Power)
logo
Chongqing Pingwei Enter...
SA100 CHONGQING-SA100 Datasheet
226Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
First Components Intern...
SA100 FCI-SA100 Datasheet
178Kb / 4P
   5.0V to 170V GPP TRANSIENT VOLTAGE SUPPRESSORS
logo
Taiwan Semiconductor Co...
SA100 TSC-SA100 Datasheet
667Kb / 5P
   500 Watts Transient Voltage Suppressor
logo
Won-Top Electronics
SA100 WTE-SA100 Datasheet
68Kb / 5P
   500W TRANSIENT VOLTAGE SUPPRESSORS
More results

Descripción similar - SA1005C0G104D100NBA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
MCH18 ROHM-MCH18 Datasheet
132Kb / 6P
   Multi-layer ceramic chip capacitors
MCH02 ROHM-MCH02 Datasheet
78Kb / 7P
   Multi-layer ceramic chip capacitors
MCH43 ROHM-MCH43 Datasheet
156Kb / 11P
   Multi-layer ceramic chip capacitors
MCH155A151JK ROHM-MCH155A151JK Datasheet
123Kb / 10P
   Multi-layer ceramic chip capacitors
MCH55 ROHM-MCH55 Datasheet
185Kb / 10P
   Multi-layer ceramic chip capacitors
MCH185A221JK ROHM-MCH185A221JK Datasheet
132Kb / 10P
   Multi-layer ceramic chip capacitors
MCH03 ROHM-MCH03 Datasheet
215Kb / 13P
   Multi-layer ceramic chip capacitors
MCH31 ROHM-MCH31 Datasheet
229Kb / 11P
   Multi-layer ceramic chip capacitors
MCH155A ROHM-MCH155A Datasheet
123Kb / 10P
   Multi-layer ceramic chip capacitors
logo
Dubilier
DRU21C102JBTA DUBILIER-DRU21C102JBTA Datasheet
126Kb / 1P
   CAPACITORS CERAMIC MULTI-LAYER RADIAL DR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com