Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DL-5530-F Datasheet(PDF) 1 Page - Optoway Technology Inc

No. de pieza DL-5530-F
Descripción Electrónicos  1550 nm DFB LASER DIODE MODULES UNCOOLED MQW DFB LD WITH RECEPTACLE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  OPTOWAY [Optoway Technology Inc]
Página de inicio  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

DL-5530-F Datasheet(HTML) 1 Page - Optoway Technology Inc

  DL-5530-F Datasheet HTML 1Page - Optoway Technology Inc DL-5530-F Datasheet HTML 2Page - Optoway Technology Inc DL-5530-F Datasheet HTML 3Page - Optoway Technology Inc DL-5530-F Datasheet HTML 4Page - Optoway Technology Inc DL-5530-F Datasheet HTML 5Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Optoway
DL-5500
********************************************************************************************************************************************************
*******************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC.
No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax:886-3-5979737
e-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
4/15/2009 V3.0
1550 nm DFB LASER DIODE MODULES
DL-5500 SERIES
UNCOOLED MQW DFB LD WITH RECEPTACLE
*******************************************************************************************************************************************************
FEATURES
Uncooled Laser Diode with MQW Structure
High Reliability, Long Operation Life
Single Frequency Operation with High SMSR
0 to 70
oC operation without active cooling
Build-in InGaAs monitor
APPLICATION
Trunk Line, FitL
DESCRIPTION
DL-5500 series are designed for coupling a single mode optical fiber with 1550 nm MQW DFB uncooled laser
diode. DL-5500 series are the best kits as light sources for telecom and datacom applications.
ELECTRICAL AND OPTICAL CHARACTERISTICS
(TC=25 °C)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Ith
Threshold Current
CW
10
15
mA
VOP
Operating Voltage
CW, IF=Ith+20mA
1.2
1.5
V
Pf
Optical Output Power
Part No:DL-550XX
DL-551XX
DL-552XX
DL-553XX
DL-554XX
CW, IF=Ith+20mA
0.2
0.5
1.0
2.0
3.0
0.5
1.0
2.0
3.0
-
mW
λc
Center Wavelength
CW, Ith+20mA
1530
1550
1570
nm
SMSR
Side Mode Suppression Ratio
CW, Ith+20mA
30
35
dB
t r, t f
Rise And Fall Times
Part No:DL-55XX
DL-55XXS
IF=Ith, Ith+20mA,20~80%
226
150
ps
ΔPf / P f Tracking Error
APC, 0~+70 ºC
-1.5
1.5
dB
Im
PD Monitor Current
CW, Ith+20mA,VRD=1V
100
μA
ID
PD Dark Current
VRD=5V
0.1
μA
C t
PD Capacitance
VRD=5V, f=1MHz
10
15
pF


Número de pieza similar - DL-5530-F

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Optoway Technology Inc
DL-5530-1490-F OPTOWAY-DL-5530-1490-F Datasheet
111Kb / 2P
   1490 nm DFB LASER DIODE MODULES UNCOOLED MQW DFB LD WITH RECEPTACLE
DL-5530-1490-F OPTOWAY-DL-5530-1490-F Datasheet
111Kb / 2P
   1490 nm DFB LASER DIODE MODULES 2.5 Gbps UNCOOLED MQW DFB LD WITH RECEPTACLE
DL-5530-1490-FB OPTOWAY-DL-5530-1490-FB Datasheet
111Kb / 2P
   1490 nm DFB LASER DIODE MODULES UNCOOLED MQW DFB LD WITH RECEPTACLE
DL-5530-1490-FB OPTOWAY-DL-5530-1490-FB Datasheet
111Kb / 2P
   1490 nm DFB LASER DIODE MODULES 2.5 Gbps UNCOOLED MQW DFB LD WITH RECEPTACLE
DL-5530-1490-FBS OPTOWAY-DL-5530-1490-FBS Datasheet
111Kb / 2P
   1490 nm DFB LASER DIODE MODULES UNCOOLED MQW DFB LD WITH RECEPTACLE
More results

Descripción similar - DL-5530-F

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Optoway Technology Inc
DL-5540 OPTOWAY-DL-5540 Datasheet
117Kb / 2P
   1550 nm DFB LASER DIODE MODULES UNCOOLED MQW DFB LD WITH RECEPTACLE
DL-5500 OPTOWAY-DL-5500 Datasheet
133Kb / 2P
   1550 nm DFB LASER DIODE MODULES UNCOOLED MQW DFB LD WITH RECEPTACLE
DL-5300 OPTOWAY-DL-5300_09 Datasheet
81Kb / 4P
   1550 nm DFB LASER DIODE MODULES UNCOOLED MQW DFB LD WITH PIGTAIL
DL-5340 OPTOWAY-DL-5340 Datasheet
94Kb / 2P
   1550 nm DFB LASER DIODE MODULES UNCOOLED MQW DFB LD WITH PIGTAIL
DL-5300 OPTOWAY-DL-5300 Datasheet
101Kb / 2P
   1550 nm DFB LASER DIODE MODULES UNCOOLED MQW DFB LD WITH PIGTAIL
DL-5500-1625 OPTOWAY-DL-5500-1625 Datasheet
111Kb / 2P
   1625 nm DFB LASER DIODE MODULES UNCOOLED MQW DFB LD WITH RECEPTACLE
DL-5500-1490 OPTOWAY-DL-5500-1490 Datasheet
111Kb / 2P
   1490 nm DFB LASER DIODE MODULES UNCOOLED MQW DFB LD WITH RECEPTACLE
DL-3500 OPTOWAY-DL-3500_09 Datasheet
93Kb / 5P
   1310 nm DFB LASER DIODE MODULES UNCOOLED MQW DFB LD WITH RECEPTACLE
DL-5500-1650 OPTOWAY-DL-5500-1650 Datasheet
111Kb / 2P
   1650 nm DFB LASER DIODE MODULES UNCOOLED MQW DFB LD WITH RECEPTACLE
DL-3500 OPTOWAY-DL-3500 Datasheet
133Kb / 2P
   1310 nm DFB LASER DIODE MODULES UNCOOLED MQW DFB LD WITH RECEPTACLE
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com