Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TS6121QX Datasheet(PDF) 1 Page - Bothhand USA, LP.

No. de pieza TS6121QX
Descripción Electrónicos  10/100 BASE-T ETHERNET ISOLATION TRANSFORMER
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  BOTHHAND [Bothhand USA, LP.]
Página de inicio  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

TS6121QX Datasheet(HTML) 1 Page - Bothhand USA, LP.

  TS6121QX Datasheet HTML 1Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
P/N: TS6121QX DATA SHEET
Feature
!
Designed to meet IEEE 802.3u requirement, including
350uH OCL with 8mA bias.
!
Operating temperature range: 0℃ to +70℃.
!
Storage temperature range: -25℃ to +125℃.
Electrical Specifications @ 25°C
Turns Ratio
(±3%)
Part
Number
1-3:6-8
16-14:11-9
OCL (uH Min)
@100KHz/0.1V
with 8mA DC Bias
L.L
(uH Max)
Cw/w
(pF Max)
Return time
10-90%
(nS typ)
HI-POT
(Vrms)
TS6121QX
1CT:1CT
1CT:1CT
350
0.5
50
2.5
1500
Continue
Insertion Loss
(dB Max)
Return Loss
(dB Min)
Cross talk
(dB Min)
DCMR
(dB Min)
Part
Number
0.3-100MHz
30MHz
60MHz
80MHz
0.3-60MHz
60-100MHz
30MHz
60MHz
100MHz
TS6121QX
-1.15
-18
-14
-12
-45
-35
-40
-35
-30
Schematic
Mechanical
Bothhandusa.com
10/100 BASE-T ETHERNET ISOLATION
TRANSFORMER
462 Boston St - Topsfield, MA 01983 - Phone: 978-887-8050 - Fax: 978-887-5434


Número de pieza similar - TS6121QX

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Bothhand USA, LP.
TS6121 BOTHHAND-TS6121 Datasheet
184Kb / 1P
   10/100 BASE-T ISOLATION TRANSFORMER
TS6121 BOTHHAND-TS6121 Datasheet
259Kb / 1P
   10/100 BASE-T ISOLATION TRANSFORMER
logo
List of Unclassifed Man...
TS6121A ETC1-TS6121A Datasheet
343Kb / 4P
   10/100 BASE PULSE TRANSFORMERS (SMD) SMALL SIZE
logo
Bothhand USA, LP.
TS6121A BOTHHAND-TS6121A Datasheet
190Kb / 1P
   10/100 BASE PULSE TRANSFORMER
TS6121A BOTHHAND-TS6121A Datasheet
260Kb / 1P
   10/100 BASE PULSE TRANSFORMER
More results

Descripción similar - TS6121QX

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Bothhand USA, LP.
16PT6149F BOTHHAND-16PT6149F Datasheet
26Kb / 1P
   10/100 BASE-T ETHERNET ISOLATION TRANSFORMER
TS1102 BOTHHAND-TS1102 Datasheet
28Kb / 1P
   10/100 BASE-T ETHERNET ISOLATION TRANSFORMER
TS6121AX BOTHHAND-TS6121AX Datasheet
263Kb / 1P
   10/100 BASE-T ETHERNET ISOLATION TRANSFORMER
TSB21L BOTHHAND-TSB21L Datasheet
264Kb / 1P
   10/100 BASE-T ETHERNET ISOLATION TRANSFORMER
TS6121C3 BOTHHAND-TS6121C3 Datasheet
262Kb / 1P
   10/100 BASE-T ETHERNET ISOLATION TRANSFORMER
TS6121CH BOTHHAND-TS6121CH Datasheet
292Kb / 1P
   10/100 BASE-T ETHERNET ISOLATION TRANSFORMER
TS6115 BOTHHAND-TS6115 Datasheet
181Kb / 1P
   10/100 BASE-T ETHERNET ISOLATION TRANSFORMER
TS6121CXLF BOTHHAND-TS6121CXLF Datasheet
112Kb / 1P
   10/100 BASE-T ETHERNET ISOLATION TRANSFORMER
TS6121CX BOTHHAND-TS6121CX Datasheet
264Kb / 1P
   10/100 BASE-T ETHERNET ISOLATION TRANSFORMER
TS6121D BOTHHAND-TS6121D_1 Datasheet
261Kb / 1P
   10/100 BASE-T ETHERNET ISOLATION TRANSFORMER
TS8115LF BOTHHAND-TS8115LF Datasheet
79Kb / 1P
   10/100 BASE-T ETHERNET ISOLATION TRANSFORMER
More results


Html Pages

1


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com