Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FAN6754 Datasheet(PDF) 5 Page - Fairchild Semiconductor

No. de pieza FAN6754
Descripción Electrónicos  Highly Integrated Green- Mode PWM Controller
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN6754 Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FAN6754 Datasheet HTML 1Page - Fairchild Semiconductor FAN6754 Datasheet HTML 2Page - Fairchild Semiconductor FAN6754 Datasheet HTML 3Page - Fairchild Semiconductor FAN6754 Datasheet HTML 4Page - Fairchild Semiconductor FAN6754 Datasheet HTML 5Page - Fairchild Semiconductor FAN6754 Datasheet HTML 6Page - Fairchild Semiconductor FAN6754 Datasheet HTML 7Page - Fairchild Semiconductor FAN6754 Datasheet HTML 8Page - Fairchild Semiconductor FAN6754 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN6754 • Rev. 1.0.1
5
Electrical Characteristics
VDD=15V and TA=25°C unless otherwise noted.
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
VDD Section
VOP
Continuously Operating Voltage
24
V
VDD-ON
Start Threshold Voltage
15.5
16.5
17.5
V
VDD-OFF
Minimum Operating Voltage
8
9
10
V
VDD-OLP
IDD-OLP Off Voltage
5.5
6.5
7.5
V
VDD-LH
Threshold Voltage on VDD Pin for
Latch-Off Release Voltage
3.5
4.0
4.5
V
VDD-AC
Threshold Voltage on VDD Pin for
Disable AC recovery to avoid
Startup Failed
VDD-OFF
+2.5
VDD-OFF
+3.0
VDD-OFF
+3.5
V
IDD-ST
Startup Current
VDD-ON – 0.16V
30
µA
IDD-OP1
Operating Supply Current when
PWM operation
VDD=20V, FB=3V Gate
Open
1.7
2.0
mA
IDD-OP2
Operating Supply Current when
Gate Stop
VDD=20V, FB=3V
1.2
1.5
mA
ILH
Operating Current at PWM-Off
Phase Under Latch-Off
Conduction
VDD=5V
30
60
90
µA
IDD-OLP
Internal Sink Current Under Latch-
Off Conduction
VDD-OLP+0.1V
170
200
230
µA
VDD-OVP
VDD Over-Voltage Protection
24
25
26
V
tD-VDDOVP
VDD Over-Voltage Protection
Debounce Time
75
165
255
µs
HV Section
IHV
Supply Current from HV Pin
VAC=90V(VDC=120V),
VDD=0V
1.50
2.75
4.00
mA
VAC-OFF
Brownout Threshold
DC Source Series
R=200k
Ω to HV Pin
See Equation 1
92
102
112
V
VAC-ON
Brownin Threshold
DC Source Series
R=200kΩ to HV Pin
See Equation 2
104
114
124
V
VAC
VAC-ON - VAC-OFF
DC Source Series
R=200kΩ to HV Pin
6
12
18
V
tS-CYCLE
Line Voltage Sample Cycle
FB > VFB-N
220
μs
FB < VFB-G
650
tH-TIME
Line Voltage Hold Period
20
μs
tD-AC-OFF PWM Turn-off Debounce Time
FB > VFB-N
65
75
85
ms
FB < VFB-G
180
235
290
ms
Continued on the following page…


Número de pieza similar - FAN6754

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FAN6754 FAIRCHILD-FAN6754 Datasheet
748Kb / 14P
   Highly Integrated Green-Mode PWM Controller
FAN6754 FAIRCHILD-FAN6754 Datasheet
804Kb / 14P
   Highly Integrated Green- Mode PWM Controller
FAN6754A FAIRCHILD-FAN6754A Datasheet
470Kb / 9P
   Design Guideline to Replace SG6742 with FAN6754A
FAN6754BMRMY FAIRCHILD-FAN6754BMRMY Datasheet
1Mb / 24P
   Integrated Critical-Mode PFC and Quasi-Resonant
FAN6754MLMY FAIRCHILD-FAN6754MLMY Datasheet
748Kb / 14P
   Highly Integrated Green-Mode PWM Controller
More results

Descripción similar - FAN6754

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
SG6846 ETC1-SG6846 Datasheet
3Mb / 14P
   Highly-Integrated Green-Mode PWM Controller
logo
Fairchild Semiconductor
SG6846A FAIRCHILD-SG6846A Datasheet
490Kb / 13P
   Highly Integrated Green-Mode PWM Controller
SG6741 FAIRCHILD-SG6741 Datasheet
619Kb / 13P
   Highly-Integrated Green-Mode PWM Controller
FAN6862WLTY FAIRCHILD-FAN6862WLTY Datasheet
2Mb / 16P
   Highly Integrated Green-Mode PWM Controller
SG6846B FAIRCHILD-SG6846B Datasheet
451Kb / 15P
   Highly Integrated Green-Mode PWM Controller
SG6741A FAIRCHILD-SG6741A Datasheet
557Kb / 12P
   Highly Integrated Green-Mode PWM Controller
SG6846A FAIRCHILD-SG6846A_08 Datasheet
476Kb / 15P
   Highly Integrated Green-Mode PWM Controller
SG6846G FAIRCHILD-SG6846G Datasheet
376Kb / 14P
   Highly Integrated Green-Mode PWM Controller
FAN6751MR FAIRCHILD-FAN6751MR Datasheet
468Kb / 13P
   Highly-Integrated Green-Mode PWM Controller
FAN6863RTY FAIRCHILD-FAN6863RTY Datasheet
1Mb / 16P
   Highly Integrated Green-Mode PWM Controller
SG5842A FAIRCHILD-SG5842A_09 Datasheet
573Kb / 15P
   Highly Integrated Green-Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com