Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FWA-3240A10E Datasheet(PDF) 1 Page - Advantech Co., Ltd.

No. de pieza FWA-3240A10E
Descripción Electrónicos  1U Rackmount Intel Tolapai-based Platform with 4 Front LAN Ports & LCD Display
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ADVANTECH [Advantech Co., Ltd.]
Página de inicio  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

FWA-3240A10E Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  FWA-3240A10E Datasheet HTML 1Page - Advantech Co., Ltd. FWA-3240A10E Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
All product specifications are subject to change without notice
Last updated : 26-Dec-2008
1U Rackmount Network Application Platform
Intel EP80579 Integrated Processor (Tolapai) solution
One internal proprietary PCIe x4 expansion slot
Single channel DDR2 SODIMM support up to 2 GB
4 x 10/100/1000 Mbps GbE LAN ports
Console port for local setting
FWA-3240 1URackmountIntelTolapai-basedPlatform
with 4 Front LAN Ports & LCD Display
Introduction
The FWA-3240 incorporates Intel’s Tolapai System-on-Chip which combines Intel’s QuickAssist Technology and integrates an Intel Pentium M class core, memory controller and I/O
controller. The high-performance CPU core supplies the horse power needed to perform deep packet inspection and other complex operations and is particularly optimized for entry
to mid-range network security appliances.
Security applications can run existing x86 software applications because of backward code compatible with earlier Intel processors. Most network security platforms already run on
Intel x86 processors and can run existing software applications on Tolapai because it is backward compatible with earlier Intel processors. Typical appliance workloads which require
IP-SEC encryption, acceleration and compression of content can offload processing on to the QuickAssist Integrated Accelerator which increases the effective data throughput and
performance and reduces the overall power consumption of a given application.
The FWA-3240 features a low-power design, and supports up to 2 GB DDR2 on one single-channel SO-DIMM. It provides a total of four GbE LANs, three of which are from the Tolapai
on-chip MACs (Intel 82574-derived) and the fourth from a PCIe-based Intel 82574 Ethernet controller.
The on-chip MACs are routed to 3 Marvell PHY devices.
The system supports one 2.5” SATA HDD and CompactFlash for OS and/or Internet security applications. The front panel provides a RS-232 serial port with RJ-45 socket, 2 USB
ports and a LCD Module for local system management, maintenance and diagnostics. The system is fully FCC, CE and RoHS compliant.
Specifications
Processor System
CPU & Chipset
Intel EP80579 Integrated Processor (Tolapai) supports 600/1066/1200 MHz processor
Max. Speed
1.2 GHz
Front Side Bus
400/533 MHz
BIOS
Award™ 4 Mbit Flash
Memory
Technology
Single channel DDR2 800/667/533/400 MHz SODIMM
Capacity
Up to 2 GB with 1 slot
Expansion
Onboard Expansion slots
One proprietary internal PCIe x4 connector
Ethernet
Interface
4 x 10/100/1000Base-T
Controller
Three GbE from Intel EP80579 Integrated Processor + Marvell 88E1111 PHY
One GbE from Intel 82574, with bypass function
Storage
SATA
1 x 2.5” or 3.5” HDD bay
Max. data transfer rate at 150 MB/sec
Controller
JMicron (SATA to IDE bridge)
Compact Flash Socket
1 x CF socket on IDE 0 (Primary)
Peripheral
USB
2 x USB 2.0
Serial
1 x RS-232 with RJ-45 connector
LCD Module
16 characters, 2 lines, 5 buttons
Pin headers
K/B, Mouse, LPT, COM
Power
Watt
180 W
Input
90 ~ 240 V AC, auto range
Environment
Operating
Non-Operating
Temperature
0 ~ 40° C (32 ~ 104° F)
-20 ~ 75° C (-4 ~ 167° F)
Humidity
5 ~ 85 % @ 40° C (104° F)
5 ~ 95 %
Physical
Dimensions (W x H x D)
426 x 44 x 236 mm (16.8" x 1.7" x 9.3")
Weight
4.2 kg (9.3 lb)
NEW


Número de pieza similar - FWA-3240A10E

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Advantech Co., Ltd.
FWA-3220 ADVANTECH-FWA-3220 Datasheet
472Kb / 2P
   1U Rackmount Network Appliance based on the Intel짰 Platform for Communications Infrastructure
FWA-3230A-00E ADVANTECH-FWA-3230A-00E Datasheet
732Kb / 2P
   1U Rackmount Network Application Platform with 4th gen. Intel짰 Xeon짰 Processor E3 series and Intel짰 Core??i7/i5/i3 Processors
FWA-3230A_B ADVANTECH-FWA-3230A_B_15 Datasheet
732Kb / 2P
   1U Rackmount Network Application Platform with 4th gen. Intel짰 Xeon짰 Processor E3 series and Intel짰 Core??i7/i5/i3 Processors
FWA-3230B-00E ADVANTECH-FWA-3230B-00E Datasheet
732Kb / 2P
   1U Rackmount Network Application Platform with 4th gen. Intel짰 Xeon짰 Processor E3 series and Intel짰 Core??i7/i5/i3 Processors
FWA-3231 ADVANTECH-FWA-3231 Datasheet
646Kb / 2P
   1U Rackmount Network Appliance with 4th gen. Intel® Xeon® Processor E3 series and Intel® Core™ i7/i5/i3 Processors, 4 NMC slots
9-Jun-2017
More results

Descripción similar - FWA-3240A10E

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Advantech Co., Ltd.
FWA-3710 ADVANTECH-FWA-3710 Datasheet
689Kb / 2P
   1U Rackmount Intel짰 Pentium짰 M Processor-based Platform with 4 PCIe LAN Ports
FWA-3700 ADVANTECH-FWA-3700 Datasheet
1Mb / 2P
   1U Rackmount Intel짰 Pentium짰 M Processor-based Platform with 4 PCIe LAN Ports
FWA-3800 ADVANTECH-FWA-3800 Datasheet
869Kb / 2P
   1U Rackmount Intel짰 Core?? Duo Processor-based Platform with 6 PCIe LAN Ports
FWA-3140 ADVANTECH-FWA-3140 Datasheet
1Mb / 2P
   1U Rackmount Intel짰 Pentium짰 4 Processor-based Platform with 4 PCI LAN Ports/2 PCI Expansion Slots
logo
AAEON Technology
FWS-7200 AAEON-FWS-7200 Datasheet
329Kb / 2P
   1U Rackmount Intel Atom D525 ICH8M Network Appliance With 6 LAN Ports
logo
Axiomtek Co., Ltd.
NA361R AXIOMTEK-NA361R_17 Datasheet
276Kb / 1P
   1U Rackmount Network Appliance Platform with Intel Atom Processor
logo
AAEON Technology
FWS-7810 AAEON-FWS-7810 Datasheet
307Kb / 2P
   1U Rackmount 8 LAN Ports Network Appliance
FWS-7810 AAEON-FWS-7810_15 Datasheet
307Kb / 2P
   1U Rackmount 8 LAN Ports Network Appliance
logo
Axiomtek Co., Ltd.
NA-360 AXIOMTEK-NA-360_17 Datasheet
170Kb / 1P
   1U Rackmount Network Appliance Platform with Intel Celeron Processor 725C
logo
Advantech Co., Ltd.
FWA-6280-C ADVANTECH-FWA-6280-C Datasheet
1Mb / 2P
   2U Rackmount Intel Xeon짰 Processor-based Platform with Modular PCIe LAN I/O Cards
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com