Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

SD250-4L Datasheet(PDF) 1 Page - Coilcraft lnc.

No. de Pieza. SD250-4L
Descripción  Base/Gate Driver Transformers
Descarga  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  COILCRAFT [Coilcraft lnc.]
Página de inicio  http://www.coilcraft.com
Logo 

SD250-4L Datasheet(HTML) 1 Page - Coilcraft lnc.

   
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
© Coilcraft, Inc. 2006
Specifications subject to change without notice.
Please check our website for latest information.
Base/Gate Driver Transformers
Document 130
Document 130
Revised 10/26/06
Lower cost than toroidal equivalents
Frequency range of 10 - 250 kHz and up
Industry standard pin centers
VDE, IEC, UL, CSA compliant
3750 Vrms isolation between windings
Constructed with UL approved Class 130°C insulation
system (UL File E83628)
SD250-1L
SD250-2L
SD250-3L
SD250-4L
Turns ratio (pri : sec)
1 : 1
1 : 1.5
1 : 1 : 1
1 : 1.5 : 1.5
Primary winding
Inductance (min)1
1.5 mH
1.5 mH
1.5 mH
1.5 mH
Leakage inductance (max)1
4.0 µH
4.0 µH
4.0 µH
4.0 µH
DCR
0.4
0.4
0.4
0.4
Volt-time product
375 V-µsec
375 V-µsec
375 V-µsec
375 V-µsec
Secondary winding(s)
Capacitance, pri to sec (max)
50 pF
50 pF
50 pF
50 pF
DCR, each section (max)
0.75
2.5
0.75
2.5
1. Measured at 1 Vrms, 15.75 kHz.
2. Operating temperature range –40°C to +85°C.
3. Electrical specifications at 25°C.
5
6
10
1
Pri
(drive)
Pri
(drive)
5
1
Sec
9
10
Sec 2
6
7
Sec 1
SD250-1 and 250-2
SD250-3 and 250-4
1.10
27,94
0.395
10,03
1.10
27,94
0.044
1,12
max
max
max
0.15 ±0.030
3,81 ±0,762
0.032
0,813
0.950
24,13
max
dia ref
dia
Pins 7 and 9 are not present
on SD250-1 and SD250-2
15
6
7
9
10
0.62 ±0.015
15,75 ±0,38
0.75
19,05
Recommended
board layout
0.20
5,08
0.40
10,16
0.80
20,32
1
5
67
9
10
Weight:
15.6 – 16.8 g
Termination:
Tin-silver over tin over copper
Packaging:
49 per tray


Html Pages

1 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn