Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CS60-010L Datasheet(PDF) 1 Page - Coilcraft lnc.

No. de pieza CS60-010L
Descripción Electrónicos  50/60Hz Current Sensor
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  COILCRAFT [Coilcraft lnc.]
Página de inicio  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

CS60-010L Datasheet(HTML) 1 Page - Coilcraft lnc.

  CS60-010L Datasheet HTML 1Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
© Coilcraft, Inc. 2006
Specifications subject to change without notice.
Please check our website for latest information.
50/60Hz Current Sensor – CS60-010
Document 133
Document 133
Revised 02/01/05
This Coilcraft current sensor is intended for measuring
current from 1 to 10 amps rms. The sensor functions as
the encapsulated secondary of a current transformer,
while the conductor carrying the current to be mea-
sured serves as the “one turn primary.” Sensitivity may
be enhanced by increasing primary turns.
Minimum wall thickness of the hole is 0.5 mm to meet
IEC 380 and other requirements when used with an
insulated conductor.
Applications include sensing branch circuit overload
and detecting load drop or shutdown.
Coilcraft Designer’s Kit P403 contains two samples of
this sensor and 15 samples of nine different high fre-
quency current sensors. To order, contact Coilcraft or
visit http://order.coilcraft.com.
Part
Sensed
Vout
number
current Irms
tolerance
CS60-010L
1–10 A rms
±10%
(For sensed current above 10 Arms, see CS60 data sheet)
1. Operating temperature range
−40°C to +85°C.
2. Electrical specifications at 25°C.
0.75
19,05
0.125
3,175
0.033 ±0.002
0,84 ±0,05
0.50 ±0.015
12,7 ±0,38
0.80
20,30
max
min
max
0.550
13,97
0.125
3,175
0.45
11,43
0.34
8,64
max
max
max
max
1
3
3
Date code
Typical Response
Weight:
5.8 g
Terminations: Tin-silver over copper
Current (A rms)
12
3
4
56
7
89
10
100
90
80
70
60
50
40
30
20
10
CS60-010
1
+
Irms
50
3
Vrms
out
Typical Application


Número de pieza similar - CS60-010L

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Coilcraft lnc.
CS60-010L COILCRAFT-CS60-010L Datasheet
264Kb / 1P
   50/60Hz Current Sensor ??CS60-010
More results

Descripción similar - CS60-010L

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Coilcraft lnc.
CS60-010 COILCRAFT-CS60-010_13 Datasheet
264Kb / 1P
   50/60Hz Current Sensor ??CS60-010
logo
Nuvotem Talema
AX-0500 TALEMA-AX-0500 Datasheet
325Kb / 3P
   50/60Hz Current Transformers
logo
TRIAD MAGNETICS
MD-2000-U TRIAD-MD-2000-U Datasheet
54Kb / 1P
   120VAC짹10%, 50/60Hz
MD-250-E TRIAD-MD-250-E Datasheet
55Kb / 1P
   240VAC짹10%, 50/60Hz
MD-250-U TRIAD-MD-250-U Datasheet
55Kb / 1P
   120VAC짹10%, 50/60Hz
MD-500-U TRIAD-MD-500-U Datasheet
55Kb / 1P
   120VAC짹10%, 50/60Hz
MD-1000-U TRIAD-MD-1000-U Datasheet
55Kb / 1P
   120VAC짹10%, 50/60Hz
MD-2400-E TRIAD-MD-2400-E Datasheet
54Kb / 1P
   240VAC짹10%, 50/60Hz
MD-500-E TRIAD-MD-500-E Datasheet
55Kb / 1P
   240VAC짹10%, 50/60Hz
logo
VACUUMSCHMELZE GmbH & C...
T60404-N4646-X412 VACUUMSCHMELZE-T60404-N4646-X412 Datasheet
179Kb / 4P
   50/100A Current Sensor
More results


Html Pages

1


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com