Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SDKQ110100 Datasheet(PDF) 2 Page - ALPS ELECTRIC CO.,LTD.

No. de pieza SDKQ110100
Descripción Electrónicos  Multi-connection Type
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ALPS [ALPS ELECTRIC CO.,LTD.]
Página de inicio  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SDKQ110100 Datasheet(HTML) 2 Page - ALPS ELECTRIC CO.,LTD.

  SDKQ110100 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SDKQ110100 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
213
Push
Type
Rocker
Type
Slide
Type
Rotary
Type
Detector
Push
Slide
Rotary
Encoders
Power
Dual-in-line
Package Type
TACT Switch
TM
Custom-
Products
List of Varieties
Operating
temperature range
–20
℃ to
+60℃
–30
℃ to
+60℃
100m
Ω max.
500M
Ω min.
500V DC
–30
±2℃
for 96h
–40
±2℃
for 96h
85
±2℃ for 96h
85
±2℃ for 240h
40
±2℃,
90 to 95%RH for 240h
40
±2℃,
90 to 95%RH for 96h
1,000V AC
for 1minute
1,500V AC for 1minute
50N
for 1minute
20N
20N
Contact
resistance
Insulation
resistance
Voltage
proof
Terminal
strength
Operating
direction
Perpendicular
direction
Manual
soldering
Dip
soldering
Cold
Dry heat
Damp heat
Resistance to
soldering heat
Actuator
strength
Push
SDKN
SDKS
–10
℃ to
+60℃
–25
±2℃
for 240h
–20
±2℃
for 240h
70N
for 1minute
100N
20N
30N
50m
Ω max.
100M
Ω min.
500V DC
500M
Ω min. 500V DC
100m
Ω max.
SDKQ
60
±2℃,
90 to 95%RH for 1000h
–10
℃ to
+85℃
5N
for 1minute
SDKR
1,000V AC
for 1minute
300
±10℃,
3
±0.5s
260
±5℃,
10
±1s
350
±10℃, 3±0.5s
–20
±2℃ for 96h
2,000V AC for 1minute
10N for 1minute
25N
25N
–10
℃ to +55℃
SDDJE
60N for 1minute
※260±10℃, 10±1s
85
±2℃ for 96h
40
±2℃, 90 to 95%RH for 96h
Rocker
SDDJF
1. ※1. Dip soldering can be used on SDDJE For PC board terminal and SDDJF right angle terminal types only.
2. ※2. The operating temperature range for automotive applications can be raised upon request. Please contact us for
requirements of this kind.
Notes
※1
※2
※1
※2
Photo
Travel
(mm)
Remark
9
9.7
14.6
3.5
5.2
2.5
1.5
Water-proof
type
Power Switches Cautions ……………………………………………………………………………………………………235
Power Switches Safety Standard ………………………………………………………………………………237, 238, 239
Page
215
217
219
220
221
225
Type
Series
Items
Load : as ratings
6,000cycles
0.25A 250V AC
0.5A 125V AC
5mA 5V DC
2A 250V AC
4A 125V AC
Rating
Operating life
12,000cycles
3A 125V AC
100,000cycles
0.5A 250V AC
1A 125V AC
Refer to individual
product spec.
10,000cycles
6A/96A 250V
16
(6)/250∼
Load : as ratings
Power Switches


Número de pieza similar - SDKQ110100

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Schurter Inc.
SDK SCHURTER-SDK Datasheet
252Kb / 3P
   Printmount Switch, Medium Stroke, 7.5 mm
SDK SCHURTER-SDK Datasheet
263Kb / 3P
   Printmount Switch, Medium Stroke, 7.5 mm
04.01.2022
logo
Winchester Electronics ...
SDK-2951 WINCHESTER-SDK-2951 Datasheet
44Kb / 1P
   PLUG
SDK-2963-13 WINCHESTER-SDK-2963-13 Datasheet
110Kb / 1P
   CLIP ASSEMBLY
logo
Festo Corporation.
SDK-3-PK-3 FESTO-SDK-3-PK-3 Datasheet
83Kb / 1P
   End stop limit switch
More results

Descripción similar - SDKQ110100

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
PHOENIX CONTACT
3045855 PHOENIX-3045855 Datasheet
111Kb / 5P
   Connectors, Type of connection: Screw connection
0611017 PHOENIX-0611017 Datasheet
63Kb / 3P
   Connection honeycomb, Connection type: Screw mounting, Number of positions
3031322 PHOENIX-3031322 Datasheet
178Kb / 5P
   Ground modular terminal block, Type of connection: Spring-cage connection, Spring-cage connection
0461047 PHOENIX-0461047 Datasheet
102Kb / 8P
   Double-level terminal block, Connection type
0614195 PHOENIX-0614195 Datasheet
47Kb / 2P
   Holder, Connection type: DIN rail mounting
logo
Shenzhen Huazhimei Semi...
HM4094 HMSEMI-HM4094 Datasheet
460Kb / 11P
   Switch type multi-section multi-type lithium battery charging circuit
logo
KEC(Korea Electronics)
KDR731 KEC-KDR731 Datasheet
393Kb / 2P
   SCHOTTKY BARRIER TYPE DIODE (SERIES CONNECTION)
logo
PHOENIX CONTACT
0461034 PHOENIX-0461034 Datasheet
102Kb / 8P
   Double-level terminal block, Connection type
logo
KEC(Korea Electronics)
KDR731S KEC-KDR731S Datasheet
391Kb / 2P
   SCHOTTKY BARRIER TYPE DIODE(SERIES CONNECTION)
logo
Sanyo Semicon Device
DCC010-TB-E SANYO-DCC010-TB-E Datasheet
67Kb / 2P
   Sillicon Epitaxial Planar Type (Series Connection)
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com