Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SDDJE31600 Datasheet(PDF) 4 Page - ALPS ELECTRIC CO.,LTD.

No. de pieza SDDJE31600
Descripción Electrónicos  10A 250V AC Qualified Type
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ALPS [ALPS ELECTRIC CO.,LTD.]
Página de inicio  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SDDJE31600 Datasheet(HTML) 4 Page - ALPS ELECTRIC CO.,LTD.

  SDDJE31600 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SDDJE31600 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SDDJE31600 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. SDDJE31600 Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. SDDJE31600 Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Rotary
Type
224
Push
Type
Rocker
Type
Slide
Type
Detector
Push
Slide
Rotary
Encoders
Power
Dual-in-line
Package Type
TACT Switch
TM
Custom-
Products
Z
Y1
Thickness of
mounting board
0.75 to 1.25
19.2
12.9
19.4
1.25 to 2.00
Y1
Z
Z
Y2
Thickness of
mounting board
0.75 to 1.1
19.5
12.9
19.7
19.9
1.1 to 1.7
1.7 to 2
Y2
Z
Unit:mm
Unit:mm
Square-shaped Hole
U-shaped Hole
Mounting Hole Dimensions
Marking Variety
Without marking
With IO marking
With –O marking
With
● marking
Verify the performance under actual product conditions before use.
Note
10A 250V AC Qualified Type
SDDJE Series
Power Switch


Número de pieza similar - SDDJE31600

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ALPS ELECTRIC CO.,LTD.
SDDJE31600 ALPS-SDDJE31600 Datasheet
1,007Kb / 6P
   10A 250V AC Qualified Type
More results

Descripción similar - SDDJE31600

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ALPS ELECTRIC CO.,LTD.
SDDJE ALPS-SDDJE_15 Datasheet
1,007Kb / 6P
   10A 250V AC Qualified Type
SDDJF ALPS-SDDJF Datasheet
125Kb / 3P
   16A 250V AC Qualified Type
SDDJF ALPS-SDDJF_15 Datasheet
912Kb / 4P
   16A 250V AC Qualified Type
SDKG ALPS-SDKG Datasheet
94Kb / 3P
   5A 250V AC Qualified Primary Input Voltage Selection Type
SDKH ALPS-SDKH Datasheet
85Kb / 2P
   5A 250V AC Qualified Primary Input Voltage Selection Type
SDKP ALPS-SDKP Datasheet
93Kb / 2P
   5A 250V AC Qualified Primary Input Voltage Selection Type
SDKN ALPS-SDKN Datasheet
113Kb / 3P
   0.5A 125V AC Qualified Type
SDKN ALPS-SDKN_15 Datasheet
855Kb / 4P
   0.5A 125V AC Qualified Type
logo
Eldeco Srl
MRD31-R ELDECO-MRD31-R Datasheet
375Kb / 1P
   Standard : UL - IEC 300V - 250V 10A - 10A
MRB31-3.5-V ELDECO-MRB31-3.5-V Datasheet
504Kb / 1P
   Standard : UL - IEC 300V - 250V 10A - 10A
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com