Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DM9102DE Datasheet(PDF) 8 Page - Davicom Semiconductor, Inc.

No. de pieza DM9102DE
Descripción Electrónicos  Single Chip Fast Ethernet NIC Controller
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DAVICOM [Davicom Semiconductor, Inc.]
Página de inicio  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9102DE Datasheet(HTML) 8 Page - Davicom Semiconductor, Inc.

Back Button DM9102DE Datasheet HTML 4Page - Davicom Semiconductor, Inc. DM9102DE Datasheet HTML 5Page - Davicom Semiconductor, Inc. DM9102DE Datasheet HTML 6Page - Davicom Semiconductor, Inc. DM9102DE Datasheet HTML 7Page - Davicom Semiconductor, Inc. DM9102DE Datasheet HTML 8Page - Davicom Semiconductor, Inc. DM9102DE Datasheet HTML 9Page - Davicom Semiconductor, Inc. DM9102DE Datasheet HTML 10Page - Davicom Semiconductor, Inc. DM9102DE Datasheet HTML 11Page - Davicom Semiconductor, Inc. DM9102DE Datasheet HTML 12Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 70 page
background image
8
Final
Version: DM9102D-DS-F01
May 10, 2006
mode 0 = Link and traffic LED. Active low to indicate normal
link, and it will flash as a traffic LED when transmitting or
receiving.
mode 1 = traffic LED only
88
FDX#
O/D
LED Output Pin, Active Low
mode 0 = Full duplex LED
mode 1 = Full duplex LED
89
SPD100#
O/D
LED Output Pin, Active Low
mode 0 = 100Mbps LED
mode 1 = 100Mbps LED
90
SPD10#
O/D
LED Output Pin, Active Low
mode 0 = 10Mbps LED
mode 1 = Link LED
5.4 Network Interface
Pin No.
128LQFP
Pin Name
I/O
Description
105,106
RXI+
RX-
I
100M/10Mbps Differential Input Pair.
These two pins are differential receive input pair for
100BASE-TX and 10BASE-T. They are capable of receiving
100BASE-TX MLT-3 or 10BASE-T Manchester encoded
data.
109,110
TXO+
TXO-
O
100M/10Mbps differential output pair.
These two pins are differential output pair for 100BASE-TX
and 10BASE-T. This output pair provides controlled rising and
falling time, designed to filter the transmitter’s output.
5.5 Miscellaneous Pins
Pin No.
128LQFP
Pin Name
I/O
Description
75
IDSEL2
O
PCI IDSEL 2.
When this pin is pulled high, the PCI multiple function is
present, and it act as PCI IDSEL2 function.
84
REQ2#
O
PCI Request 2
If the PCI multiple function mode is selected, this pin act as the
PCI REQ2# function.
83
GNT2#
I
PCI GNT2#
If the PCI multiple function mode is selected, this pin act as
GNT2# function.
When this pin is pulled high, the DM9102D is in LED mode 1
otherwise the led mode 0 is selected.
36
CLOCKRUN#
I/O
Clockrun#
The clockrun# signal is used by the system to pause or slow
down the PCI clock signal. It is used by the DM9102D to
enable or disable suspension or restart of the PCI clock. When
the CLOCKRUN# pin is not used, this pin should be connected
to an external pulled down resistor.
71
TEST2
I
TEST mode control 2
In normal operation, tie high to this pin.


Número de pieza similar - DM9102DE

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
DM9102DE ETC1-DM9102DE Datasheet
2Mb / 70P
   SINGLE CHIP FAST ETHEMET NIC CONTROLLER
logo
Davicom Semiconductor, ...
DM9102DE DAVICOM-DM9102DE Datasheet
58Kb / 3P
   Single Chip Fast Ethernet NIC Controller
DM9102DEP DAVICOM-DM9102DEP Datasheet
58Kb / 3P
   Single Chip Fast Ethernet NIC Controller
More results

Descripción similar - DM9102DE

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
DM9102A ETC-DM9102A Datasheet
459Kb / 77P
   Single Chip Fast Ethernet NIC controller
logo
Macronix International
MX98715AEC-D MCNIX-MX98715AEC-D Datasheet
255Kb / 40P
   SINGLE CHIP FAST ETHERNET NIC CONTROLLER
logo
List of Unclassifed Man...
MX98725 ETC1-MX98725 Datasheet
177Kb / 33P
   SINGLE CHIP FAST ETHERNET NIC CONTROLLER
logo
Davicom Semiconductor, ...
DM9102HEP DAVICOM-DM9102HEP Datasheet
41Kb / 3P
   Single Chip Fast Ethernet NIC Controller
DM9102DEP DAVICOM-DM9102DEP Datasheet
58Kb / 3P
   Single Chip Fast Ethernet NIC Controller
DM9102H DAVICOM-DM9102H Datasheet
965Kb / 77P
   Single Chip Fast Ethernet NIC Controller
logo
Macronix International
MX98715A MCNIX-MX98715A Datasheet
215Kb / 32P
   SINGLE CHIP FAST ETHERNET NIC CONTROLLER
MX98L715BEC MCNIX-MX98L715BEC Datasheet
578Kb / 50P
   3.3V SINGLE CHIP FAST ETHERNET NIC CONTROLLER
MX98715AEC-C MCNIX-MX98715AEC-C Datasheet
201Kb / 39P
   SINGLE CHIP FAST ETHERNET NIC CONTROLLER - CRYSTAL VERSION
MX98715AEC-E MCNIX-MX98715AEC-E Datasheet
201Kb / 39P
   SINGLE CHIP FAST ETHERNET NIC CONTROLLER - ENHANCED VERSION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com