Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TS128MDOM40H-S Datasheet(PDF) 10 Page - Transcend Information. Inc. |
|
TS128MDOM40H-S Datasheet(HTML) 10 Page - Transcend Information. Inc. |
10 / 39 page T T Tr rra a an n ns s sc c ce e en n nd d d 4 4 40 0 0---P P Piiin n n IIID D DE E E F F Fllla a as s sh h h M M Mo o od d du u ullle e e (((H H Ho o or rriiiz zzo o on n nttta a alll))) T T TS S S1 1 12 2 28 8 8M M M ~ ~ ~ 8 8 8G G GD D DO O OM M M4 4 40 0 0H H H---S S S Transcend Information Inc. Ver 1.3 10 True IDE PIO Mode Timing Diagram Figure 1: True IDE PIO Mode Timing Diagram Notes: (1) Device address consists of -CS0, -CS1, and A[02::00] (2) Data consists of D[15::00] (16-bit) or D[07::00] (8 bit) (3) -IOCS16 is shown for PIO modes 0, 1 and 2. For other modes, this signal is ignored. (4) The negation of IORDY by the device is used to extend the PIO cycle. The determination of whether the cycle is to be extended is made by the host after tA from the assertion of -IORD or -IOWR. The assertion and negation of IORDY is described in the following three cases: (4-1) Device never negates IORDY: No wait is generated. (4-2) Device starts to drive IORDY low before tA, but causes IORDY to be asserted before tA: No wait generated. (4-3) Device drives IORDY low before tA: wait generated. The cycle completes after IORDY is reasserted. For cycles where a wait is generated and -IORD is asserted, the device shall place read data on D15-D00 for tRD before causing IORDY to be asserted. |
Número de pieza similar - TS128MDOM40H-S |
|
Descripción similar - TS128MDOM40H-S |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |