Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ES5106 Datasheet(PDF) 10 Page - Cyrustek corporation

No. de pieza ES5106
Descripción Electrónicos  3 1/2 DIGIT A/D CONVERTER W/LCD
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CYRUSTEK [Cyrustek corporation]
Página de inicio  http://www.cyrustek.com.tw
Logo CYRUSTEK - Cyrustek corporation

ES5106 Datasheet(HTML) 10 Page - Cyrustek corporation

Back Button ES5106_03 Datasheet HTML 6Page - Cyrustek corporation ES5106_03 Datasheet HTML 7Page - Cyrustek corporation ES5106_03 Datasheet HTML 8Page - Cyrustek corporation ES5106_03 Datasheet HTML 9Page - Cyrustek corporation ES5106_03 Datasheet HTML 10Page - Cyrustek corporation ES5106_03 Datasheet HTML 11Page - Cyrustek corporation ES5106_03 Datasheet HTML 12Page - Cyrustek corporation ES5106_03 Datasheet HTML 13Page - Cyrustek corporation ES5106_03 Datasheet HTML 14Page - Cyrustek corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
ES5106
3 1/2 DIGIT A/D CONVERTER W/LCD
03/05/14
10
The source current of COMMON is only 10μA, so it is easy to
pull COMMON voltage to a more negative voltage with respect to
the positive supply.
When the total supply voltage is large enough to cause the
zener to regulate(>7V), the COMMON voltage will have a low
temperature cofficient typically less than 60 ppm/℃. This voltage
can be used to generate the ES5106 reference voltage and an
external voltage reference will be unnecessary in most cases.
Reference Voltage
For a 1000 counts reading, the input signal must be equal to the
reference voltage. So for a 2000 counts full-scale reading, it requires
the input signal be twice the reference voltage. Thus, for the 200mV
and 2.000V full-scale, the reference voltage should equal 100.0mV
and 1.000V, In some applications the full-scale input voltage may be
other than 200mV or 2V, but 600mV, for example, The reference
voltage should be set to 300 mV and the input signal can be used
directly without being divided.
The differential reference can be used during the measurment
of resistor by the ratiometric method and when a digital reading of
zero is desired for VIN≠0. A compensating offset voltage can be
applied between COMMON and IN LO and the voltage of being
measured is connected between COMMON and IN HI.


Número de pieza similar - ES5106_03

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
ES5107 ETC-ES5107 Datasheet
327Kb / 20P
   3 1/2 DIGIT A/D CONVERTER W/LED
logo
Cyrustek corporation
ES5107 CYRUSTEK-ES5107 Datasheet
282Kb / 20P
   31/2 DIGIT A/D CONVERTER W/LED
logo
Kemet Corporation
ES5107M016AE1EA KEMET-ES5107M016AE1EA Datasheet
92Kb / 2P
   Aluminum Electrolytic Capacitors
logo
List of Unclassifed Man...
ES5108 ETC1-ES5108 Datasheet
436Kb / 15P
   ADC with serial output
logo
Cyrustek corporation
ES5108 CYRUSTEK-ES5108 Datasheet
521Kb / 18P
   ADC with serial output
More results

Descripción similar - ES5106_03

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
ES5136 ETC1-ES5136 Datasheet
364Kb / 22P
   3 1/2 DIGIT A/D CONVERTER W/LCD
logo
Cyrustek corporation
ES5136 CYRUSTEK-ES5136 Datasheet
692Kb / 22P
   3 1/2 DIGIT A/D CONVERTER W/LCD(Low power)
logo
List of Unclassifed Man...
ES5107 ETC-ES5107 Datasheet
327Kb / 20P
   3 1/2 DIGIT A/D CONVERTER W/LED
logo
Intersil Corporation
HI7106 INTERSIL-HI7106_02 Datasheet
243Kb / 11P
   3 1/2 Digit, LCD/LED Display, A/D Converter
HI7106 INTERSIL-HI7106 Datasheet
123Kb / 11P
   3 1/2 Digit, LCD/LED Display, A/D Converter
logo
List of Unclassifed Man...
LD110 ETC-LD110 Datasheet
335Kb / 8P
   3 1/2 Digit A/D Converter Set
logo
Intersil Corporation
ICL7106 INTERSIL-ICL7106 Datasheet
534Kb / 16P
   3 1/2 Digit, LCD/LED Display, A/D Converters
logo
Wing Shing Computer Com...
WS7106 WINGS-WS7106 Datasheet
323Kb / 14P
   3 1/2 Digit LCD/LED Display A/D Converters
logo
Intersil Corporation
ICL7106CPLZ INTERSIL-ICL7106CPLZ Datasheet
610Kb / 17P
   3 1/2 Digit, LCD/LED Display, A/D Converters
October 24, 2014
logo
Cyrustek corporation
ES5107 CYRUSTEK-ES5107 Datasheet
282Kb / 20P
   31/2 DIGIT A/D CONVERTER W/LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com