Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ES5117Q Datasheet(PDF) 7 Page - Cyrustek corporation

No. de pieza ES5117Q
Descripción Electrónicos  3 1/2 DVM with LED Display and Hold
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CYRUSTEK [Cyrustek corporation]
Página de inicio  http://www.cyrustek.com.tw
Logo CYRUSTEK - Cyrustek corporation

ES5117Q Datasheet(HTML) 7 Page - Cyrustek corporation

Back Button ES5117Q Datasheet HTML 2Page - Cyrustek corporation ES5117Q Datasheet HTML 3Page - Cyrustek corporation ES5117Q Datasheet HTML 4Page - Cyrustek corporation ES5117Q Datasheet HTML 5Page - Cyrustek corporation ES5117Q Datasheet HTML 6Page - Cyrustek corporation ES5117Q Datasheet HTML 7Page - Cyrustek corporation ES5117Q Datasheet HTML 8Page - Cyrustek corporation ES5117Q Datasheet HTML 9Page - Cyrustek corporation ES5117Q Datasheet HTML 10Page - Cyrustek corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
03/07/21
7
ES5117 3 1/2 DVM with
LED Display and Hold
reference integrate cycle is stored on C
REF. A 0.1uF value capacitor is acceptable when
INLO is connected with COMMON. A mylar type dielectric capacitor is adequate.
8. TEST
The TEST pin is tied to the negative logic supply through a 500
Ω resistor. When TEST
is pulled high to V+ all segments will be turned on and the display should read -1888.
9. Hold
When the hold pin is connected to V+ the conversion result will not be update. The
conversion is still free running during hold mode.
TEST Circuit
1
2
3
4
5
6
7
8
9
10
11
33
32
31
30
29
28
27
26
25
24
23
12 13 14 15 16 17 18 19 20 21 22
44 43 42 41 40 39 38 37 36 35 34
100p
100K
0.1u
1M
1K
24K
+IN-
+5V
LED Display
Clock Frequency 48KHz (3 readings/second)
-5V
0V


Número de pieza similar - ES5117Q

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Ecliptek Corporation
ES5115A-12.800M ECLIPTEK-ES5115A-12.800M Datasheet
95Kb / 4P
   4.5mmHEIGHT THRU-HOLE SINEWAVE TCXO
ES5115A-12800M ECLIPTEK-ES5115A-12800M Datasheet
95Kb / 4P
   4.5mmHEIGHT THRU-HOLE SINEWAVE TCXO
ES5115AV-12.800M ECLIPTEK-ES5115AV-12.800M Datasheet
95Kb / 4P
   4.5mmHEIGHT THRU-HOLE SINEWAVE TCXO
ES5115AV-12800M ECLIPTEK-ES5115AV-12800M Datasheet
95Kb / 4P
   4.5mmHEIGHT THRU-HOLE SINEWAVE TCXO
ES5115B-12.800M ECLIPTEK-ES5115B-12.800M Datasheet
95Kb / 4P
   4.5mmHEIGHT THRU-HOLE SINEWAVE TCXO
More results

Descripción similar - ES5117Q

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
ES5116 ETC-ES5116 Datasheet
269Kb / 10P
   3 1/2 DVM with hold and low battery indication
logo
National Semiconductor ...
ADD3501 NSC-ADD3501 Datasheet
276Kb / 9P
   3 1/2 DIGIT DVM WITH MULTIPLEXED 7-SEGMENT OUTPUT
logo
Intersil Corporation
ICL7116 INTERSIL-ICL7116 Datasheet
140Kb / 14P
   31/2 Digit, LCD/LED Display, A/D Converter with Display Hold
logo
Microchip Technology
TC815 MICROCHIP-TC815 Datasheet
595Kb / 26P
   3-1/2 Digit Auto-Ranging A/D Converter with Triplex LCD Drive and Display Hold Function
2002
logo
TelCom Semiconductor, I...
TC811 TELCOM-TC811 Datasheet
171Kb / 12P
   3-1/2 DIGIT A/D CONVERTER WITH HOLD AND DIFFERENTIAL REFERENCE INPUTS
logo
Microchip Technology
TC7116 MICROCHIP-TC7116_13 Datasheet
322Kb / 26P
   3-1/2 Digit Analog-to-Digital Converters with Hold
11/29/12
TC7116 MICROCHIP-TC7116 Datasheet
549Kb / 22P
   3-1/2 Digit Analog-to-Digital Converters with Hold
2002
TC7116 MICROCHIP-TC7116_06 Datasheet
425Kb / 24P
   3-1/2 Digit Analog-to-Digital Converters with Hold
2006
logo
TelCom Semiconductor, I...
TC7116 TELCOM-TC7116 Datasheet
218Kb / 14P
   3-1/2 DIGIT ANALOG-TO-DIGITAL CONVERTERS WITH HOLD
logo
Microchip Technology
TC811 MICROCHIP-TC811 Datasheet
120Kb / 14P
   3-1/2 Digit Analog-To-Digital Converter with Hold and Differential Reference Inputs
2001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com