Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ES51925 Datasheet(PDF) 4 Page - Cyrustek corporation

No. de pieza ES51925
Descripción Electrónicos  3000 Counts Smart DMM
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CYRUSTEK [Cyrustek corporation]
Página de inicio  http://www.cyrustek.com.tw
Logo CYRUSTEK - Cyrustek corporation

ES51925 Datasheet(HTML) 4 Page - Cyrustek corporation

  ES51925 Datasheet HTML 1Page - Cyrustek corporation ES51925 Datasheet HTML 2Page - Cyrustek corporation ES51925 Datasheet HTML 3Page - Cyrustek corporation ES51925 Datasheet HTML 4Page - Cyrustek corporation ES51925 Datasheet HTML 5Page - Cyrustek corporation ES51925 Datasheet HTML 6Page - Cyrustek corporation ES51925 Datasheet HTML 7Page - Cyrustek corporation ES51925 Datasheet HTML 8Page - Cyrustek corporation ES51925 Datasheet HTML 9Page - Cyrustek corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
Ver 2.7
4
07/10/03
ES51925
3000 Counts Smart DMM
61
VAHz
I
Pulse to V- to enable VAHz mode.
62
SEL
I
Pulse to V- to select target measurement
63
HOLD
I
Pulse to V- to enable HOLD function.
64
FC1
I
Switch 1 for function selection.
65
FC2
I
Switch 2 for function selection.
66
FC3
I
Switch 3 for function selection.
67
FUA
I
Switch 1 for current measurement selection.
68
FA
I
Switch 2 for current measurement selection.
69
AON
I
Pull to high to sense current measurement priority in auto scan mode
70
VON
I
Pull to high to sense voltage measurement priority in auto scan mode
71
CLAMP
I
Switch for clamp meter application function
72 – 77
SEG15 – 10
O
LCD segment line 10 – 15
78 – 79
NC
-
80 – 88
SEG09 - 01
O
LCD segment line 01 – 09
89
OSC2
I
Crystal oscillator input connection
90
OSC1
O
Crystal oscillator output connection
91
BKSEL
I
When pulled to V-, an auto back light configuration is allowed.
Configure a low level applied to BKLIT larger than 1 second, the
BKOUT will be active.
If BKLIT is back to high level, the BKOUT would be inactive.
92
CESEL
I
OL selection feature control pin.
93
C+
O
Positive capacitor connection for on-chip DC-DC converter.
94
C-
O
Negative capacitor connection for on-chip DC-DC converter.
95
V-
P
Negative supply voltage. Connecting to battery negative terminal.
96
V-
P
Negative supply voltage. Connecting to battery negative terminal.
97
V+
P/O Output of on-chip DC-DC converter.
98
V+
P/O Output of on-chip DC-DC converter.
99
DGND
G
Digital ground.
100
AGND
G
Analog ground.
Absolute Maximum Ratings
Characteristic
Rating
Supply Voltage (V- to AGND)
-4V
Analog Input Voltage
V- -0.6 to V+ +0.6
V+
V+
(AGND/DGND+0.5V)
AGND/DGND
AGND/DGND
(V- -0.5V)
Digital Input
V- -0.6 to DGND +0.6
Power Dissipation. Flat Package
500mW
Operating Temperature
0℃ to 70℃
Storage Temperature
-25℃ to 125℃


Número de pieza similar - ES51925

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cyrustek corporation
ES51925 CYRUSTEK-ES51925 Datasheet
405Kb / 22P
   3000 Counts Smart DMM
ES51925 CYRUSTEK-ES51925_10 Datasheet
405Kb / 22P
   3000 Counts Smart DMM
More results

Descripción similar - ES51925

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cyrustek corporation
ES51925 CYRUSTEK-ES51925_10 Datasheet
405Kb / 22P
   3000 Counts Smart DMM
ES51926 CYRUSTEK-ES51926 Datasheet
347Kb / 22P
   3000 Counts Smart DMM
ES51926 CYRUSTEK-ES51926_10 Datasheet
412Kb / 22P
   3000 Counts Smart DMM
ES51927 CYRUSTEK-ES51927 Datasheet
342Kb / 22P
   6000 Counts Smart DMM
ES51928 CYRUSTEK-ES51928 Datasheet
345Kb / 22P
   6000 Counts Smart DMM
ES51927 CYRUSTEK-ES51927_10 Datasheet
407Kb / 22P
   6000 Counts Smart DMM
ES51928 CYRUSTEK-ES51928_10 Datasheet
411Kb / 22P
   6000 Counts Smart DMM
ES51929 CYRUSTEK-ES51929 Datasheet
728Kb / 25P
   6000 Counts Smart DMM
ES252 CYRUSTEK-ES252 Datasheet
874Kb / 36P
   2000 Counts DMM
ES277 CYRUSTEK-ES277 Datasheet
463Kb / 25P
   4000 Counts DMM
V 1.1 2016/08/16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com