Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ES51927 Datasheet(PDF) 3 Page - Cyrustek corporation

No. de pieza ES51927
Descripción Electrónicos  6000 Counts Smart DMM
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CYRUSTEK [Cyrustek corporation]
Página de inicio  http://www.cyrustek.com.tw
Logo CYRUSTEK - Cyrustek corporation

ES51927 Datasheet(HTML) 3 Page - Cyrustek corporation

  ES51927 Datasheet HTML 1Page - Cyrustek corporation ES51927 Datasheet HTML 2Page - Cyrustek corporation ES51927 Datasheet HTML 3Page - Cyrustek corporation ES51927 Datasheet HTML 4Page - Cyrustek corporation ES51927 Datasheet HTML 5Page - Cyrustek corporation ES51927 Datasheet HTML 6Page - Cyrustek corporation ES51927 Datasheet HTML 7Page - Cyrustek corporation ES51927 Datasheet HTML 8Page - Cyrustek corporation ES51927 Datasheet HTML 9Page - Cyrustek corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
Ver 2.7
3
07/10/03
ES51927
6000 Counts Smart DMM
10
IVSL
I
Low current measurement input
11
OVX
I
Input high voltage for resistance/capacitor measurement
12
OVH
I
Output connection for resistance/capacitor measurement
13
OVSG
I
Sense low voltage for resistance measurement
14
OR1
O
Reference resistor connection for 600.0Ω range
15
VR5
O
Voltage measurement ÷10000 attenuated (1000V)
16
VR4
O
Voltage measurement ÷1000 attenuated (600.0V)
17
VR3
O
Voltage measurement ÷100 attenuated (60.00V)
18
VR2
O
Voltage measurement ÷10 attenuated (6.000V)
19
TEST5
I/O Test pin
20
ACVL
I
DC signal low input in ACV/ACA mode. Connect to negative output of
external AC to DC converter.
21
ACVH
I
DC signal high input in ACV/ACA mode. Connect to positive output of
external AC to DC converter.
22
ADI
I
Negative input of internal AC to DC OP Amp.
23
ADO
O
Output of internal AC to DC OP Amp.
24
OHMC4
O
Filter capacitor connection for resistance mode
25
OHMC3
O
Filter capacitor connection for resistance mode
26
OHMC2
O
Filter capacitor connection for resistance mode
27
OHMC1
O
Filter capacitor connection for resistance mode
28
NC
-
29
VRH
O
Output of band-gap voltage reference. Typically –1.2V
30
VR
I
Reference input voltage connection. Typically –400mV
31
SGND
I
Signal Ground.
32
ADP
I
Measurement input in ADP mode
33
VA+
I
For ADP mode. De-integrating voltage positive input. The input should
be higher than VA-.
34
VA-
I
For ADP mode. De-integrating voltage negative input. The input should
be lower than VA+.
35
VR1
I
Measurement input.
36
NC
-
37
CA-
I/O Negative auto-zero capacitor connection for capacitor measurement
38
CA+
I/O Positive auto-zero capacitor connection for capacitor measurement
39
R9K
O
Connect to a precise 9KΩ resister for capacitor measurement.
40
R1K
O
Connect to a precise 1KΩ resister for capacitor measurement.
41
SLEEP
O
Sleep mode indicator, asserts low in SLEEP mode. Normal V+ output.
42
BUZIN
I
Pull to V- to enable the BUZOUT.
43
APOSEL
I
Auto power off idle time selection.
44
BUZOUT
O
Outputs a 2KHz audio frequency signal for driving piezoelectric buzzer
45
ACEN
O
Output to V- when AC mode inactive and output to V+ in AC mode.
46 – 50
NC
-
51
BKOUT
O
If BKLIT function is enabled, this pin will change from –3V to +3V
for 60 sec, once press BKLIT pin again within 60 sec, this pin will change
back to –3V.
52
ANNUNC
O
Square wave output at the backplane frequency, synchronized to BP1.
ANNUNC can be used to control display annunciator. Connect a LCD
segment to ANNUNC to turn it on; connect an LCD segment to its back
plane to turn it off.
53
BP4
O
LCD backplane 4
54
BP3
O
LCD backplane 3
55
BP2
O
LCD backplane 2
56
BP1
O
LCD backplane 1
57
EFEN
I
Pull-low to enable non-contact AC voltage detection
58
BKLIT
I
Back light function. Pulse low to set BKOUT pin output.
59
NC
-
60
RANGE
I
Pulse to V- to enable manual mode and manual range selection.


Número de pieza similar - ES51927

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cyrustek corporation
ES51927 CYRUSTEK-ES51927 Datasheet
407Kb / 22P
   6000 Counts Smart DMM
ES51927 CYRUSTEK-ES51927_10 Datasheet
407Kb / 22P
   6000 Counts Smart DMM
More results

Descripción similar - ES51927

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cyrustek corporation
ES51928 CYRUSTEK-ES51928 Datasheet
345Kb / 22P
   6000 Counts Smart DMM
ES51927 CYRUSTEK-ES51927_10 Datasheet
407Kb / 22P
   6000 Counts Smart DMM
ES51928 CYRUSTEK-ES51928_10 Datasheet
411Kb / 22P
   6000 Counts Smart DMM
ES51929 CYRUSTEK-ES51929 Datasheet
728Kb / 25P
   6000 Counts Smart DMM
ES237 CYRUSTEK-ES237 Datasheet
1Mb / 37P
   6000 Counts DMM
ES238 CYRUSTEK-ES238 Datasheet
863Kb / 37P
   6000 Counts DMM / Peak
ES239 CYRUSTEK-ES239 Datasheet
827Kb / 36P
   6000 Counts DMM / Inrush
ES51925 CYRUSTEK-ES51925_10 Datasheet
405Kb / 22P
   3000 Counts Smart DMM
ES51925 CYRUSTEK-ES51925 Datasheet
345Kb / 22P
   3000 Counts Smart DMM
ES51926 CYRUSTEK-ES51926 Datasheet
347Kb / 22P
   3000 Counts Smart DMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com