Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ES51982 Datasheet(PDF) 7 Page - Cyrustek corporation

No. de pieza ES51982
Descripción Electrónicos  3 1/2 CAP AUTO DMM
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CYRUSTEK [Cyrustek corporation]
Página de inicio  http://www.cyrustek.com.tw
Logo CYRUSTEK - Cyrustek corporation

ES51982 Datasheet(HTML) 7 Page - Cyrustek corporation

Back Button ES51982 Datasheet HTML 3Page - Cyrustek corporation ES51982 Datasheet HTML 4Page - Cyrustek corporation ES51982 Datasheet HTML 5Page - Cyrustek corporation ES51982 Datasheet HTML 6Page - Cyrustek corporation ES51982 Datasheet HTML 7Page - Cyrustek corporation ES51982 Datasheet HTML 8Page - Cyrustek corporation ES51982 Datasheet HTML 9Page - Cyrustek corporation ES51982 Datasheet HTML 10Page - Cyrustek corporation ES51982 Datasheet HTML 11Page - Cyrustek corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
08/09/09
7
ES51982
3 1/2 CAP AUTO DMM
OVSG
OR1
VR5
VR4
VR3
VR2
TEST5
ACVL
ACVH
ADI
ADO
1.111M
101K
10K
1K
100
ACV
1
2
3
4
5
6
7
14
13
12
11
10
9
8
2.2u
+
+Vs
+Vs
-Vs
500K
10K
150
-Vs
2.2u
+
1k
AGND
4.7u
22k
Figure 1. the ture RMS measurement using ES636
1.2 Resistance Measurement
A reconfigurable divider automatically provides a suitable full scale range in resistance
measurement mode. The following table summarizes the full scale ranges and the
reference resistors in each configuration.
Configuration
Full Scale Range
Divider Ratio
Resister Connection
OR1
200.0Ω
R6
100Ω
OR2
2.000KΩ
R5
1KΩ
OR3
20.00KΩ
R4
10KΩ
OR4
200.0KΩ
R1∥ R3
100KΩ
OR5
2.000MΩ
R1∥ R2
1MΩ
OR6
20.00MΩ
R1
10MΩ


Número de pieza similar - ES51982

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cyrustek corporation
ES51982 CYRUSTEK-ES51982 Datasheet
625Kb / 21P
   3 1/2 CAP AUTO DMM
ES51982 CYRUSTEK-ES51982_11 Datasheet
625Kb / 21P
   3 1/2 CAP AUTO DMM
More results

Descripción similar - ES51982

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cyrustek corporation
ES51982 CYRUSTEK-ES51982_11 Datasheet
625Kb / 21P
   3 1/2 CAP AUTO DMM
ES51981 CYRUSTEK-ES51981_11 Datasheet
575Kb / 21P
   3 1/2 AUTO DMM
ES51981 CYRUSTEK-ES51981 Datasheet
355Kb / 21P
   3 1/2 AUTO DMM
ES51984 CYRUSTEK-ES51984 Datasheet
381Kb / 22P
   3 3/4 CAP AUTO DMM
logo
List of Unclassifed Man...
ES51983 ETC-ES51983 Datasheet
275Kb / 20P
   3 3/4 CAP AUTO DMM
logo
Cyrustek corporation
ES51978 CYRUSTEK-ES51978 Datasheet
1,004Kb / 20P
   3 3/4 CAP AUTO DMM
logo
List of Unclassifed Man...
ES51962 ETC-ES51962 Datasheet
882Kb / 23P
   3 3/4 CAP AUTO DMM
ES51978 ETC1-ES51978 Datasheet
995Kb / 20P
   3 3/4 CAP AUTO DMM
logo
Cyrustek corporation
ES51962 CYRUSTEK-ES51962 Datasheet
887Kb / 23P
   3 3/4 CAP AUTO DMM
ES51984 CYRUSTEK-ES51984_11 Datasheet
611Kb / 22P
   3 3/4 CAP AUTO DMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com