Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ES51986 Datasheet(PDF) 7 Page - Cyrustek corporation

No. de pieza ES51986
Descripción Electrónicos  6000 Count AUTO DMM
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CYRUSTEK [Cyrustek corporation]
Página de inicio  http://www.cyrustek.com.tw
Logo CYRUSTEK - Cyrustek corporation

ES51986 Datasheet(HTML) 7 Page - Cyrustek corporation

Back Button ES51986 Datasheet HTML 3Page - Cyrustek corporation ES51986 Datasheet HTML 4Page - Cyrustek corporation ES51986 Datasheet HTML 5Page - Cyrustek corporation ES51986 Datasheet HTML 6Page - Cyrustek corporation ES51986 Datasheet HTML 7Page - Cyrustek corporation ES51986 Datasheet HTML 8Page - Cyrustek corporation ES51986 Datasheet HTML 9Page - Cyrustek corporation ES51986 Datasheet HTML 10Page - Cyrustek corporation ES51986 Datasheet HTML 11Page - Cyrustek corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
07/01/02
7
ES51986
6000 Count AUTO DMM
OVSG
OR1
VR5
VR4
VR3
VR2
TEST5
ACVL
ACVH
ADI
ADO
1.111M
101K
10K
1K
100
ACV
1
2
3
4
5
6
7
14
13
12
11
10
9
8
2.2u
+
+Vs
+Vs
-Vs
500K
10K
150
-Vs
2.2u
+
1k
AGND
4.7u
22k
Figure 1. Ture RMS measurement using ES636
1.2 Resistance Measurement
A reconfigurable divider automatically provides a suitable full scale range in resistance
measurement mode. The following table summarizes the full scale ranges and the
reference resistors in each configuration.
Configuration
Full Scale Range
Divider Ratio
Resister Connection
OR1
600.0Ω
R6
100Ω
OR2
6.000KΩ
R5
1KΩ
OR3
60.00KΩ
R4
10KΩ
OR4
600.0KΩ
R1‖ R3
100KΩ
OR5
6.000MΩ
R1‖ R2
1MΩ
OR6
60.00MΩ
R1
10MΩ


Número de pieza similar - ES51986

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
ES51986 ETC1-ES51986 Datasheet
286Kb / 23P
   6000 COUNT AUTO DMM
logo
Cyrustek corporation
ES51986 CYRUSTEK-ES51986 Datasheet
616Kb / 23P
   6000 Count AUTO DMM
ES51986 CYRUSTEK-ES51986_11 Datasheet
616Kb / 23P
   6000 Count AUTO DMM
More results

Descripción similar - ES51986

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
ES51986 ETC1-ES51986 Datasheet
286Kb / 23P
   6000 COUNT AUTO DMM
logo
Cyrustek corporation
ES51985 CYRUSTEK-ES51985 Datasheet
286Kb / 21P
   6000 Count AUTO DMM
ES51986 CYRUSTEK-ES51986_11 Datasheet
616Kb / 23P
   6000 Count AUTO DMM
ES237 CYRUSTEK-ES237 Datasheet
1Mb / 37P
   6000 Counts DMM
ES51927 CYRUSTEK-ES51927 Datasheet
342Kb / 22P
   6000 Counts Smart DMM
ES51927 CYRUSTEK-ES51927_10 Datasheet
407Kb / 22P
   6000 Counts Smart DMM
ES51929 CYRUSTEK-ES51929 Datasheet
728Kb / 25P
   6000 Counts Smart DMM
ES51928 CYRUSTEK-ES51928 Datasheet
345Kb / 22P
   6000 Counts Smart DMM
ES238 CYRUSTEK-ES238 Datasheet
863Kb / 37P
   6000 Counts DMM / Peak
ES239 CYRUSTEK-ES239 Datasheet
827Kb / 36P
   6000 Counts DMM / Inrush
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com