Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SMFZ4.3V-36V Datasheet(PDF) 1 Page - KEC(Korea Electronics)

No. de pieza SMFZ4.3V-36V
Descripción Electrónicos  SEMICONDUCTOR TECHNICAL DATA
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  KEC [KEC(Korea Electronics)]
Página de inicio  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

SMFZ4.3V-36V Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  SMFZ4.3V-36V Datasheet HTML 1Page - KEC(Korea Electronics) SMFZ4.3V-36V Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2010. 2. 1
1/2
SEMICONDUCTOR
TECHNICAL DATA
SMFZ4.3V-36V
Rvision No : 1
CONSTANT VOLTAGE REGULATION APPLICATION.
REFERENCE VOLTAGE APPLICATION.
FEATURES
Nominal Voltage Tolerance About
6%.
Small Power Mold Type : SMF
MAXIMUM RATING (Ta=25
)
+_
+_
+_
+_
+_
+_
SMF
DIM
MILLIMETERS
A
B
C
D
E
F
G
2.6 0.05
3.5 0.1
0.9 0.05
1.6 0.05
0.65 0.05
+_
0.11 0.05
0 ~ 0.1
D
F
0.98 0.05
H
1
2
C
G
H
1. ANODE
2. CATHODE
ZENER DIODE
SILICON EPITAXIAL PLANAR DIODE
CHARACTERISTIC
SYMBOL
RATING
UNIT
Power Dissipation
PD
1,000
mW
Junction Temperature
Tj
150
Storage Temperature Range
Tstg
-55
150
Marking
Type Name
Lot No.
Type No.
Marking
Type No.
Marking
Type No.
Marking
Type No.
Marking
SMFZ4.3V
ZZJ
SMFZ7.5V
ZZQ
SMFZ13V
Z13
SMFZ24V
Z24
SMFZ4.7V
ZZK
SMFZ8.2V
ZZR
SMFZ15V
Z15
SMFZ27V
Z27
SMFZ5.1V
ZZL
SMFZ9.1V
ZZS
SMFZ16V
Z16
SMFZ30V
Z30
SMFZ5.6V
ZZM
SMFZ10V
Z10
SMFZ18V
Z18
SMFZ33V
Z33
SMFZ6.2V
ZZN
SMFZ11V
Z11
SMFZ20V
Z20
SMFZ36V
Z36
SMFZ6.8V
ZZP
SMFZ12V
Z12
SMFZ22V
Z22


Número de pieza similar - SMFZ4.3V-36V

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SUNMATE electronic Co.,...
SMFZ43 SUNMATE-SMFZ43 Datasheet
278Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
SMFZ47 SUNMATE-SMFZ47 Datasheet
278Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
SMFZ4V3 SUNMATE-SMFZ4V3 Datasheet
278Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
SMFZ4V7 SUNMATE-SMFZ4V7 Datasheet
278Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
More results

Descripción similar - SMFZ4.3V-36V

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
KEC(Korea Electronics)
KGT15N120KDA KEC-KGT15N120KDA Datasheet
1Mb / 8P
   SEMICONDUCTOR TECHNICAL DATA
KGT25N120KDA KEC-KGT25N120KDA Datasheet
567Kb / 8P
   SEMICONDUCTOR TECHNICAL DATA
KGH15N120NDA KEC-KGH15N120NDA Datasheet
64Kb / 6P
   SEMICONDUCTOR TECHNICAL DATA
logo
Leshan Radio Company
BZX84C2V4LT1 LRC-BZX84C2V4LT1 Datasheet
171Kb / 5P
   SEMICONDUCTOR(TECHNICAL DATA)
logo
KEC(Korea Electronics)
KIA78R015PI KEC-KIA78R015PI Datasheet
108Kb / 10P
   SEMICONDUCTOR TECHNICAL DATA
KIA78R015F KEC-KIA78R015F Datasheet
108Kb / 10P
   SEMICONDUCTOR TECHNICAL DATA
A393F KEC-A393F Datasheet
67Kb / 3P
   SEMICONDUCTOR TECHNICAL DATA
Revision No : 0
logo
Motorola, Inc
MRF372 MOTOROLA-MRF372 Datasheet
528Kb / 12P
   SEMICONDUCTOR TECHNICAL DATA
logo
KEC(Korea Electronics)
KGT15N120NDA KEC-KGT15N120NDA Datasheet
101Kb / 6P
   SEMICONDUCTOR TECHNICAL DATA
KIC9256 KEC-KIC9256 Datasheet
707Kb / 29P
   SEMICONDUCTOR TECHNICAL DATA
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com