Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TS4GJFV33 Datasheet(PDF) 2 Page - Transcend Information. Inc.

No. de pieza TS4GJFV33
Descripción Electrónicos  4GB USB2.0 JetFlash?줧33
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TRANSCEND [Transcend Information. Inc.]
Página de inicio  http://www.transcendusa.com
Logo TRANSCEND - Transcend Information. Inc.

TS4GJFV33 Datasheet(HTML) 2 Page - Transcend Information. Inc.

  TS4GJFV33 Datasheet HTML 1Page - Transcend Information. Inc. TS4GJFV33 Datasheet HTML 2Page - Transcend Information. Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
T
T
TS
S
S4
4
4G
G
GJ
J
JF
F
FV
V
V3
3
33
3
3
4GB USB2.0 JetFlash™V33
Transcend Information Inc.
2
Pinouts
Pin No.
Pin Name
Function
01
VCC
USB power input
02
USB-
03
USB+
USB
differential
signal
04
VSS
Ground
Specifications
Storage Capacity
4GB**
Data Retention
10 years
Erase Cycles
>10,000 times
Connector Durability
10,000 times
System Performance
Read: 20MB/sec (max.), Write: 6MB/sec (max.)
Wear-leveling
Dynamic
Power Supply
DC 5V
±10%, Max current : 200 mA
Temperature Range
Operation: 0-70
o
C, Non-Operating: -20
o
C-75
o
C
Certificates
CE, FCC, BSMI, C-tick, KCC
Above technical information is based on industry standard data and tested to be reliable. However, Transcend makes no
warranty, either expressed or implied, as to its accuracy and assumes no liability in connection with the use of this product.
Transcend reserves the right to make changes in specifications at any time without prior notice.
* 1GB = 1 billion bytes. A certain portion of the storage capacity may be reserved for firmware and maintenance use.


Número de pieza similar - TS4GJFV33

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Transcend Information. ...
TS4GJFV30 TRANSCEND-TS4GJFV30 Datasheet
59Kb / 2P
   4GB USB2.0 JetFlash?줧30
TS4GJFV35 TRANSCEND-TS4GJFV35 Datasheet
56Kb / 2P
   4GB USB2.0 JetFlash?줧35
More results

Descripción similar - TS4GJFV33

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Transcend Information. ...
TS16GJFV33 TRANSCEND-TS16GJFV33 Datasheet
50Kb / 2P
   16GB USB2.0 JetFlash?줧33
TS8GJFV33 TRANSCEND-TS8GJFV33 Datasheet
51Kb / 2P
   8GB USB2.0 JetFlash?줧33
TS2GJFV33 TRANSCEND-TS2GJFV33 Datasheet
49Kb / 2P
   2GB USB2.0 JetFlash?줧33
TS1GJFV33 TRANSCEND-TS1GJFV33 Datasheet
60Kb / 2P
   1GB USB2.0 JetFlash?줧33
TS4GJF150 TRANSCEND-TS4GJF150 Datasheet
76Kb / 3P
   4GB USB2.0 JetFlash?
TS4GJF185 TRANSCEND-TS4GJF185 Datasheet
55Kb / 3P
   4GB USB2.0 JetFlash?
TS4GJF130 TRANSCEND-TS4GJF130 Datasheet
63Kb / 3P
   4GB USB2.0 JetFlash?
TS4GJF160 TRANSCEND-TS4GJF160 Datasheet
60Kb / 3P
   4GB USB2.0 JetFlash?
TS4GJF220 TRANSCEND-TS4GJF220 Datasheet
58Kb / 2P
   4GB USB2.0 JetFlash??20
TS4GJFV15 TRANSCEND-TS4GJFV15 Datasheet
72Kb / 2P
   4GB USB2.0 JetFlash?줧15
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com